Electronic Components Datasheet Search |
|
FCD4N60TM Datasheet(PDF) 6 Page - Fairchild Semiconductor |
|
FCD4N60TM Datasheet(HTML) 6 Page - Fairchild Semiconductor |
6 / 14 page Qualification Plan Device Package Process No. of Lots Q20120260 FDP22N50N TO220003 UniFET2 500V 3 Reliability Test Condition Standard Device Name FDP22N50N FDP22N50N FDP22N50N Lot No. Q20120260AA Q20120260AB Q20120260AC Duration Result/FA Result/FA Result/FA HTGB 100 % Rated VGS, Tj max=150C JESD22- A108 1000hrs 0/77 0/77 0/77 HTRB 80% of Rated BV, Tj max=150C JESD22- A108 1000hrs 0/77 0/77 0/77 HTSL 150 C JESD22- A103 1000hrs 0/77 0/77 0/77 HAST 130 C, 85% RH, Vds=42V JESD22- A110 96hrs 0/77 0/77 0/77 PRCL Delta 100C, 3.5 min on, 3.5 min off MIL- STD- 750- 1036 8572 cycles 0/77 0/77 0/77 RSDH 260C JESD22- B106 10 sec 0/30 0/30 0/30 TMCL -65 C to 150 C, 30 min/ cycles JESD22- A104 500 cycles 0/77 0/77 0/77 Qualification Plan Device Package Process No. of Lots Q20120263 FCP20N60 TO220003 Super-FET 600V TO220 3 Reliability Test Condition Standard Device Name FCP20N60 FCP20N60 FCP20N60 Lot No. Q20120263AA Q20120263AB Q20120263AC Duration Result/FA Result/FA Result/FA HTGB 100 % Rated VGS, Tj max=150C JESD22- A108 1000hrs 0/77 0/77 0/77 HTRB 80% of Rated BV, Tj max=150C JESD22- A108 1000hrs 0/77 0/77 0/77 HTSL 150 C JESD22- A103 1000hrs 0/77 0/77 0/77 HAST 130 C, 85% RH, Vds=42V JESD22- A110 96hrs 0/77 0/77 0/77 PRCL Delta 100C, 3.5 min on, 3.5 min off MIL- STD- 750- 1036 8572 cycles 0/77 0/77 0/77 RSDH 260C JESD22- B106 10 sec 0/30 0/30 0/30 TMCL -65 C to 150 C, 30 min/ cycles JESD22- A104 500 cycles 0/77 0/77 0/77 6 of 14 |
Similar Part No. - FCD4N60TM |
|
Similar Description - FCD4N60TM |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.NET |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |