Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MIMMG50H120X6TN Datasheet(PDF) 4 Page - Micross Components

Part # MIMMG50H120X6TN
Description  1200V 50A Six-Pack Module RoHS Compliant
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROSS [Micross Components]
Direct Link  http://www.micross.com
Logo MICROSS - Micross Components

MIMMG50H120X6TN Datasheet(HTML) 4 Page - Micross Components

  MIMMG50H120X6TN Datasheet HTML 1Page - Micross Components MIMMG50H120X6TN Datasheet HTML 2Page - Micross Components MIMMG50H120X6TN Datasheet HTML 3Page - Micross Components MIMMG50H120X6TN Datasheet HTML 4Page - Micross Components MIMMG50H120X6TN Datasheet HTML 5Page - Micross Components MIMMG50H120X6TN Datasheet HTML 6Page - Micross Components  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
MIMMG50H120X6TN
8
12
0
20
40
60
100
120
VGE(V)
Figure3. Typical Transfer characteristics
IGBT-inverter
0
4
6
2
00
10
20
30
40
Eon
Eoff
RG(Ω)
Figure4. Switching Energy vs. Gate Resistor
IGBT-inverter
VCE=600V
IC=50A
VGE=±15V
TVj =125°C
0
20
IC(A)
Figure5. Switching Energy vs. Collector Current
IGBT-inverter
VCE=600V
RG=18
Ω
VGE=±15V
TVj =125°C
100
60
40
0
200 400 600 800 1000 1200
VCE(V)
Figure6. Reverse Biased Safe Operating Area
IGBT-inverter
1400
20
40
100
TVj =125°C
TVj =25°C
VCE =20V
Eoff
Eon
12
10
9
7
6
5
8
0
4
8
20
RG=18Ω
VGE=±15V
TVj =125°C
12
RG(Ω)
Figure8. Switching Energy vs. Gate Resistor
Diode -inverter
VF(V)
Figure7. Diode Forward Characteristics
Diode -inverter
0.5
0
1.0
1.5
0
0
.
2
10
20
30
40
0
20
60
100
40
TVj =25°C
TVj =125°C
6.0
4.0
2.0
0
8.0
11
2.5
IF=50
A
VCE=600V
TVj =125°C
60
80
80
16
10
80
80


Similar Part No. - MIMMG50H120X6TN

ManufacturerPart #DatasheetDescription
logo
Micross Components
MIMMG50J120U MICROSS-MIMMG50J120U Datasheet
3Mb / 5P
   1200V 50A IGBT Module RoHS Compliant
MIMMG50SR120B MICROSS-MIMMG50SR120B Datasheet
2Mb / 5P
   1200V 50A IGBT Module RoHS Compliant
MIMMG50SR120DE MICROSS-MIMMG50SR120DE Datasheet
2Mb / 5P
   1200V 50A IGBT Module RoHS Compliant
MIMMG50SR120UA MICROSS-MIMMG50SR120UA Datasheet
2Mb / 5P
   1200V 50A IGBT Module RoHS Compliant
MIMMG50SR120UK MICROSS-MIMMG50SR120UK Datasheet
2Mb / 5P
   1200V 50A IGBT Module RoHS Compliant
More results

Similar Description - MIMMG50H120X6TN

ManufacturerPart #DatasheetDescription
logo
Micross Components
MIMMG100W120X6TN MICROSS-MIMMG100W120X6TN Datasheet
2Mb / 6P
   1200V 100A Six-Pack Module RoHS Compliant
MIMMG150W120X6TN MICROSS-MIMMG150W120X6TN Datasheet
2Mb / 6P
   1200V 150A Six-Pack Module RoHS Compliant
MIMMG75H120X6TN MICROSS-MIMMG75H120X6TN Datasheet
2Mb / 6P
   1200V 75A Six-Pack Module RoHS Compliant
MIMMG25H120X6TN MICROSS-MIMMG25H120X6TN Datasheet
2Mb / 6P
   1200V 25A Six-Pack Module RoHS Compliant
logo
MacMic
MMGT50W120X6C MACMIC-MMGT50W120X6C Datasheet
509Kb / 6P
   1200V 50A Six-Pack Module
MMGT50H120X6C MACMIC-MMGT50H120X6C Datasheet
296Kb / 6P
   1200V 50A Six-Pack Module
MMG50H120X6HN MACMIC-MMG50H120X6HN Datasheet
380Kb / 6P
   1200V 50A Six-Pack Module
MMG50H120X6TC MACMIC-MMG50H120X6TC Datasheet
1Mb / 6P
   1200V 50A Six-Pack Module
MMG50H120X6TN MACMIC-MMG50H120X6TN Datasheet
380Kb / 6P
   1200V 50A Six-Pack Module
logo
Nihon Inter Electronics...
PTMB50B12 NIEC-PTMB50B12 Datasheet
130Kb / 3P
   IGBT MODULE Six-Pack 50A 1200V
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com