Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MIMMF200N070DA Datasheet(PDF) 2 Page - Micross Components

Part # MIMMF200N070DA
Description  700V 200A FRED Module RoHS Compliant
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROSS [Micross Components]
Direct Link  http://www.micross.com
Logo MICROSS - Micross Components

MIMMF200N070DA Datasheet(HTML) 2 Page - Micross Components

  MIMMF200N070DA Datasheet HTML 1Page - Micross Components MIMMF200N070DA Datasheet HTML 2Page - Micross Components MIMMF200N070DA Datasheet HTML 3Page - Micross Components  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
MIMMF200N070DA
MIMMF200N070DK
ELECTRICAL CHARACTERISTICS
TC=25°C unless otherwise specified
Symbol
Parameter
Test Conditions
Min.
Typ.
Max.
Unit
VR=700V
--
--
1
mA
IRM
Reverse Leakage Current
VR=700V, TJ=125°C
--
--
2
mA
IF=100A
--
1.55
1.9
V
VF
Forward Voltage
IF=100A, TJ=125°C
--
--
1.6
V
trr
Reverse Recovery Time
IF=1A, VR=30V, diF/dt=-200A/μs
--
38
--
ns
trr
Reverse Recovery Time
--
85
--
ns
IRRM
Max. Reverse Recovery Current
VR=350V, IF=100A
diF/dt=-200A/μs, TJ=25°C
--
10
--
A
trr
Reverse Recovery Time
--
180
--
ns
IRRM
Max. Reverse Recovery Current
VR=350V, IF=100A
diF/dt=-200A/μs, TJ=125°C
--
22
--
A
500
250
VR=350V
TJ =125°C
200
400
300
150
TJ =125°C
200
100
TJ =25°C
VF(V)
Figure1. Forward Voltage Drop vs Forward Current
50
100 IF=200A
IF=100A
IF=50A
0
0
0
1
1.5
2.5
0.5
2
diF/dt(A/μs)
Figure2. Reverse Recovery Time vs diF/dt
0
200
400
600
800
1000
2
3
4
5
VR=350V
TJ =125°C
IF=200A
IF=50A
IF=100A
IF=200A
IF=100A
IF=50A
100
VR=350V
TJ =125°C
80
60
40
1
20
0
diF/dt(A/μs)
Figure3. Reverse Recovery Current vs diF/dt
0
200
400
600
800
1000
diF/dt(A/μs)
Figure4. Reverse Recovery Charge vs diF/dt
0
200
400
600
800
1000
0


Similar Part No. - MIMMF200N070DA

ManufacturerPart #DatasheetDescription
logo
Micross Components
MIMMF200N070DA MICROSS-MIMMF200N070DA Datasheet
1Mb / 3P
   700V 200A FRED Module RoHS Compliant
More results

Similar Description - MIMMF200N070DA

ManufacturerPart #DatasheetDescription
logo
Micross Components
MIMMF200N070DA MICROSS-MIMMF200N070DA Datasheet
1Mb / 3P
   700V 200A FRED Module RoHS Compliant
MIMMF2X60J070D MICROSS-MIMMF2X60J070D Datasheet
1Mb / 3P
   700V 60A FRED Module RoHS Compliant
MIMMF200S060B MICROSS-MIMMF200S060B Datasheet
1Mb / 3P
   600V 200A FRED Module RoHS Compliant
MIMMF200S060DK2B MICROSS-MIMMF200S060DK2B Datasheet
1Mb / 3P
   600V 200A FRED Module RoHS Compliant
MIMMF200Y040DK1 MICROSS-MIMMF200Y040DK1 Datasheet
1Mb / 3P
   400V 200A FRED Module RoHS Compliant
MIMMF200S060DK MICROSS-MIMMF200S060DK Datasheet
1Mb / 3P
   600V 200A FRED Module RoHS Compliant
MIMMF200N120DA MICROSS-MIMMF200N120DA Datasheet
1Mb / 3P
   1200V 200A FRED Module RoHS Compliant
logo
MacMic
MMF200N070DA MACMIC-MMF200N070DA Datasheet
385Kb / 3P
   700V 200A FRED Module
logo
Micross Components
MIMMF200ZB040DK1 MICROSS-MIMMF200ZB040DK1 Datasheet
1Mb / 3P
   400V 200A FRED Module RoHS Compliant
MIMMF200S120B MICROSS-MIMMF200S120B Datasheet
1Mb / 2P
   1200V 200A FRED Module RoHS Compliant
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com