Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MIMMD200FB160X Datasheet(PDF) 2 Page - Micross Components

Part # MIMMD200FB160X
Description  1200V 200A Rectifier Module RoHS Compliant
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROSS [Micross Components]
Direct Link  http://www.micross.com
Logo MICROSS - Micross Components

MIMMD200FB160X Datasheet(HTML) 2 Page - Micross Components

  MIMMD200FB160X Datasheet HTML 1Page - Micross Components MIMMD200FB160X Datasheet HTML 2Page - Micross Components  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
MIMMD200FB160X
ELECTRICAL AND THERMAL CHARACTERISTICS
TC=25°C unless otherwise specified
ti
n
U
e
u
l
a
V
n
o
it
i
d
n
o
C
t
s
e
T
l
o
b
m
y
S
VR= VRRM; TJ = 25
≤0.5
mA
IR
VR= VRRM; TJ =TJM
≤5
mA
VF
IF=300A; TJ=125
V
1
5
.
1
VT0
V
8
.
0
y
l
n
o
s
n
o
it
a
l
u
c
l
a
c
s
s
o
l-
r
e
w
o
p
r
o
F
W
/
K
4
5
.
0
e
d
o
i
d
r
e
p
RthJC
9
0
.
0
e
l
u
d
o
m
r
e
P
K/W
W
/
K
8
1
.
0
e
d
o
i
d
r
e
p
RthCS
W
/
K
3
0
.
0
e
l
u
d
o
m
r
e
p
dS
m
m
0
1
e
c
a
fr
u
s
n
o
e
c
n
a
t
s
i
d
g
n
i
p
e
e
r
C
dA
m
m
4
.
9
ri
a
n
i
e
c
n
a
t
s
i
d
e
g
a
p
e
e
r
C
s
/
m
0
5
n
o
it
a
r
e
l
e
c
c
a
e
l
b
a
w
o
ll
a
.
x
a
M
a
2
NOTE: Data according to IEC 60747 and refer to a single diode unless otherwise stated.
Package Outline (Dimensions in mm)


Similar Part No. - MIMMD200FB160X

ManufacturerPart #DatasheetDescription
logo
Micross Components
MIMMD200F120X MICROSS-MIMMD200F120X Datasheet
1Mb / 2P
   1200V 200A Rectifier Module RoHS Compliant
MIMMD200F140X MICROSS-MIMMD200F140X Datasheet
1Mb / 2P
   1400V 200A Rectifier Module RoHS Compliant
MIMMD200F160X MICROSS-MIMMD200F160X Datasheet
1Mb / 2P
   1600V 200A Rectifier Module RoHS Compliant
MIMMD200F180X MICROSS-MIMMD200F180X Datasheet
1Mb / 2P
   1800V 200A Rectifier Module RoHS Compliant
More results

Similar Description - MIMMD200FB160X

ManufacturerPart #DatasheetDescription
logo
Micross Components
MIMMD200F120X MICROSS-MIMMD200F120X Datasheet
1Mb / 2P
   1200V 200A Rectifier Module RoHS Compliant
MIMMD200S120DK MICROSS-MIMMD200S120DK Datasheet
1Mb / 2P
   1200V 200A Rectifier Diode Module RoHS Compliant
MIMMD200S120B MICROSS-MIMMD200S120B Datasheet
1Mb / 2P
   1200V 200A Rectifier Diode Module RoHS Compliant
MIMMG200DR120UZA MICROSS-MIMMG200DR120UZA Datasheet
2Mb / 5P
   1200V 200A IGBT Module RoHS Compliant
MIMMG200DR120UK MICROSS-MIMMG200DR120UK Datasheet
2Mb / 5P
   1200V 200A IGBT Module RoHS Compliant
MIMMF200N120DA MICROSS-MIMMF200N120DA Datasheet
1Mb / 3P
   1200V 200A FRED Module RoHS Compliant
MIMMG200DR120DE MICROSS-MIMMG200DR120DE Datasheet
2Mb / 5P
   1200V 200A IGBT Module RoHS Compliant
MIMMG200D120B6UN MICROSS-MIMMG200D120B6UN Datasheet
2Mb / 5P
   1200V 200A IGBT Module RoHS Compliant
MIMMG200D120B6TN MICROSS-MIMMG200D120B6TN Datasheet
2Mb / 5P
   1200V 200A IGBT Module RoHS Compliant
MIMMG200DR120B MICROSS-MIMMG200DR120B Datasheet
2Mb / 5P
   1200V 200A IGBT Module RoHS Compliant
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com