Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

IRLH6224TRPBF Datasheet(PDF) 4 Page - International Rectifier

Part # IRLH6224TRPBF
Description  Battery Protection Switch
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

IRLH6224TRPBF Datasheet(HTML) 4 Page - International Rectifier

  IRLH6224TRPBF Datasheet HTML 1Page - International Rectifier IRLH6224TRPBF Datasheet HTML 2Page - International Rectifier IRLH6224TRPBF Datasheet HTML 3Page - International Rectifier IRLH6224TRPBF Datasheet HTML 4Page - International Rectifier IRLH6224TRPBF Datasheet HTML 5Page - International Rectifier IRLH6224TRPBF Datasheet HTML 6Page - International Rectifier IRLH6224TRPBF Datasheet HTML 7Page - International Rectifier IRLH6224TRPBF Datasheet HTML 8Page - International Rectifier IRLH6224TRPBF Datasheet HTML 9Page - International Rectifier  
Zoom Inzoom in Zoom Outzoom out
 4 / 9 page
background image
IRLH6224PbF
4
www.irf.com
Fig 11. Maximum Effective Transient Thermal Impedance, Junction-to-Case (Bottom)
Fig 8. Maximum Safe Operating Area
Fig 9. Maximum Drain Current vs.
Case (Bottom) Temperature
Fig 7. Typical Source-Drain Diode Forward Voltage
Fig 10. Threshold Voltage vs. Temperature
0.2
0.4
0.6
0.8
1.0
1.2
1.4
1.6
1.8
VSD, Source-to-Drain Voltage (V)
1.0
10
100
1000
TJ = 25°C
TJ = 150°C
VGS = 0V
-75 -50 -25
0
25
50
75 100 125 150
TJ , Temperature ( °C )
0.2
0.4
0.6
0.8
1.0
1.2
1.4
1.6
ID = 50μA
ID = 250μA
ID = 1.0mA
ID = 1.0A
1E-006
1E-005
0.0001
0.001
0.01
0.1
t1 , Rectangular Pulse Duration (sec)
0.001
0.01
0.1
1
10
0.20
0.10
D = 0.50
0.02
0.01
0.05
SINGLE PULSE
( THERMAL RESPONSE )
Notes:
1. Duty Factor D = t1/t2
2. Peak Tj = P dm x Zthjc + Tc
0.1
1
10
100
VDS, Drain-to-Source Voltage (V)
0.1
1
10
100
1000
10000
Tc = 25°C
Tj = 150°C
Single Pulse
OPERATION IN THIS AREA
LIMITED BY RDS(on)
Limited by Package
i
100μsec
1msec
10msec
DC
25
50
75
100
125
150
TC, Case Temperature (°C)
0
20
40
60
80
100
120
Limited By Package
i


Similar Part No. - IRLH6224TRPBF

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IRLH6224PBF IRF-IRLH6224PBF Datasheet
301Kb / 9P
   Compatible with Existing Surface Mount Techniques
IRLH6224PBF IRF-IRLH6224PBF_15 Datasheet
301Kb / 9P
   Compatible with Existing Surface Mount Techniques
More results

Similar Description - IRLH6224TRPBF

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IRLR6225PBF IRF-IRLR6225PBF Datasheet
301Kb / 8P
   Battery Protection Switch
logo
Shenzhen Guan Hua Wei Y...
WSD3095DN56 WIINSOK-WSD3095DN56 Datasheet
2Mb / 5P
   Battery protection Load switch
WSD14N10DN WIINSOK-WSD14N10DN Datasheet
2Mb / 5P
   Battery protection Load switch
WSF80N06H WIINSOK-WSF80N06H Datasheet
1Mb / 5P
   Load switch. Battery protection.
WSD1614DN WIINSOK-WSD1614DN Datasheet
1Mb / 6P
   Battery protection Load switch
WSF30150 WIINSOK-WSF30150 Datasheet
1Mb / 5P
   Battery protection, Load switch
WSD4080DN56 WIINSOK-WSD4080DN56 Datasheet
1Mb / 5P
   Battery protection Load switch
WSD3075DN56 WIINSOK-WSD3075DN56 Datasheet
2Mb / 5P
   Battery protection Load switch
logo
STMicroelectronics
VN5R003HTR-E STMICROELECTRONICS-VN5R003HTR-E Datasheet
293Kb / 20P
   3 m廓 reverse battery protection switch
VN5R003H-E STMICROELECTRONICS-VN5R003H-E Datasheet
293Kb / 20P
   3 m廓 reverse battery protection switch
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com