Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

IRLML0040PBF Datasheet(PDF) 2 Page - International Rectifier

Part # IRLML0040PBF
Description  HEXFETPower MOSFET Load/ System Switch
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

IRLML0040PBF Datasheet(HTML) 2 Page - International Rectifier

  IRLML0040PBF Datasheet HTML 1Page - International Rectifier IRLML0040PBF Datasheet HTML 2Page - International Rectifier IRLML0040PBF Datasheet HTML 3Page - International Rectifier IRLML0040PBF Datasheet HTML 4Page - International Rectifier IRLML0040PBF Datasheet HTML 5Page - International Rectifier IRLML0040PBF Datasheet HTML 6Page - International Rectifier IRLML0040PBF Datasheet HTML 7Page - International Rectifier IRLML0040PBF Datasheet HTML 8Page - International Rectifier IRLML0040PBF Datasheet HTML 9Page - International Rectifier Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 10 page
background image
IRLML0040TRPbF
2
www.irf.com
D
S
G
Electric Characteristics @ TJ = 25°C (unless otherwise specified)
Symbol
Parameter
Min. Typ. Max. Units
V(BR)DSS
Drain-to-Source Breakdown Voltage
40
–––
–––
V
ΔV(BR)DSS/ΔTJ Breakdown Voltage Temp. Coefficient
–––
0.04
–––
V/°C
–––
44
56
–––
62
78
VGS(th)
Gate Threshold Voltage
1.0
1.8
2.5
V
IDSS
–––
–––
20
–––
–––
250
IGSS
Gate-to-Source Forward Leakage
–––
–––
100
Gate-to-Source Reverse Leakage
–––
–––
-100
RG
Internal Gate Resistance
–––
1.1
–––
Ω
gfs
Forward Transconductance
6.2
–––
–––
S
Qg
Total Gate Charge
–––
2.6
3.9
Qgs
Gate-to-Source Charge
–––
0.7
–––
Qgd
Gate-to-Drain ("Miller") Charge
–––
1.4
–––
td(on)
Turn-On Delay Time
–––
5.1
–––
tr
Rise Time
–––
5.4
–––
td(off)
Turn-Off Delay Time
–––
6.4
–––
tf
Fall Time
–––
4.3
–––
Ciss
Input Capacitance
–––
266
–––
Coss
Output Capacitance
–––
49
–––
Crss
Reverse Transfer Capacitance
–––
29
–––
Source - Drain Ratings and Characteristics
Symbol
Parameter
Min. Typ. Max. Units
IS
Continuous Source Current
(Body Diode)
ISM
Pulsed Source Current
(Body Diode)
Ù
VSD
Diode Forward Voltage
–––
–––
1.2
V
trr
Reverse Recovery Time
–––
10
–––
ns
Qrr
Reverse Recovery Charge
–––
9.3
–––
nC
Static Drain-to-Source On-Resistance
m
Ω
RDS(on)
VGS = 4.5V, ID = 2.9A d
di/dt = 100A/μs
d
VGS = 16V
VGS = -16V
TJ = 25°C, VR = 32V, IF = 1.3 A
MOSFET symbol
showing the
VDS = 20V
Conditions
VGS = 4.5V
VGS = 0V
VDS = 25V
ƒ = 1.0MHz
TJ = 25°C, IS = 1.3A, VGS = 0V d
integral reverse
p-n junction diode.
Conditions
VGS = 0V, ID = 250μA
Reference to 25°C, ID = 1mA
VGS = 10V, ID = 3.6A d
VDS = VGS, ID = 25μA
VDS = 40V, VGS = 0V
VDS = 40V, VGS = 0V, TJ = 125°C
Drain-to-Source Leakage Current
μA
VDS = 10V, ID = 3.6A
ID = 3.6A
nA
nC
ID = 1.0A
RG = 6.8
Ω
VGS = 4.5V d
VDD = 20V
ns
pF
A
1.3
15
–––
–––
–––
–––


Similar Part No. - IRLML0040PBF

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IRLML0040PBF IRF-IRLML0040PBF Datasheet
197Kb / 10P
   Industry-standard pinout
IRLML0040PBF IRF-IRLML0040PBF_15 Datasheet
197Kb / 10P
   Industry-standard pinout
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com