Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

IRLML2060PBF Datasheet(PDF) 5 Page - International Rectifier

Part # IRLML2060PBF
Description  HEXFETPower MOSFET Load/ System Switch
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

IRLML2060PBF Datasheet(HTML) 5 Page - International Rectifier

  IRLML2060PBF Datasheet HTML 1Page - International Rectifier IRLML2060PBF Datasheet HTML 2Page - International Rectifier IRLML2060PBF Datasheet HTML 3Page - International Rectifier IRLML2060PBF Datasheet HTML 4Page - International Rectifier IRLML2060PBF Datasheet HTML 5Page - International Rectifier IRLML2060PBF Datasheet HTML 6Page - International Rectifier IRLML2060PBF Datasheet HTML 7Page - International Rectifier IRLML2060PBF Datasheet HTML 8Page - International Rectifier IRLML2060PBF Datasheet HTML 9Page - International Rectifier Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 10 page
background image
IRLML2060TRPbF
www.irf.com
5
Fig 11. Typical Effective Transient Thermal Impedance, Junction-to-Ambient
Fig 9. Maximum Drain Current vs.
Ambient Temperature
VDS
90%
10%
VGS
td(on)
tr
td(off) tf
Fig 10b. Switching Time Waveforms
Fig 10a. Switching Time Test Circuit
VDS
Pulse Width µs
Duty Factor 
RD
VGS
RG
D.U.T.
VGS
+
-VDD
25
50
75
100
125
150
TA , Ambient Temperature (°C)
0.0
0.2
0.4
0.6
0.8
1.0
1.2
1E-006
1E-005
0.0001
0.001
0.01
0.1
1
10
t1 , Rectangular Pulse Duration (sec)
0.01
0.1
1
10
100
1000
0.20
0.10
D = 0.50
0.02
0.01
0.05
SINGLE PULSE
( THERMAL RESPONSE )
Notes:
1. Duty Factor D = t1/t2
2. Peak Tj = P dm x Zthja + TA


Similar Part No. - IRLML2060PBF

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IRLML2060PBF IRF-IRLML2060PBF Datasheet
205Kb / 10P
   Compatible with existing Surface Mount Techniques
IRLML2060PBF IRF-IRLML2060PBF_15 Datasheet
205Kb / 10P
   Compatible with existing Surface Mount Techniques
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com