Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

IRLML6246TRPBF Datasheet(PDF) 4 Page - International Rectifier

Part # IRLML6246TRPBF
Description  HEXFETPower MOSFET
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

IRLML6246TRPBF Datasheet(HTML) 4 Page - International Rectifier

  IRLML6246TRPBF Datasheet HTML 1Page - International Rectifier IRLML6246TRPBF Datasheet HTML 2Page - International Rectifier IRLML6246TRPBF Datasheet HTML 3Page - International Rectifier IRLML6246TRPBF Datasheet HTML 4Page - International Rectifier IRLML6246TRPBF Datasheet HTML 5Page - International Rectifier IRLML6246TRPBF Datasheet HTML 6Page - International Rectifier IRLML6246TRPBF Datasheet HTML 7Page - International Rectifier IRLML6246TRPBF Datasheet HTML 8Page - International Rectifier IRLML6246TRPBF Datasheet HTML 9Page - International Rectifier Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 10 page
background image
IRLML6246TRPbF
4
www.irf.com
Fig 6. Typical Gate Charge Vs.
Gate-to-Source Voltage
Fig 5. Typical Capacitance Vs.
Drain-to-Source Voltage
Fig 8. Maximum Safe Operating Area
Fig 7. Typical Source-Drain Diode
Forward Voltage
1
10
100
VDS, Drain-to-Source Voltage (V)
10
100
1000
10000
VGS = 0V,
f = 1 MHZ
Ciss = Cgs + Cgd, C ds SHORTED
Crss = Cgd
Coss = Cds + Cgd
Coss
Crss
Ciss
0.2
0.4
0.6
0.8
1.0
1.2
VSD, Source-to-Drain Voltage (V)
0.0
0
1
10
100
TJ = 25°C
TJ = 150°C
VGS = 0V
0.1
1
10
100
VDS, Drain-to-Source Voltage (V)
0.01
0.1
1
10
100
TA = 25°C
Tj = 150°C
Single Pulse
1msec
10msec
OPERATION IN THIS AREA
LIMITED BY RDS(on)
100μsec
0.0
2.0
4.0
6.0
8.0
QG, Total Gate Charge (nC)
0.0
2.0
4.0
6.0
8.0
10.0
12.0
14.0
VDS= 16V
VDS= 10V
VDS= 4.0V
ID= 4.1A


Similar Part No. - IRLML6246TRPBF

ManufacturerPart #DatasheetDescription
logo
ZP Semiconductor
IRLML6246TRPBF ZPSEMI-IRLML6246TRPBF Datasheet
280Kb / 2P
   HEXFETPower MOSFET
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com