Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PESD3V3S2UT Datasheet(PDF) 8 Page - NXP Semiconductors

Part # PESD3V3S2UT
Description  Double ESD protection diodes in SOT23 package
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

PESD3V3S2UT Datasheet(HTML) 8 Page - NXP Semiconductors

Back Button PESD3V3S2UT Datasheet HTML 4Page - NXP Semiconductors PESD3V3S2UT Datasheet HTML 5Page - NXP Semiconductors PESD3V3S2UT Datasheet HTML 6Page - NXP Semiconductors PESD3V3S2UT Datasheet HTML 7Page - NXP Semiconductors PESD3V3S2UT Datasheet HTML 8Page - NXP Semiconductors PESD3V3S2UT Datasheet HTML 9Page - NXP Semiconductors PESD3V3S2UT Datasheet HTML 10Page - NXP Semiconductors PESD3V3S2UT Datasheet HTML 11Page - NXP Semiconductors PESD3V3S2UT Datasheet HTML 12Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 13 page
background image
2004 Apr 15
8
NXP Semiconductors
Product data sheet
Double ESD protection diodes in SOT23
package
PESDxS2UT series
001aaa270
1
10
10−1
Tj (°C)
−100
150
100
050
−50
IR
IR(25˚C)
(1)
Fig.8
Relative variation of reverse leakage
current as a function of junction
temperature; typical values.
IR is less than 10 nA at 150 °C for:
PESD12V52UT; VRWM = 12 V.
PESD15VS2UT; VRWM = 15 V.
PESD24VS2UT; VRWM = 24 V.
(1) PESD3V3S2UT; VRWM = 3.3 V.
PESD5V2S2UT; VRWM = 5 V.


Similar Part No. - PESD3V3S2UT

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
PESD3V3S2UT PHILIPS-PESD3V3S2UT Datasheet
123Kb / 13P
   Double ESD protection diodes in SOT23 package
2004 Apr 15
PESD3V3S2UT NXP-PESD3V3S2UT Datasheet
235Kb / 13P
   Double ESD protection diodes in SOT23 package
2004 Apr 15
logo
Nexperia B.V. All right...
PESD3V3S2UT NEXPERIA-PESD3V3S2UT Datasheet
250Kb / 14P
   Double ESD protection diodes in SOT23 package
2004 Apr 15
logo
Guangdong Youtai Semico...
PESD3V3S2UT UMW-PESD3V3S2UT Datasheet
502Kb / 4P
   350 W peak pulse power (tp = 8/20μs)
logo
Nexperia B.V. All right...
PESD3V3S2UT-Q NEXPERIA-PESD3V3S2UT-Q Datasheet
245Kb / 12P
   Double ESD protection diode
10 June 2022
More results

Similar Description - PESD3V3S2UT

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
PESD12VS2UT PHILIPS-PESD12VS2UT Datasheet
123Kb / 13P
   Double ESD protection diodes in SOT23 package
2004 Apr 15
logo
Nexperia B.V. All right...
PESDXS2UT_SER NEXPERIA-PESDXS2UT_SER Datasheet
250Kb / 14P
   Double ESD protection diodes in SOT23 package
2004 Apr 15
logo
NXP Semiconductors
PESDXS2UAT PHILIPS-PESDXS2UAT Datasheet
122Kb / 13P
   Double ESD protection diodes in SOT23 package
2004 Feb 18
logo
Nexperia B.V. All right...
PESDXS2UAT_SER NEXPERIA-PESDXS2UAT_SER Datasheet
241Kb / 14P
   Double ESD protection diodes in SOT23 package
2004 Feb 18
logo
NXP Semiconductors
PESDXS2UAT NXP-PESDXS2UAT Datasheet
237Kb / 13P
   Double ESD protection diodes in SOT23 package
2004 Feb 18
PESDXS2UT PHILIPS-PESDXS2UT Datasheet
235Kb / 13P
   Double ESD protection diodes in SOT23 package
2004 Apr 15
PESDXS2UT NXP-PESDXS2UT Datasheet
235Kb / 13P
   Double ESD protection diodes in SOT23 package
2004 Apr 15
logo
Nexperia B.V. All right...
PESD5V0S2UAT-Q NEXPERIA-PESD5V0S2UAT-Q Datasheet
208Kb / 11P
   Double ESD protection diode in SOT23 package
3 May 2022
PESD3V3S2UAT NEXPERIA-PESD3V3S2UAT Datasheet
243Kb / 12P
   Double ESD protection diode in SOT23 package
27 June 2023
PESD24VS2UAT NEXPERIA-PESD24VS2UAT Datasheet
241Kb / 11P
   Double ESD protection diode in SOT23 package
24 July 2023
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com