Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PESD12VS2UT Datasheet(PDF) 9 Page - NXP Semiconductors

Part # PESD12VS2UT
Description  Double ESD protection diodes in SOT23 package
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

PESD12VS2UT Datasheet(HTML) 9 Page - NXP Semiconductors

Back Button PESD12VS2UT Datasheet HTML 5Page - NXP Semiconductors PESD12VS2UT Datasheet HTML 6Page - NXP Semiconductors PESD12VS2UT Datasheet HTML 7Page - NXP Semiconductors PESD12VS2UT Datasheet HTML 8Page - NXP Semiconductors PESD12VS2UT Datasheet HTML 9Page - NXP Semiconductors PESD12VS2UT Datasheet HTML 10Page - NXP Semiconductors PESD12VS2UT Datasheet HTML 11Page - NXP Semiconductors PESD12VS2UT Datasheet HTML 12Page - NXP Semiconductors PESD12VS2UT Datasheet HTML 13Page - NXP Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 9 / 13 page
background image
2004 Apr 15
9
NXP Semiconductors
Product data sheet
Double ESD protection diodes in SOT23
package
PESDxS2UT series
001aaa492
450
50
Note 1: IEC61000-4-2 network
CZ = 150 pF; RZ = 330 Ω
D.U.T.: PESDxS2UT
RG 223/U
50
Ω coax
RZ
CZ
ESD TESTER
4 GHz DIGITAL
OSCILLOSCOPE
10
×
ATTENUATOR
vertical scale = 200 V/div
horizontal scale = 50 ns/div
vertical scale = 20 V/div
horizontal scale = 50 ns/div
vertical scale = 200 V/div
horizontal scale = 50 ns/div
vertical scale = 10 V/div
horizontal scale = 50 ns/div
GND
GND
GND
GND
GND
GND
GND
unclamped
+1 kV ESD voltage waveform
(IEC61000-4-2 network)
clamped
+1 kV ESD voltage waveform
(IEC61000-4-2 network)
GND
unclamped
−1 kV ESD voltage waveform
(IEC61000-4-2 network)
clamped
−1 kV ESD voltage waveform
(IEC61000-4-2 network)
note 1
PESD24VS2UT
PESD15VS2UT
PESD12VS2UT
PESD5V2S2UT
PESD3V3S2UT
Fig.9 ESD clamping test set-up and waveforms.


Similar Part No. - PESD12VS2UT

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
PESD12VS2UT PHILIPS-PESD12VS2UT Datasheet
123Kb / 13P
   Double ESD protection diodes in SOT23 package
2004 Apr 15
PESD12VS2UT PHILIPS-PESD12VS2UT Datasheet
948Kb / 12P
   Low VCEsat (BISS) transistors
May 2006
PESD12VS2UT NXP-PESD12VS2UT Datasheet
235Kb / 13P
   Double ESD protection diodes in SOT23 package
2004 Apr 15
logo
Nexperia B.V. All right...
PESD12VS2UT NEXPERIA-PESD12VS2UT Datasheet
250Kb / 14P
   Double ESD protection diodes in SOT23 package
2004 Apr 15
logo
Guangdong Youtai Semico...
PESD12VS2UT UMW-PESD12VS2UT Datasheet
544Kb / 4P
   Solid-state silicon-avalanche technology
More results

Similar Description - PESD12VS2UT

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
PESD12VS2UT PHILIPS-PESD12VS2UT Datasheet
123Kb / 13P
   Double ESD protection diodes in SOT23 package
2004 Apr 15
logo
Nexperia B.V. All right...
PESDXS2UT_SER NEXPERIA-PESDXS2UT_SER Datasheet
250Kb / 14P
   Double ESD protection diodes in SOT23 package
2004 Apr 15
logo
NXP Semiconductors
PESDXS2UAT PHILIPS-PESDXS2UAT Datasheet
122Kb / 13P
   Double ESD protection diodes in SOT23 package
2004 Feb 18
logo
Nexperia B.V. All right...
PESDXS2UAT_SER NEXPERIA-PESDXS2UAT_SER Datasheet
241Kb / 14P
   Double ESD protection diodes in SOT23 package
2004 Feb 18
logo
NXP Semiconductors
PESDXS2UAT NXP-PESDXS2UAT Datasheet
237Kb / 13P
   Double ESD protection diodes in SOT23 package
2004 Feb 18
PESDXS2UT PHILIPS-PESDXS2UT Datasheet
235Kb / 13P
   Double ESD protection diodes in SOT23 package
2004 Apr 15
PESDXS2UT NXP-PESDXS2UT Datasheet
235Kb / 13P
   Double ESD protection diodes in SOT23 package
2004 Apr 15
logo
Nexperia B.V. All right...
PESD5V0S2UAT-Q NEXPERIA-PESD5V0S2UAT-Q Datasheet
208Kb / 11P
   Double ESD protection diode in SOT23 package
3 May 2022
PESD3V3S2UAT NEXPERIA-PESD3V3S2UAT Datasheet
243Kb / 12P
   Double ESD protection diode in SOT23 package
27 June 2023
PESD24VS2UAT NEXPERIA-PESD24VS2UAT Datasheet
241Kb / 11P
   Double ESD protection diode in SOT23 package
24 July 2023
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com