Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

103T-1CH-V Datasheet(PDF) 1 Page - List of Unclassifed Manufacturers

Part # 103T-1CH-V
Description  Smallest and slim type PCB Automotive relay.
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

103T-1CH-V Datasheet(HTML) 1 Page - List of Unclassifed Manufacturers

  103T-1CH-V Datasheet HTML 1Page - List of Unclassifed Manufacturers 103T-1CH-V Datasheet HTML 2Page - List of Unclassifed Manufacturers 103T-1CH-V Datasheet HTML 3Page - List of Unclassifed Manufacturers 103T-1CH-V Datasheet HTML 4Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
SONG CHUAN
274
Contact Rating
Ordering Information
Type List
Features
Smallest and slim type PCB Automotive relay.
High rating 20A with maximum switching current up
to 30A.
High Temperature withstand up to 125
.
Single or twin relays are both available.
Comply with RoHS-Directive 2002/95/EC, and ELV-
Directive 2000/53/EC.
1.
103
-- Basic series designation
2.
Blank -- Single relay
T
-- Twin relay
3.
1A
-- Single pole normally open
1C
-- Single pole double throw
4.
H
-- Contact material AgSnO
5.
C
-- Flux tight
V
-- Sealed type
S
-- Sealed type washable
103
T
-
1A
H
-
C
1
2
3
4
5
Designation (provided with)
Terminal
style
Contact
form
Flux tight
Sealed type
Sealed type
washable
103-1AH-C
103-1AH-V
103-1AH-S
1A (SPNO)
103T-1AH-C
103T-1AH-V
103T-1AH-S
103-1CH-C
103-1CH-V
103-1CH-S
PCB terminal
1C (SPDT)
103T-1CH-C
103T-1CH-V
103T-1CH-S
Resistive load
NO/NC 20A/10A 14VDC
Inrush 30A Steady state 10A 14VDC,750K ops.
Motor load
Motor Lock : 20A 14VDC 200K ops.
Rated
voltage
(V)
Rated current
10 % at 23°C
(mA)
Coil resistance
10 % at 23°C
( )
Max. continuous
voltage
at 85°C
Pick up
voltage(Max)
at 23°C
Drop out
voltage(Min)
at 23°C
Power consumption
at rated
voltage
6
107
56
9
70.8
127
12
53.3
225
approx. 0.64W
24
26.7
900
125 % of
rated
voltage
60 % of
rated
voltage
5 % of
rated
voltage
Coil Rating (DC)
103


Similar Part No. - 103T-1CH-V

ManufacturerPart #DatasheetDescription
logo
ETRI
103TX0560C13 ETRI-103TX0560C13 Datasheet
187Kb / 1P
   400Hz Fans
103TX0560C13 ETRI-103TX0560C13 Datasheet
268Kb / 1P
   400 Hz Fans
103TX0562C13 ETRI-103TX0562C13 Datasheet
187Kb / 1P
   400Hz Fans
103TX0562C13 ETRI-103TX0562C13 Datasheet
268Kb / 1P
   400 Hz Fans
103TY0560C13 ETRI-103TY0560C13 Datasheet
187Kb / 1P
   400Hz Fans
More results

Similar Description - 103T-1CH-V

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
SNR MACOM-SNR Datasheet
220Kb / 3P
   Slim PCB Relay
PCN MACOM-PCN Datasheet
173Kb / 2P
   Slim PCB Relay
SNR MACOM-SNR_06 Datasheet
176Kb / 3P
   Slim PCB Relay SNR
PCN-105D3MHZ MACOM-PCN-105D3MHZ Datasheet
153Kb / 2P
   Slim PCB Relay PCN
logo
Nais(Matsushita Electri...
JK1APF-12V NAIS-JK1APF-12V Datasheet
54Kb / 3P
   SLIM TYPE POWER RELAY
logo
List of Unclassifed Man...
202HT ETC2-202HT Datasheet
99Kb / 3P
   Slim PCB Miniature Power Relay.
logo
Picker Components
PC466 PICKER-PC466 Datasheet
194Kb / 2P
   Ultra Slim Minature PCB Power Relay
PC466 PICKER-PC466_14 Datasheet
258Kb / 2P
   Ultra Slim Minature PCB Power Relay
PC466 PICKER-PC466_17 Datasheet
729Kb / 2P
   Ultra Slim Miniature PCB Power Relay
logo
List of Unclassifed Man...
892H-1CH-C-12VDC ETC2-892H-1CH-C-12VDC Datasheet
110Kb / 5P
   10mm slim miniature PCB Power Relay
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com