Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

190-002 Datasheet(PDF) 2 Page - Altech corporation

Part # 190-002
Description  TK 77 -Polystyrene and Polycarbonate-65x65mm (2.56x2.56in.)
Download  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALTECH [Altech corporation]
Direct Link  http://www.altechcorp.com
Logo ALTECH - Altech corporation

190-002 Datasheet(HTML) 2 Page - Altech corporation

  190-002 Datasheet HTML 1Page - Altech corporation 190-002 Datasheet HTML 2Page - Altech corporation 190-002 Datasheet HTML 3Page - Altech corporation 190-002 Datasheet HTML 4Page - Altech corporation 190-002 Datasheet HTML 5Page - Altech corporation 190-002 Datasheet HTML 6Page - Altech corporation 190-002 Datasheet HTML 7Page - Altech corporation 190-002 Datasheet HTML 8Page - Altech corporation 190-002 Datasheet HTML 9Page - Altech corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 26 page
background image
Altech Corp.® • 35 Royal Road • Flemington, NJ 08822-6000 • Phone (908)806-9400 • FAX (908)806-9490 • www.altechcorp.com
15
25.0 mm
(0.98 in)
31.0 mm
(1.22 in)
50.0 mm
(1.97 in)
65.0 mm
(2.56 in)
69.0 mm
(2.72 in)
45.0 mm
(1.77 in)
57.0 mm
(2.24 in)
81.0 mm
(3.19 in)
36.0 mm
(1.42 in)
59.0 mm
(2.32 in)
42.0 mm
(1.65 in)
A
B
Knockout Positions
(all 4 sides)
Dimensions
32.5 mm
(1.28 in)
65.0 mm
(2.56 in)
M 20 - 20.0 mm (0.79 in)
M 16 - 16.0 mm (0.63 in)
TK 77


Similar Part No. - 190-002

ManufacturerPart #DatasheetDescription
logo
Glenair, Inc.
190-007-6-10SL-5PW GLENAIR-190-007-6-10SL-5PW Datasheet
307Kb / 2P
   Composite Connector, Plug Environment Resistant
190-007-6-10SL-5PWC GLENAIR-190-007-6-10SL-5PWC Datasheet
307Kb / 2P
   Composite Connector, Plug Environment Resistant
190-007-6-10SL-5PWM GLENAIR-190-007-6-10SL-5PWM Datasheet
307Kb / 2P
   Composite Connector, Plug Environment Resistant
190-007-6-10SL-5SW GLENAIR-190-007-6-10SL-5SW Datasheet
307Kb / 2P
   Composite Connector, Plug Environment Resistant
190-007-6-10SL-5SWC GLENAIR-190-007-6-10SL-5SWC Datasheet
307Kb / 2P
   Composite Connector, Plug Environment Resistant
More results

Similar Description - 190-002

ManufacturerPart #DatasheetDescription
logo
Altech corporation
120-407 ALTECH-120-407 Datasheet
906Kb / 26P
   TK 77 ??Polystyrene and Polycarbonate ??65x65mm (2.56x2.56in.)
130-001 ALTECH-130-001 Datasheet
906Kb / 26P
   Polystyrene and Polycarbonate ??65x65mm (2.56x2.56in.)
130-010 ALTECH-130-010 Datasheet
906Kb / 26P
   Polystyrene and Polycarbonate ??65x65mm (2.56x2.56in.)
TK1309 ALTECH-TK1309 Datasheet
92Kb / 1P
   POLYSTYRENE/ POLYCARBONATE ENCLOSURE TK 1309
TK1811 ALTECH-TK1811 Datasheet
105Kb / 1P
   POLYSTYRENE/ POLYCARBONATE ENCLOSURE TK 1811
TK1111 ALTECH-TK1111 Datasheet
86Kb / 1P
   POLYSTYRENE/ POLYCARBONATE ENCLOSURE TK 1111
TK3625 ALTECH-TK3625 Datasheet
121Kb / 1P
   POLYSTYRENE/ POLYCARBONATE ENCLOSURE TK 3625
TK97 ALTECH-TK97 Datasheet
90Kb / 1P
   POLYSTYRENE/ POLYCARBONATE ENCLOSURE TK 97
TK1818F ALTECH-TK1818F Datasheet
96Kb / 1P
   POLYSTYRENE/ POLYCARBONATE ENCLOSURE TK 1818F
TK1809 ALTECH-TK1809 Datasheet
93Kb / 1P
   POLYSTYRENE/ POLYCARBONATE ENCLOSURE TK 1809
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com