Electronic Components Datasheet Search |
|
127-903 Datasheet(PDF) 3 Page - Altech corporation |
|
127-903 Datasheet(HTML) 3 Page - Altech corporation |
3 / 26 page Altech Corp.® • 35 Royal Road • Flemington, NJ 08822-6000 • Phone (908)806-9400 • FAX (908)806-9490 • www.altechcorp.com 16 Smooth Sidewalls Polystyrene Polycarbonate 1 Ordering Height Cover Std. Cover Std. Information mm (in) Cat. No. Type Color Pk. Cat. No. Type Color Pk. Enclosure - low cover 57 mm (2.24 in) 110-402 PS 97-6-o gray 5 120-402 PC 97-6-o gray 5 Enclosure - high cover 81 mm (3.19 in) 110-902 PS 97-8-o gray 5 120-902 PC 97-8-o gray 5 Enclosure - low cover 57 mm (2.24 in) 111-002 PS 97-6-to trans. 5 130-002 PC 97-6-to trans. 5 Enclosure - high cover 81 mm (3.19 in) 111-502 PS 97-8-to trans. 5 130-502 PC 97-8-to trans. 5 Sidewalls with Metric Knockouts Polystyrene Polycarbonate 1 Ordering Height Cover Std. Cover Std. Information mm (in) Cat. No. Type Color Pk. Cat. No. Type Color Pk. Enclosure - low cover 57 mm (2.24 in) 105-402 PS 97-6-m gray 5 127-402 PC 97-6-m gray 5 Enclosure - high cover 81 mm (3.19 in) 105-902 PS 97-8-m gray 5 127-902 PC 97-8-m gray 5 Enclosure - low cover 57 mm (2.24 in) 106-002 PS 97-6-tm trans. 5 137-002 PC 97-6-tm trans. 5 Enclosure - high cover 81 mm (3.19 in) 106-502 PS 97-8-tm trans. 5 137-502 PC 97-8-tm trans. 5 Accessories Ordering Std. Information Cat. No. Type Pk. Mounting Plate 195-002 MP97 1 DIN Rail TS15-80mm 197-080 TS 15/80 1 Hinge Kit Set 190-002 HK1 1 Mounting Tab Kit 194-001 MT1 1 Please refer to pages 116-120 for additional accessories and detailed information. TK 97 – Polystyrene and Polycarbonate – 94x65mm (3.70x2.56in.) Standard Features • Protection Level: IP66 (NEMA Type: 4X with gray cover, 12K with transparent cover) • Technical: Smooth or Knockout Sidewalls Gray or Tinted Transparent Cover Multiple Enclosure Mounting Options • Enclosure Material: Polystyrene or Polycarbonate • Gasket Material: Polyurethane • Color: Light Gray • Temperature Range: Polystyrene -40°C to 70°C (-40°F to 158°F) Polycarbonate -35°C to 120°C (-31°F to 248°F) • Accessories: See section below E208470 1 |
Similar Part No. - 127-903 |
|
Similar Description - 127-903 |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.NET |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |