Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

127-402 Datasheet(PDF) 4 Page - Altech corporation

Part # 127-402
Description  TK 77 -Polystyrene and Polycarbonate-65x65mm (2.56x2.56in.)
Download  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALTECH [Altech corporation]
Direct Link  http://www.altechcorp.com
Logo ALTECH - Altech corporation

127-402 Datasheet(HTML) 4 Page - Altech corporation

  127-402 Datasheet HTML 1Page - Altech corporation 127-402 Datasheet HTML 2Page - Altech corporation 127-402 Datasheet HTML 3Page - Altech corporation 127-402 Datasheet HTML 4Page - Altech corporation 127-402 Datasheet HTML 5Page - Altech corporation 127-402 Datasheet HTML 6Page - Altech corporation 127-402 Datasheet HTML 7Page - Altech corporation 127-402 Datasheet HTML 8Page - Altech corporation 127-402 Datasheet HTML 9Page - Altech corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 26 page
background image
Altech Corp.® • 35 Royal Road • Flemington, NJ 08822-6000 • Phone (908)806-9400 • FAX (908)806-9490 • www.altechcorp.com
17
31.0 mm
(1.22 in)
81.0 mm
(3.19 in)
57.0 mm
(2.24 in)
45.0 mm
(1.77 in)
69.0 mm
(2.72 in)
36.0 mm
(1.42 in)
23.0 mm
(0.9 in)
50.0 mm
(1.97 in)
65.0 mm
(2.56 in)
59.0 mm
(2.32 in)
42.0 mm
(1.65 in)
A
B
Dimensions
Side A
Side B
94.0 mm
(3.70 in)
31.75 mm
(1.25 in)
31.75 mm
(1.25 in)
30.5 mm
(1.20 in)
32.5 mm
(1.28 in)
65.0 mm
(2.56 in)
43.0 mm
(1.69 in)
21.5 mm
(0.85 in)
M 20 - 20.0 mm (0.79 in)
M 16 - 16.0 mm (0.63 in)
M 20 - 20.0 mm (0.79 in)
M 16 - 16.0 mm (0.63 in)
TK 97
Knockout Positions


Similar Part No. - 127-402

ManufacturerPart #DatasheetDescription
logo
Winchester Electronics ...
127-41-1 WINCHESTER-127-41-1 Datasheet
65Kb / 1P
   RECEPTACLE PANEL TNC
127-41-2 WINCHESTER-127-41-2 Datasheet
65Kb / 1P
   RECEPTACLE PANEL TNC
127-41-3 WINCHESTER-127-41-3 Datasheet
65Kb / 1P
   RECEPTACLE PANEL TNC
127-41-4 WINCHESTER-127-41-4 Datasheet
65Kb / 1P
   RECEPTACLE PANEL TNC
More results

Similar Description - 127-402

ManufacturerPart #DatasheetDescription
logo
Altech corporation
120-407 ALTECH-120-407 Datasheet
906Kb / 26P
   TK 77 ??Polystyrene and Polycarbonate ??65x65mm (2.56x2.56in.)
130-001 ALTECH-130-001 Datasheet
906Kb / 26P
   Polystyrene and Polycarbonate ??65x65mm (2.56x2.56in.)
130-010 ALTECH-130-010 Datasheet
906Kb / 26P
   Polystyrene and Polycarbonate ??65x65mm (2.56x2.56in.)
TK1309 ALTECH-TK1309 Datasheet
92Kb / 1P
   POLYSTYRENE/ POLYCARBONATE ENCLOSURE TK 1309
TK1811 ALTECH-TK1811 Datasheet
105Kb / 1P
   POLYSTYRENE/ POLYCARBONATE ENCLOSURE TK 1811
TK1111 ALTECH-TK1111 Datasheet
86Kb / 1P
   POLYSTYRENE/ POLYCARBONATE ENCLOSURE TK 1111
TK3625 ALTECH-TK3625 Datasheet
121Kb / 1P
   POLYSTYRENE/ POLYCARBONATE ENCLOSURE TK 3625
TK97 ALTECH-TK97 Datasheet
90Kb / 1P
   POLYSTYRENE/ POLYCARBONATE ENCLOSURE TK 97
TK1818F ALTECH-TK1818F Datasheet
96Kb / 1P
   POLYSTYRENE/ POLYCARBONATE ENCLOSURE TK 1818F
TK1809 ALTECH-TK1809 Datasheet
93Kb / 1P
   POLYSTYRENE/ POLYCARBONATE ENCLOSURE TK 1809
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com