Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

IRS2304SPBF Datasheet(PDF) 2 Page - International Rectifier

Part # IRS2304SPBF
Description  HALF-BRIDGE DRIVER
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

IRS2304SPBF Datasheet(HTML) 2 Page - International Rectifier

  IRS2304SPBF Datasheet HTML 1Page - International Rectifier IRS2304SPBF Datasheet HTML 2Page - International Rectifier IRS2304SPBF Datasheet HTML 3Page - International Rectifier IRS2304SPBF Datasheet HTML 4Page - International Rectifier IRS2304SPBF Datasheet HTML 5Page - International Rectifier IRS2304SPBF Datasheet HTML 6Page - International Rectifier IRS2304SPBF Datasheet HTML 7Page - International Rectifier IRS2304SPBF Datasheet HTML 8Page - International Rectifier IRS2304SPBF Datasheet HTML 9Page - International Rectifier Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 20 page
background image
IRS2304(S)PbF
www.irf.com
2
Note 1: Logic operational for VS of COM -5 V to COM +600 V. Logic state held for VS of COM -5 V to COM -VBS.
Symbol
Definition
Min.
Max.
Units
VS
High- side offset voltage
VB - 25
VB + 0.3
VB
High- side floating supply voltage
-0.3
625
VHO
High- side floating output voltage HO
VS - 0.3
VB + 0.3
VCC
Low- side and logic fixed supply voltage
-0.3
25
VLO
Low- side output voltage LO
-0.3
VCC + 0.3
VIN
Logic input voltage (HIN, LIN)
-0.3
VCC + 0.3
Com
Logic ground
VCC -25
VCC + 0.3
dVS/dt
Allowable offset supply voltage transient
50
V/ns
PD
Package power dissipation @ TA
≤ +25 °C
8-Lead SOIC
0.625
8-Lead PDIP
1.0
RthJA
Thermal resistance, junction to ambient
8-Lead SOIC
200
8-Lead PDIP
125
TJ
Junction temperature
150
TS
Storage temperature
-50
150
TL
Lead temperature (soldering, 10 seconds)
300
Absolute Maximum Ratings
Absolute maximum ratings indicate sustained limits beyond which damage to the device may occur. All voltage param-
eters are absolute voltages referenced to COM, all currents are defined positive into any lead. The thermal resistance
and power dissipation ratings are measured under board mounted and still air conditions.
V
°C
Symbol
Definition
Min.
Max.
Units
VB
High- side floating supply voltage
VS + 10
VS + 20
VS
High- side floating supply offset voltage
Note 1
600
VHO
High-side (HO) output voltage
VS
VB
VLO
Low- side (LO) output voltage
COM
VCC
VIN
Logic input voltage (HIN, LIN)
COM
VCC
VCC
Low- side supply voltage
10
20
TA
Ambient temperature
-40
125
°C
Recommended Operating Conditions
The input/output logic timing diagram is shown in Fig. 1. For proper operation the device should be used within the
recommended conditions. The VS offset rating is tested with all supplies biased at 15 V differential.
V
W
°C/W


Similar Part No. - IRS2304SPBF

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IRS2304SPBF IRF-IRS2304SPBF Datasheet
1Mb / 20P
   HALF-BRIDGE DRIVER
IRS2304SPBF IRF-IRS2304SPBF_15 Datasheet
1Mb / 20P
   HALF-BRIDGE DRIVER
More results

Similar Description - IRS2304SPBF

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IRS2308 IRF-IRS2308 Datasheet
387Kb / 21P
   HALF-BRIDGE DRIVER
IRS2609DSPBF IRF-IRS2609DSPBF_11 Datasheet
831Kb / 25P
   HALF-BRIDGE DRIVER
IR2304 IRF-IR2304 Datasheet
211Kb / 8P
   HALF-BRIDGE DRIVER
IR2184STRPBF IRF-IR2184STRPBF Datasheet
294Kb / 24P
   HALF-BRIDGE DRIVER
IR25601SPBF IRF-IR25601SPBF Datasheet
520Kb / 11P
   Half-Bridge Driver
IR25602SPBF IRF-IR25602SPBF Datasheet
1Mb / 18P
   Half-Bridge Driver
IRS2104PBF IRF-IRS2104PBF Datasheet
665Kb / 15P
   HALF-BRIDGE DRIVER
IRS2608DSPBF IRF-IRS2608DSPBF Datasheet
1Mb / 23P
   HALF-BRIDGE DRIVER
IRS2608DSPBF IRF-IRS2608DSPBF_1 Datasheet
820Kb / 26P
   HALF-BRIDGE DRIVER
IRS21091PBF IRF-IRS21091PBF Datasheet
758Kb / 20P
   HALF-BRIDGE DRIVER
logo
HUAYI MICROELECTRONICS ...
HYD25050 HUAYI-HYD25050 Datasheet
1Mb / 9P
   Half-Bridge Driver
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com