Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

IRS2332DJTRPBF Datasheet(PDF) 4 Page - International Rectifier

Part # IRS2332DJTRPBF
Description  3-PHASE-BRIDGE DRIVER
Download  39 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

IRS2332DJTRPBF Datasheet(HTML) 4 Page - International Rectifier

  IRS2332DJTRPBF Datasheet HTML 1Page - International Rectifier IRS2332DJTRPBF Datasheet HTML 2Page - International Rectifier IRS2332DJTRPBF Datasheet HTML 3Page - International Rectifier IRS2332DJTRPBF Datasheet HTML 4Page - International Rectifier IRS2332DJTRPBF Datasheet HTML 5Page - International Rectifier IRS2332DJTRPBF Datasheet HTML 6Page - International Rectifier IRS2332DJTRPBF Datasheet HTML 7Page - International Rectifier IRS2332DJTRPBF Datasheet HTML 8Page - International Rectifier IRS2332DJTRPBF Datasheet HTML 9Page - International Rectifier Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 39 page
background image
www.irf.com
4
IRS233(0,2)(D)(S&J)PbF
Recommended Operating Conditions
The Input/Output logic timing diagram is shown in figure 1. For proper operation the device should be used within the
recommended conditions. All voltage parameters are absolute voltage referenced to VSO. The VS offset rating is
tested with all supplies biased at 15 V differential.
Note 1: Logic operational for VS of (VSO -8 V) to (VSO +600 V). Logic state held for VS of (VSO -8 V) to (VSO – VBS).
Note 2: Operational for transient negative VS of VSS - 50 V with a 50 ns pulse width. Guaranteed by design. Refer to
the Application Information section of this datasheet for more details.
Note 3: CAO input pin is internally clamped with a 5.2 V zener diode.
Dynamic Electrical Characteristics
VBIAS (VCC, VBS1,2,3) = 15 V, VSO1,2,3 = VSS , CL = 1000 pF, TA = 25 °C unless otherwise specified.
Symbol
Definition
Min Typ Max Units Test Conditions
ton
Turn-on propagation delay
400
500
700
toff
Turn-off propagation delay
400
500
700
VS1,2,3 = 0 V to 600 V
t r
Turn-on rise time
80
125
t f
Turn-off fall time
35
55
VS1,2,3 = 0 V
titrip
ITRIP to output shutdown propagation delay
400
660
920
tbl
ITRIP blanking time
400
tflt
ITRIP to FAULT indication delay
350
550
870
tflt, in
Input filter time (all six inputs)
325
tfltclr
LIN1,2,3 to FAULT clear time (2330/2)
5300 8500 13700
1300 2000 3100
DT
Deadtime:
(IRS2330(D))
(IRS2332(D))
500
700
1100
400
MDT
Deadtime matching: :
(IRS2330(D))
(IRS2332(D))
140
VIN = 0 V & 5 V
without
external deadtime
MT
Delay matching time (t ON , t OFF)
50
VIN = 0 V & 5 V
without
external deadtime
larger than DT
PM
Pulse width distortion
75
ns
PM input 10 s
NOTE: For high side PWM, HIN pulse width must be > 1.5 usec
Symbol
Definition
Min.
Max.
Units
VB1,2,3
High-side floating supply voltage
VS1,2,3 +10
VS1,2,3 +20
VS1,2,3
Static high-side floating offset voltage
VSO-8 (Note1)
600
VSt1,2,3
Transient high-side floating offset voltage
-50 (Note2)
600
VHO1,2,3
High-side floating output voltage
VS1,2,3
VB1,2,3
VCC
Low-side and Logic fixed supply voltage
10
20
VSS
Logic ground
-5
5
VLO1,2,3
Low-side output voltage
0
VCC
VIN
Logic input voltage (HIN1,2,3, LIN1,2,3 & ITRIP)
VSS
VSS + 5
VFLT
FAULT output voltage
VSS
VCC
VCAO
Operational amplifier output voltage
VSS
VSS + 5
VCA-
Operational amplifier inverting input voltage
VSS
VSS + 5
V
TA
Ambient temperature
-40
125
°C


Similar Part No. - IRS2332DJTRPBF

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IRS2332DSPBF IRF-IRS2332DSPBF Datasheet
1Mb / 39P
   3-PHASE-BRIDGE DRIVER
More results

Similar Description - IRS2332DJTRPBF

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
MPIC2130 MOTOROLA-MPIC2130 Datasheet
179Kb / 6P
   3-PHASE BRIDGE DRIVER
logo
International Rectifier
IR21363 IRF-IR21363_15 Datasheet
325Kb / 27P
   3-PHASE BRIDGE DRIVER
IR2237 IRF-IR2237 Datasheet
173Kb / 12P
   3-PHASE BRIDGE DRIVER
IR21303C IRF-IR21303C Datasheet
247Kb / 21P
   3-PHASE BRIDGE DRIVER
IRS2332JTRPBF IRF-IRS2332JTRPBF Datasheet
1Mb / 39P
   3-PHASE-BRIDGE DRIVER
IR2130 IRF-IR2130 Datasheet
639Kb / 21P
   3-PHASE BRIDGE DRIVER
IR2132 IRF-IR2132 Datasheet
643Kb / 21P
   3-PHASE BRIDGE DRIVER
IRS2330SPBF IRF-IRS2330SPBF Datasheet
1Mb / 39P
   3-PHASE-BRIDGE DRIVER
IR2133 IRF-IR2133_15 Datasheet
433Kb / 27P
   3-PHASE BRIDGE DRIVER
IR2130 IRF-IR2130_15 Datasheet
304Kb / 26P
   3-PHASE BRIDGE DRIVER
IR21364PBF IRF-IR21364PBF_15 Datasheet
364Kb / 20P
   3-PHASE BRIDGE DRIVER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com