Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

IRS2334PBF Datasheet(PDF) 6 Page - International Rectifier

Part # IRS2334PBF
Description  3 PHASE GATE DRIVER HVIC
Download  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

IRS2334PBF Datasheet(HTML) 6 Page - International Rectifier

Back Button IRS2334PBF Datasheet HTML 2Page - International Rectifier IRS2334PBF Datasheet HTML 3Page - International Rectifier IRS2334PBF Datasheet HTML 4Page - International Rectifier IRS2334PBF Datasheet HTML 5Page - International Rectifier IRS2334PBF Datasheet HTML 6Page - International Rectifier IRS2334PBF Datasheet HTML 7Page - International Rectifier IRS2334PBF Datasheet HTML 8Page - International Rectifier IRS2334PBF Datasheet HTML 9Page - International Rectifier IRS2334PBF Datasheet HTML 10Page - International Rectifier Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 33 page
background image
IRS2334SPbF/MPbF
www.irf.com
© 2010 International Rectifier
6
Absolute Maximum Ratings
Absolute maximum ratings indicate sustained limits beyond which damage to the device may occur. All voltage
parameters are absolute voltages referenced to COM unless otherwise specified. The thermal resistance and
power dissipation ratings are measured under board mounted and still air conditions.
Symbol
Definition
Min.
Max.
Units
VB
High side floating supply voltage
-0.3
625
VS
High side floating supply offset voltage
VB1,2,3 - 25
VB1,2,3 + 0.3
VHO1,2,3
High side floating output voltage
VS1,2,3 - 0.3
VB1,2,3 + 0.3
VCC
Low side and logic fixed supply voltage
-0.3
25
VLO1,2,3
Low side output voltage
-0.3
VCC + 0.3
VIN
Logic and analog input voltages
-0.3
VCC + 0.3
V
PWHIN
High-side input pulse width
500
ns
dVS/dt
Allowable offset supply voltage slew rate
50
V/ns
20 lead SOIC
1.14
PD
Package power dissipation @ TA
≤ 25°C
28 lead MLPQ
3.363
W
20 lead SOIC
65.8
RthJA
Thermal resistance, junction to ambient
28 lead MLPQ
22.3
°C/W
TJ
Junction temperature
150
TS
Storage temperature
-55
150
TL
Lead temperature (soldering, 10 seconds)
300
°C
All supplies are fully tested at 25 V. An internal 25 V clamp exists for each supply.
Recommended Operating Conditions
For proper operation, the device should be used within the recommended conditions. All voltage parameters are
absolute voltages referenced to COM unless otherwise specified. The VS1,2,3 offset ratings are tested with all
supplies biased at 15 V.
Symbol
Definition
Min.
Max.
Units
VB1,2,3
High side floating supply voltage
VS1,2,3 +10
VS1,2,3 + 20
VS1,2,3
Static high side floating supply offset voltage
-8
600
VS1,2,3(t)
Transient high side floating supply offset voltage
††
-50
600
VHO1,2,3
High side floating output voltage
VS1,2,3
VB1,2,3
VCC
Low side and logic fixed supply voltage
10
20
VLO1,2,3
Low side output voltage
0
VCC
VIN
Logic input voltage
0
VCC
V
TA
Ambient temperature
-40
125
°C
Logic operation for VS of –8 V to 600 V. Logic state held for VS of –8 V to –VBS.
††
Operational for transient negative VS of -50 V with a 50 ns pulse width. Guaranteed by design. Refer to the
Application Information section of this datasheet for more details.


Similar Part No. - IRS2334PBF

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IRS2334PBF IRF-IRS2334PBF Datasheet
734Kb / 33P
   3 PHASE GATE DRIVER HVIC
IRS2334PBF IRF-IRS2334PBF_15 Datasheet
734Kb / 33P
   3 PHASE GATE DRIVER HVIC
More results

Similar Description - IRS2334PBF

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
IRS2334SPBF INFINEON-IRS2334SPBF Datasheet
737Kb / 33P
   3 PHASE GATE DRIVER HVIC
27 January 2011
logo
International Rectifier
IRS2334SPBF IRF-IRS2334SPBF Datasheet
734Kb / 33P
   3 PHASE GATE DRIVER HVIC
IRS2334PBF IRF-IRS2334PBF_15 Datasheet
734Kb / 33P
   3 PHASE GATE DRIVER HVIC
IRMDAC4 IRF-IRMDAC4 Datasheet
87Kb / 7P
   IR2137Q monolithic 3-phase HVIC driver
logo
Infineon Technologies A...
6ED003L06-F INFINEON-6ED003L06-F Datasheet
293Kb / 18P
   Integrated 3 Phase Gate Driver
Rev. 2.1, Dec 2008
logo
Princeton Technology Co...
PT5671 PTC-PT5671 Datasheet
236Kb / 4P
   3-Phase MOSFET Gate Driver
PT5616A PTC-PT5616A Datasheet
297Kb / 6P
   3-Phase 600V Gate Driver IC
PT5617 PTC-PT5617 Datasheet
407Kb / 5P
   High Voltage 3-Phase Gate Driver
logo
Powerex Power Semicondu...
M63972P POWEREX-M63972P Datasheet
66Kb / 4P
   HVIC High-Side Driver
logo
Littelfuse
LF2388B LITTELFUSE-LF2388B Datasheet
1Mb / 20P
   3-Phase Half Bridge Gate Driver
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com