Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

IRS26302DPBF Datasheet(PDF) 6 Page - International Rectifier

Part # IRS26302DPBF
Description  FULLY PROTECTED 3-PHASE BRIDGE PLUS ONE GATE DRIVER
Download  53 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

IRS26302DPBF Datasheet(HTML) 6 Page - International Rectifier

Back Button IRS26302DPBF Datasheet HTML 2Page - International Rectifier IRS26302DPBF Datasheet HTML 3Page - International Rectifier IRS26302DPBF Datasheet HTML 4Page - International Rectifier IRS26302DPBF Datasheet HTML 5Page - International Rectifier IRS26302DPBF Datasheet HTML 6Page - International Rectifier IRS26302DPBF Datasheet HTML 7Page - International Rectifier IRS26302DPBF Datasheet HTML 8Page - International Rectifier IRS26302DPBF Datasheet HTML 9Page - International Rectifier IRS26302DPBF Datasheet HTML 10Page - International Rectifier Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 53 page
background image
IRS26302DJ
www.irf.com
© 2009 International Rectifier
6
Absolute Maximum Ratings
Absolute maximum ratings indicate sustained limits beyond which damage to the device may occur. All voltage
parameters are absolute voltages referenced to VSS unless otherwise stated in the table. The thermal resistance and
power dissipation ratings are measured under board mounted and still air conditions. Voltage clamps are included
between VCC & COM (25 V), VCC & VSS (20 V), and VB & VS (20 V).
Symbol
Definition
Min.
Max.
Units
VB1,2,3
High side floating supply voltage
-0.3
620
VHO1,2,3
High side floating output voltage
VS1,2,3 - 0.3
VB1,2,3 + 0.3
VS1,2,3
High side offset voltage
VB1,2,3 - 20
VB 1,2,3 + 0.3
VDC
DCbus Supply Voltage
-0.3
620
GF
Input voltage for Ground Fault detection
VDC-20
VDC+0.3
VSDC
High voltage return for Ground Fault circuit
VDC-20
VDC+0.3
VCC
Low side and logic fixed supply voltage
-0.3
20
COM
Power ground
VCC - 25
VCC + 0.3
VLO1,2,3
Low side output voltage LO1,2,3, PFCout
-0.3
VCC + 0.3
VIN
Input voltage LIN1,2,3, HIN1,2,3, ITRIP, PFCtrip,
FLTEN, RCIN
-0.3
VCC + 0.3
VPFCtrip/VBRtrip
Input voltage VPFCtrip/VBRtrip
-2
VCC + 0.3
V
dV/dt
Allowable offset voltage slew rate
50
V/ns
PD
Package power dissipation @ TA ≤ +25°C
4.6
W
RTHJA
Thermal resistance, junction to ambient
27
°C/W
TJ
Junction temperature
150
TS
Storage temperature
-55
150
TL
Lead temperature (soldering, 10 seconds)
300
°C
All supplies are fully tested at 25 V. An internal 20 V clamp exists for each supply.


Similar Part No. - IRS26302DPBF

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IRS26302DPBF IRF-IRS26302DPBF Datasheet
890Kb / 53P
   FULLY PROTECTED 3-PHASE BRIDGE PLUS ONE GATE DRIVER
IRS26302DPBF IRF-IRS26302DPBF_15 Datasheet
890Kb / 53P
   FULLY PROTECTED 3-PHASE BRIDGE PLUS ONE GATE DRIVER
More results

Similar Description - IRS26302DPBF

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IRS26302DJPBF IRF-IRS26302DJPBF Datasheet
802Kb / 51P
   FULLY PROTECTED 3-PHASE BRIDGE PLUS ONE GATE DRIVER
IRS26302DPBF IRF-IRS26302DPBF_15 Datasheet
890Kb / 53P
   FULLY PROTECTED 3-PHASE BRIDGE PLUS ONE GATE DRIVER
IRS26302DJPBF IRF-IRS26302DJPBF_1 Datasheet
890Kb / 53P
   FULLY PROTECTED 3-PHASE BRIDGE PLUS ONE GATE DRIVER
logo
Infineon Technologies A...
IRS26302DJPBF INFINEON-IRS26302DJPBF Datasheet
890Kb / 53P
   FULLY PROTECTED 3-PHASE BRIDGE PLUS ONE GATE
Data Sheet No. PD 60321A
logo
Littelfuse
LF2388B LITTELFUSE-LF2388B Datasheet
1Mb / 20P
   3-Phase Half Bridge Gate Driver
logo
Diodes Incorporated
DGD0636M DIODES-DGD0636M Datasheet
665Kb / 12P
   3-PHASE HALF-BRIDGE GATE DRIVER IN SO28
Rev. 1 - 2 February 2019
logo
Nihon Inter Electronics...
PGH NIEC-PGH Datasheet
796Kb / 10P
   3-phase diode bridge plus thyristor
logo
Motorola, Inc
MPIC2130 MOTOROLA-MPIC2130 Datasheet
179Kb / 6P
   3-PHASE BRIDGE DRIVER
logo
International Rectifier
IR21363 IRF-IR21363_15 Datasheet
325Kb / 27P
   3-PHASE BRIDGE DRIVER
IR2237 IRF-IR2237 Datasheet
173Kb / 12P
   3-PHASE BRIDGE DRIVER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com