Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

IRSM807-105MH Datasheet(PDF) 2 Page - International Rectifier

Part # IRSM807-105MH
Description  Half-Bridge IPM for Small Appliance Motor Drive Applications
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

IRSM807-105MH Datasheet(HTML) 2 Page - International Rectifier

  IRSM807-105MH Datasheet HTML 1Page - International Rectifier IRSM807-105MH Datasheet HTML 2Page - International Rectifier IRSM807-105MH Datasheet HTML 3Page - International Rectifier IRSM807-105MH Datasheet HTML 4Page - International Rectifier IRSM807-105MH Datasheet HTML 5Page - International Rectifier IRSM807-105MH Datasheet HTML 6Page - International Rectifier IRSM807-105MH Datasheet HTML 7Page - International Rectifier IRSM807-105MH Datasheet HTML 8Page - International Rectifier IRSM807-105MH Datasheet HTML 9Page - International Rectifier Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 12 page
background image
IRSM807-105MH
2
www.irf.com
© 2013 International Rectifier
September 6, 2013
IRSM807-105MHTR
PQFN 8x9mm
Tape and Reel
2000
Absolute Maximum Ratings
Absolute maximum ratings indicate sustained limits beyond which damage to the module may occur. These are
not tested at manufacturing. All voltage parameters are absolute voltages referenced to VSS unless otherwise
stated in the table. The thermal resistance rating is measured under board mounted and still air conditions.
Symbol
Description
Min
Max
Unit
BVDSS
MOSFET Blocking Voltage
---
500
V
IO
DC output current per MOSFET @ TC=25°C (Note1)
---
10
A
Pd
Power dissipation per MOSFET @ TC =100°C
---
-
W
TJ (MOSFET & IC)
Maximum Operating Junction Temperature
---
150
°C
TL
Lead temperature (soldering 30 seconds)
---
260
°C
TS
Storage Temperature Range
-40
150
°C
VB
High side floating supply voltage
-0.3
VS + 20
V
VS
High side floating supply offset voltage
VB - 20
VB +0.3
V
VCC
Low Side fixed supply voltage
-0.3
20
V
VIN
Logic input voltage LIN, HIN
-0.3
VCC +0.3
V
VISO
Isolation voltage (1min) (Note2)
---
1500
VRMS
Note1: Calculated based on maximum junction temperature. Bond wires current limit is 3.5A. Note2: Characterized, non tested at
manufacturing
Recommended Operating Conditions
Symbol
Description
Min
Typ
Max
Units
Conditions
V
+
Positive DC Bus Input Voltage
---
---
400
V
VS1,2,3
High Side Floating Supply Offset Voltage
(Note 3)
---
400
V
VB1,2,3
High Side Floating Supply Voltage
VS+12
---
VS+20
V
VCC
Low Side and Logic Supply Voltage
13.5
---
16.5
V
VIN
Logic Input Voltage
COM
---
VCC
V
Fp
PWM Carrier Frequency
---
---
20
kHz
For proper operation the module should be used within the recommended conditions. All voltages are absolute referenced to COM. The VS
offset is tested with all supplies biased at 15V differential.
Note 3: Logic operational for Vs from COM-8V to COM+500V. Logic state held for Vs from COM-8V to COM-VBS.


Similar Part No. - IRSM807-105MH

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IRSM807-105MH IRF-IRSM807-105MH Datasheet
947Kb / 17P
   Integrated gate drivers and bootstrap functionality
logo
Infineon Technologies A...
IRSM807-105MH INFINEON-IRSM807-105MH Datasheet
947Kb / 17P
   Half-Bridge IPM for Small Appliance Motor Drive Applications
May 18, 2014
IRSM807-105MHTR INFINEON-IRSM807-105MHTR Datasheet
947Kb / 17P
   Half-Bridge IPM for Small Appliance Motor Drive Applications
May 18, 2014
logo
International Rectifier
IRSM807-105MH IRF-IRSM807-105MH_15 Datasheet
947Kb / 17P
   Integrated gate drivers and bootstrap functionality
More results

Similar Description - IRSM807-105MH

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
IRSM807-105MH INFINEON-IRSM807-105MH Datasheet
947Kb / 17P
   Half-Bridge IPM for Small Appliance Motor Drive Applications
May 18, 2014
IRSM808-105MH INFINEON-IRSM808-105MH Datasheet
970Kb / 17P
   Half-Bridge IPM for Small Appliance Motor Drive Applications
May 18, 2014
IRSM808-204MH INFINEON-IRSM808-204MH Datasheet
516Kb / 10P
   Half-Bridge IPM for Small Appliance Motor Drive Applications
February 12, 2015
logo
International Rectifier
IRSM808-105MH IRF-IRSM808-105MH Datasheet
434Kb / 12P
   Half-Bridge IPM for Small Appliance Motor Drive Applications
logo
Infineon Technologies A...
IRSM807-045MH INFINEON-IRSM807-045MH Datasheet
361Kb / 11P
   Half-Bridge Module For Small Appliance Motor Drive Applications
August 13, 2014
IRSM505-035 INFINEON-IRSM505-035 Datasheet
569Kb / 16P
   Integrated Power Module for Small Appliance Motor Drive Applications
January 21, 2020
IRSM836-024MA INFINEON-IRSM836-024MA Datasheet
508Kb / 19P
   Integrated Power Module for Small Appliance Motor Drive Applications
February 3, 2013
IRSM836-035MA INFINEON-IRSM836-035MA Datasheet
517Kb / 19P
   Integrated Power Module for Small Appliance Motor Drive Applications
February 3, 2013
logo
International Rectifier
IRSM505-025 IRF-IRSM505-025_15 Datasheet
907Kb / 16P
   Integrated Power Module for Small Appliance Motor Drive Applications
IRSM836-035MA IRF-IRSM836-035MA Datasheet
517Kb / 19P
   Integrated Power Module for Small Appliance Motor Drive Applications
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com