Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

IRSM808-105MHTR Datasheet(PDF) 3 Page - International Rectifier

Part # IRSM808-105MHTR
Description  Half-Bridge IPM for Small Appliance Motor Drive Applications
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

IRSM808-105MHTR Datasheet(HTML) 3 Page - International Rectifier

  IRSM808-105MHTR Datasheet HTML 1Page - International Rectifier IRSM808-105MHTR Datasheet HTML 2Page - International Rectifier IRSM808-105MHTR Datasheet HTML 3Page - International Rectifier IRSM808-105MHTR Datasheet HTML 4Page - International Rectifier IRSM808-105MHTR Datasheet HTML 5Page - International Rectifier IRSM808-105MHTR Datasheet HTML 6Page - International Rectifier IRSM808-105MHTR Datasheet HTML 7Page - International Rectifier IRSM808-105MHTR Datasheet HTML 8Page - International Rectifier IRSM808-105MHTR Datasheet HTML 9Page - International Rectifier Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 12 page
background image
IRSM808-105MH
3
www.irf.com
© 2013 International Rectifier
September 6, 2013
Static Electrical Characteristics
VBIAS (VCC, VBS)=15V, TJ=25ºC, unless otherwise specified. The VIN, and IIN parameters are referenced to COM
Symbol
Description
Min
Typ
Max
Units
Conditions
BVDSS
Drain-to-Source Breakdown Voltage
500
---
---
V
TJ=25°C, ILK=3mA
ILKH
Leakage Current of High Side FET’s in
Parallel
---
15
---
A
TJ=25°C, VDS=500V
ILKL
Leakage Current of Low Side FET’s in
Parallel Plus Gate Drive IC
---
20
---
A
TJ=25°C, VDS=500V
---
0.58
0.8
TJ=25°C, VCC=10V, Id = 6A
RDS(ON)
Drain to Source ON Resistance
---
1.60
---
TJ=150°C, VCC=10V, Id = 6A
(Note 4)
VSD
Diode Forward Voltage
---
0.85
---
V
TJ=25°C, VCC=10V, Id = 6A
VHIN/LIN
Logic “1” input voltage for HIN & “0” for
LIN
2.2
---
---
V
VHIN/LIN
Logic “0” input voltage for HIN & “1” for
LIN
---
---
0.8
V
VCCUV+,
VBSUV+
VCC and VBS Supply Under-Voltage,
Positive Going Threshold
8
8.9
9.8
V
VCCUV-, VBSUV-
VCC and VBS supply Under-Voltage,
Negative Going Threshold
7.4
8.2
9.0
V
VCCUVH, VBSUVH
VCC and VBS Supply Under-Voltage Lock-
Out Hysteresis
---
0.7
---
V
IQBS
Quiescent VBS Supply Current VIN=0V
---
45
70
A
IQCC
Quiescent VCC Supply Current VIN=0V
---
1100
1800
A
IHIN+
Input Bias Current VIN=4V
---
5
20
A
ILIN-
Input Bias Current VIN=0V
---
1
2
A
RBR
Internal Bootstrap Equivalent Resistor
Value
---
200
---
TJ=25°C
Note 4: Characterized, not tested at manufacturing
MOSFET Avalanche Characteristics
Symbol
Description
Min
Typ
Max
Units
Conditions
EAS
Single Pulse Avalanche Energy
---
216
---
mJ
TJ=25°C, L=3mH, VDD=100V,
IAS=12A, TO-220 package.
Dynamic Electrical Characteristics
VBIAS (VCC, VBS)=15V, TJ=25ºC, unless otherwise specified. Driver only timing unless otherwise specified.
Symbol
Description
Min
Typ
Max
Units
Conditions
TON
Input to Output Propagation Turn-On
Delay Time
---
0.8
1.3
s
ID=1mA, V
+=50V
TOFF
Input to Output Propagation Turn-Off
Delay Time
---
0.8
1.3
s
DT
Built-in Deadtime
0.9
1.3
---
s
Gate Driver; VLIN=0 & VHIN=5V
with no external deadtime
TFIL,IN
Input Filter Time (HIN, LIN)
---
300
---
ns


Similar Part No. - IRSM808-105MHTR

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
IRSM808-105MHTR INFINEON-IRSM808-105MHTR Datasheet
970Kb / 17P
   Half-Bridge IPM for Small Appliance Motor Drive Applications
May 18, 2014
More results

Similar Description - IRSM808-105MHTR

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
IRSM807-105MH INFINEON-IRSM807-105MH Datasheet
947Kb / 17P
   Half-Bridge IPM for Small Appliance Motor Drive Applications
May 18, 2014
IRSM808-105MH INFINEON-IRSM808-105MH Datasheet
970Kb / 17P
   Half-Bridge IPM for Small Appliance Motor Drive Applications
May 18, 2014
IRSM808-204MH INFINEON-IRSM808-204MH Datasheet
516Kb / 10P
   Half-Bridge IPM for Small Appliance Motor Drive Applications
February 12, 2015
logo
International Rectifier
IRSM807-105MH IRF-IRSM807-105MH Datasheet
427Kb / 12P
   Half-Bridge IPM for Small Appliance Motor Drive Applications
logo
Infineon Technologies A...
IRSM807-045MH INFINEON-IRSM807-045MH Datasheet
361Kb / 11P
   Half-Bridge Module For Small Appliance Motor Drive Applications
August 13, 2014
IRSM505-035 INFINEON-IRSM505-035 Datasheet
569Kb / 16P
   Integrated Power Module for Small Appliance Motor Drive Applications
January 21, 2020
IRSM836-024MA INFINEON-IRSM836-024MA Datasheet
508Kb / 19P
   Integrated Power Module for Small Appliance Motor Drive Applications
February 3, 2013
IRSM836-035MA INFINEON-IRSM836-035MA Datasheet
517Kb / 19P
   Integrated Power Module for Small Appliance Motor Drive Applications
February 3, 2013
logo
International Rectifier
IRSM505-025 IRF-IRSM505-025_15 Datasheet
907Kb / 16P
   Integrated Power Module for Small Appliance Motor Drive Applications
IRSM836-035MA IRF-IRSM836-035MA Datasheet
517Kb / 19P
   Integrated Power Module for Small Appliance Motor Drive Applications
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com