Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

IRUH330118BK Datasheet(PDF) 9 Page - International Rectifier

Part # IRUH330118BK
Description  Radiation Hardended Ultra Low Dropout Fixed Positive Linear Regulator
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

IRUH330118BK Datasheet(HTML) 9 Page - International Rectifier

  IRUH330118BK Datasheet HTML 1Page - International Rectifier IRUH330118BK Datasheet HTML 2Page - International Rectifier IRUH330118BK Datasheet HTML 3Page - International Rectifier IRUH330118BK Datasheet HTML 4Page - International Rectifier IRUH330118BK Datasheet HTML 5Page - International Rectifier IRUH330118BK Datasheet HTML 6Page - International Rectifier IRUH330118BK Datasheet HTML 7Page - International Rectifier IRUH330118BK Datasheet HTML 8Page - International Rectifier IRUH330118BK Datasheet HTML 9Page - International Rectifier  
Zoom Inzoom in Zoom Outzoom out
 9 / 9 page
background image
www.irf.com
9
IRUH330118BK
IRUH330118BP
Part Numbering Nomenclature
IR WORLD HEADQUARTERS: 233 Kansas St., El Segundo, California 90245, USA Tel: (310) 252-7105
IR LEOMINSTER : 205 Crawford St., Leominster, Massachusetts 01453, USA Tel: (978) 534-5776
TAC Fax: (310) 252-7903
Visit us at www.irf.com for sales contact information.
Data and specifications subject to change without notice. 05/2012
Fig 9. Case Outline and Dimensions - MO-078AA (Lead Trimmed)
Note:
1) All dimensions are in inches
Warning: This Product contains BeO
Pin Assignment
Pin #
Pin Description
1
VIN
2GND
3
VOUT
4
SHUTDOWN
5
VSENSE
IR U H3 301 18 B K
Linear Regulator
U = Ultra Low Dropout Regulator
Radiation Hardening
H3 = 300 Krads
Device indicator
301 = 3 Amp Positive Regulator
Output Voltage
18 = 1.8V
25 = 2.5V
33 = 3.3V
A1 = Adjustable Optimized for 3.3 V Input
A2 = Adjustable Optimized for 5.0V Input
Lead Form Options
A = Lead Form Down (Fig. 7)
B = Lead Form Up (Fig. 8)
Blank = Lead Trimmed (Fig. 9)
Screening Level
P = Unscreened. 25°C
Electrical Test Not for Qualification
K = Class K per MIL-PRF-38534
Package Type
B = MO-078AA


Similar Part No. - IRUH330118BK

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IRUH330118BKA IRF-IRUH330118BKA Datasheet
169Kb / 9P
   Radiation Hardended Ultra Low Dropout Fixed Positive Linear Regulator
IRUH330118BKB IRF-IRUH330118BKB Datasheet
169Kb / 9P
   Radiation Hardended Ultra Low Dropout Fixed Positive Linear Regulator
More results

Similar Description - IRUH330118BK

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IRUH330125BK IRF-IRUH330125BK Datasheet
168Kb / 9P
   Radiation Hardended Ultra Low Dropout Fixed Positive Linear Regulator
IRUH330118AK IRF-IRUH330118AK_12 Datasheet
167Kb / 9P
   Radiation Hardended Ultra Low Dropout Fixed Positive Linear Regulator
IRUH330133BK IRF-IRUH330133BK Datasheet
169Kb / 9P
   Radiation Hardended Ultra Low Dropout Fixed Positive Linear Regulator
IRUH3301A2BK IRF-IRUH3301A2BK Datasheet
184Kb / 9P
   Radiation Hardended Ultra Low Dropout Adjustable Positive Linear Regulator
IRUH3301A1 IRF-IRUH3301A1 Datasheet
171Kb / 9P
   Radiation Hardended Ultra Low Dropout Adjustable Positive Linear Regulator
IRUH3301A1B IRF-IRUH3301A1B Datasheet
184Kb / 9P
   Radiation Hardended Ultra Low Dropout Adjustable Positive Linear Regulator
IRUH3301A2AK IRF-IRUH3301A2AK_12 Datasheet
168Kb / 9P
   Radiation Hardended Ultra Low Dropout Adjustable Positive Linear Regulator
IRUH33P183A1M IRF-IRUH33P183A1M Datasheet
65Kb / 7P
   Ultra Low Dropout Positive Fixed Linear Regulator
IRUH50P253B1M IRF-IRUH50P253B1M Datasheet
63Kb / 7P
   Ultra Low Dropout Positive Fixed Linear Regulator
IRUH33P183B1M IRF-IRUH33P183B1M Datasheet
63Kb / 7P
   Ultra Low Dropout Positive Fixed Linear Regulator
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com