Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

IRUH330125AK Datasheet(PDF) 5 Page - International Rectifier

Part # IRUH330125AK
Description  3.3VIN to 2.5VOUT @3.0A
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

IRUH330125AK Datasheet(HTML) 5 Page - International Rectifier

  IRUH330125AK_12 Datasheet HTML 1Page - International Rectifier IRUH330125AK_12 Datasheet HTML 2Page - International Rectifier IRUH330125AK_12 Datasheet HTML 3Page - International Rectifier IRUH330125AK_12 Datasheet HTML 4Page - International Rectifier IRUH330125AK_12 Datasheet HTML 5Page - International Rectifier IRUH330125AK_12 Datasheet HTML 6Page - International Rectifier IRUH330125AK_12 Datasheet HTML 7Page - International Rectifier IRUH330125AK_12 Datasheet HTML 8Page - International Rectifier IRUH330125AK_12 Datasheet HTML 9Page - International Rectifier  
Zoom Inzoom in Zoom Outzoom out
 5 / 9 page
background image
www.irf.com
5
IRUH330125AK
IRUH330125AP
Input Capacitance
Input bypass capacitors: Two (0.1
µF and 1µF) ceramics and two 100µF low ESR tantalums (AVX
TPS or equivalent), placed very close to the V
IN Pin are required for proper operation. When the
input voltage supply capacitance is more than 4 inches from the device, additional input
capacitance is recommended. Larger input capacitor values will improve ripple rejection further
improving the integrity of the output voltage.
Output Capacitance
Output bypass capacitors: Two (0.1µF and 1µF) ceramics and two 100µF low ESR tantalums
(AVX TPS or equivalent) are required for loop stability. Faster transient performance can be
achieved with multiple additional 1µF ceramic capacitors. Ceramic capacitors greater than 1µF in
value are not recommended as they can cause stability issues.
Tantalum capacitor values larger than the suggested value are recommended to improve the
transient response under large load current changes. The upper capacitance value limit is
governed by the delayed over-current latch function of the regulator and can be as much as
10,000µF without causing the device to latch-off during start-up.
General Layout Rules
Low impedance connections between the regulator output and load are essential. Solid power and
ground planes are highly recommended. In those cases where the board impedances are not kept
very small, oscillations can occur due to the effect of parasitic series resistance and inductance
on loop bandwidth and phase margin.
The V
SENSE Pin must be connected directly to the VOUT Pin using as short a trace as possible with
the connection inside the first bypass capacitor (see Fig. 2a).
Connect ceramic output capacitors directly across the V
OUT and GND Pins with as wide a trace as
design rules allow (see Fig. 2a). Avoid the use of vias for these capacitors and avoid loops. Fig.2
shows the ceramic capacitors tied directly to the regulator output.
Fig. 2a. Layer 1 conductor.
Ground plane below layer 1
Fig. 2b. Layer 1 silkscreen
The input capacitors should be connected as close a possible to the V
IN Pin.


Similar Part No. - IRUH330125AK_12

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IRUH330125AKB IRF-IRUH330125AKB Datasheet
168Kb / 9P
   Radiation Hardended Ultra Low Dropout Adjustable Positive Linear Regulator
IRUH330125AKB IRF-IRUH330125AKB Datasheet
167Kb / 9P
   Radiation Hardended Ultra Low Dropout Fixed Positive Linear Regulator
IRUH330125AKC IRF-IRUH330125AKC Datasheet
168Kb / 9P
   Radiation Hardended Ultra Low Dropout Adjustable Positive Linear Regulator
IRUH330125AKC IRF-IRUH330125AKC Datasheet
167Kb / 9P
   Radiation Hardended Ultra Low Dropout Fixed Positive Linear Regulator
More results

Similar Description - IRUH330125AK_12

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IRUH330125AK IRF-IRUH330125AK Datasheet
206Kb / 9P
   3.3VIN to 2.5VOUT @3.0A
IRUH33P253A1M IRF-IRUH33P253A1M Datasheet
80Kb / 8P
   Positive Fixed Linear Regulator 3.3Vin to 2.5Vout at 3.0A
OMR9601SF IRF-OMR9601SF Datasheet
129Kb / 8P
   Ultra Low Dropout Linear Regulator (3.3Vin to 2.5Vout at 3.0A)
OMR9601SC IRF-OMR9601SC Datasheet
130Kb / 8P
   Ultra Low Dropout Linear Regulator 3.3Vin to 2.5Vout at 3.0A
IRUH3301A1AK IRF-IRUH3301A1AK Datasheet
188Kb / 9P
   3.3VIN to VADJ @3.0A
IRUH330118AK IRF-IRUH330118AK Datasheet
205Kb / 9P
   3.3VIN to 1.8VOUT @3.0A
IRUH50P253A1M IRF-IRUH50P253A1M Datasheet
58Kb / 7P
   Ultra Low Dropout Positive Fixed Linear Regulator 5.0Vin to 2.5Vout at 3.0A
IRUH33PA13A1M IRF-IRUH33PA13A1M Datasheet
56Kb / 7P
   Ultra Low Dropout Positive Adjustable Linear Regulator 3.3Vin at 3.0A
logo
Murata Manufacturing Co...
LSM10A-D3 MURATA-LSM10A-D3 Datasheet
428Kb / 13P
   Single Output, Non-Isolated, 3.3VIN, 0.8-2.5VOUT 10 Amp DC/DC?셲 in SMT Packages
logo
International Rectifier
IRUH330133AK IRF-IRUH330133AK_12 Datasheet
168Kb / 9P
   5.0VIN to 3.3VOUT @3.0A
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com