Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

IRUH330133AK Datasheet(PDF) 9 Page - International Rectifier

Part # IRUH330133AK
Description  5.0VIN to 3.3VOUT @3.0A
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

IRUH330133AK Datasheet(HTML) 9 Page - International Rectifier

  IRUH330133AK_12 Datasheet HTML 1Page - International Rectifier IRUH330133AK_12 Datasheet HTML 2Page - International Rectifier IRUH330133AK_12 Datasheet HTML 3Page - International Rectifier IRUH330133AK_12 Datasheet HTML 4Page - International Rectifier IRUH330133AK_12 Datasheet HTML 5Page - International Rectifier IRUH330133AK_12 Datasheet HTML 6Page - International Rectifier IRUH330133AK_12 Datasheet HTML 7Page - International Rectifier IRUH330133AK_12 Datasheet HTML 8Page - International Rectifier IRUH330133AK_12 Datasheet HTML 9Page - International Rectifier  
Zoom Inzoom in Zoom Outzoom out
 9 / 9 page
background image
www.irf.com
9
IRUH330133AK
IRUH330133AP
Part Numbering Nomenclature
IR WORLD HEADQUARTERS: 233 Kansas St., El Segundo, California 90245, USA Tel: (310) 252-7105
IR LEOMINSTER : 205 Crawford St., Leominster, Massachusetts 01453, USA Tel: (978) 534-5776
TAC Fax: (310) 252-7903
Visit us at www.irf.com for sales contact information.
Data and specifications subject to change without notice. 05/2012
IR U H3 301 33 A K
Linear Regulator
U = Ultra Low Dropout Regulator
Radiation Hardening
H3 = 300 Krads
Device indicator
301 = 3 Amp Positive Regulator
Output Voltage
18 = 1.8V
25 = 2.5V
33 = 3.3V
A1 = Adjustable Optimized for 3.3 V Input
A2 = Adjustable Optimized for 5.0V Input
Lead Form Options
Blank = Lead Form Down (Fig. 7)
B = Lead Form Up
C = Lead Trimmed (Fig. 8)
Screening Level
P = Unscreened. 25°C
Electrical Test Not for Qualification
K = Class K per MIL-PRF-38534
Package Type
A = 8 Lead Flat Pack


Similar Part No. - IRUH330133AK_12

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IRUH330133AKB IRF-IRUH330133AKB Datasheet
168Kb / 9P
   Radiation Hardended Ultra Low Dropout Adjustable Positive Linear Regulator
IRUH330133AKB IRF-IRUH330133AKB Datasheet
167Kb / 9P
   Radiation Hardended Ultra Low Dropout Fixed Positive Linear Regulator
IRUH330133AKC IRF-IRUH330133AKC Datasheet
168Kb / 9P
   Radiation Hardended Ultra Low Dropout Adjustable Positive Linear Regulator
IRUH330133AKC IRF-IRUH330133AKC Datasheet
167Kb / 9P
   Radiation Hardended Ultra Low Dropout Fixed Positive Linear Regulator
More results

Similar Description - IRUH330133AK_12

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IRUH330133AK IRF-IRUH330133AK Datasheet
207Kb / 9P
   5.0VIN to 3.3VOUT @3.0A
IRUH3301A2AK IRF-IRUH3301A2AK Datasheet
179Kb / 8P
   5.0VIN to VADJ @3.0A
IRUH50P253A1M IRF-IRUH50P253A1M Datasheet
58Kb / 7P
   Ultra Low Dropout Positive Fixed Linear Regulator 5.0Vin to 2.5Vout at 3.0A
IRUH330125AK IRF-IRUH330125AK Datasheet
206Kb / 9P
   3.3VIN to 2.5VOUT @3.0A
IRUH3301A1AK IRF-IRUH3301A1AK Datasheet
188Kb / 9P
   3.3VIN to VADJ @3.0A
IRUH330118AK IRF-IRUH330118AK Datasheet
205Kb / 9P
   3.3VIN to 1.8VOUT @3.0A
IRUH330125AK IRF-IRUH330125AK_12 Datasheet
170Kb / 9P
   3.3VIN to 2.5VOUT @3.0A
logo
Vicor Corporation
V24A3V3C264A VICOR-V24A3V3C264A Datasheet
194Kb / 8P
   24Vin / 3.3Vout / 264Watts DC-DC Converter Module
V48C3V3C75B VICOR-V48C3V3C75B Datasheet
173Kb / 8P
   48Vin / 3.3Vout / 75Watts DC-DC Converter Module
V300B3V3C150B VICOR-V300B3V3C150B Datasheet
145Kb / 8P
   300Vin / 3.3Vout / 150Watts DC-DC Converter Module
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com