Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LSO2801R5D Datasheet(PDF) 5 Page - International Rectifier

Part # LSO2801R5D
Description  HYBRID-HIGH RELIABILITY RADIATION HARDENED DC-DC CONVERTER
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

LSO2801R5D Datasheet(HTML) 5 Page - International Rectifier

  LSO2801R5D Datasheet HTML 1Page - International Rectifier LSO2801R5D Datasheet HTML 2Page - International Rectifier LSO2801R5D Datasheet HTML 3Page - International Rectifier LSO2801R5D Datasheet HTML 4Page - International Rectifier LSO2801R5D Datasheet HTML 5Page - International Rectifier LSO2801R5D Datasheet HTML 6Page - International Rectifier LSO2801R5D Datasheet HTML 7Page - International Rectifier LSO2801R5D Datasheet HTML 8Page - International Rectifier LSO2801R5D Datasheet HTML 9Page - International Rectifier Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 18 page
background image
www.irf.com
5
LSO SERIES
28V Input, Single/Dual Output
Electrical Performance Characteristics (continued)
For Notes to Electrical Performance Characteristics, refer to page 7
Limits
Parameter
Group A
Subgroup
Conditions
-55
°C ≤ TC ≤ +85°C
VIN = 28V DC ± 5%, CL = 0
unless otherwise specified
Min
Nom
Max
Unit
Line regulation ( VRLINE )
All Single and Dual Output Models
1,2,3
VIN = 18, 28, 40 Volts
IOUT = 0, 50%, 100% rated, Note 4
-0.5
0.5
%
Load regulation ( VRLOAD )
All Single Output Models
1,2,3
VIN = 18, 28, 40 Volts
IOUT = 0, 50%, 100% rated, Note 4
-1.0
1.0
%
Total regulation ( Line and Load )
1,2,3
VIN = 18 to 40 Volts
Min load to full load
Dual model is measured
from +Output to –Output, Note 13
-1.0
1.0
%
Cross regulation (VRCROSS )
LSO2805D
LSO2812D
LSO2815D
1,2,3
VIN = 18, 28, 40 Volts
Duals only, Note 5
-5.0
-3.0
-3.0
5.0
3.0
3.0
%
Input Current, no load (IIN )
LSO2801R5S
LSO2801R8S
LSO2802R5S
LSO2803R3S
LSO2805S
LSO2812S
LSO2815S
LSO2805D
LSO2812D
LSO2815D
1,2,3
IOUT = 0, Pin 3 open
60
60
60
60
70
70
70
70
100
100
mA
Input current inhibited
1,2,3
Pin 4 shorted to Pin 3
8.0
mA
Output Ripple (VRIP)
LSO2801R5S
LSO2801R8S
LSO2802R5S
LSO2803R3S
LSO2805S
LSO2812S
LSO2815S
LSO2805D
LSO2812D
LSO2815D
1,2,3
VIN = 18, 28, 40 Volts
IOUT = 100% rated load
Notes 4, 6
35
35
35
35
50
70
50
50
50
50
mV p-p
Switching frequency (FS )
1,2,3
425
500
575
KHz
Efficiency (EFF )
LSO2801R5S
LSO2801R8S
LSO2802R5S
LSO2803R3S
LSO2805S
LSO2812S
LSO2815S
LSO2805D
LSO2812D
LSO2815D
1,2,3
IOUT = 100% rated load
Note 4
60
63
67
71
77
77
77
76
78
78
62
65
69
73
80
80
80
79
81
81
%
Input undervoltage lockout (UVLO)
(turn off when input voltage
decreassing)
1,2,3
No load to full load, Notes 1, 4
14.5
16.5
V
Input undervoltage release (UVR)
(turn on when input voltage rising)
1,2,3
No load to full load, Notes 1, 4
15.5
17.9
V
Input undervoltage
Hysteresis (UVR-UVLO)
1,2,3
No load to full load, Notes 1, 4
1.0
3.0
V
Input current telemetry ratio( ICT)
1,2,3
IOUT = 100% rated load, Note 4
1.4
1.6
V/A


Similar Part No. - LSO2801R5D

ManufacturerPart #DatasheetDescription
logo
International Rectifier
LSO28 IRF-LSO28 Datasheet
516Kb / 18P
   28V Input, Single/Dual Output
LSO28 IRF-LSO28_15 Datasheet
516Kb / 18P
   28V Input, Single/Dual Output
More results

Similar Description - LSO2801R5D

ManufacturerPart #DatasheetDescription
logo
International Rectifier
GHP2805S IRF-GHP2805S Datasheet
392Kb / 12P
   HYBRID-HIGH RELIABILITY RADIATION HARDENED DC-DC CONVERTER
M3G7003R3S IRF-M3G7003R3S_16 Datasheet
400Kb / 13P
   HYBRID-HIGH RELIABILITY RADIATION HARDENED DC-DC CONVERTER
M3GB2805S IRF-M3GB2805S Datasheet
263Kb / 13P
   HYBRID - HIGH RELIABILITY RADIATION HARDENED DC-DC CONVERTER
GHP7005S IRF-GHP7005S Datasheet
392Kb / 12P
   HYBRID-HIGH RELIABILITY RADIATION HARDENED DC-DC CONVERTER
M3G5003R3S IRF-M3G5003R3S_16 Datasheet
402Kb / 13P
   HYBRID-HIGH RELIABILITY RADIATION HARDENED DC-DC CONVERTER
LS2801R5S IRF-LS2801R5S_12 Datasheet
249Kb / 16P
   HYBRID - HIGH RELIABILITY RADIATION HARDENED DC-DC CONVERTER
M3G280512T IRF-M3G280512T Datasheet
181Kb / 13P
   HYBRID-HIGH RELIABILITY RADIATION HARDENED DC-DC CONVERTER
ART28XXT IRF-ART28XXT_06 Datasheet
140Kb / 12P
   HYBRID - HIGH RELIABILITY RADIATION HARDENED DC/DC CONVERTER
M3G2803R312T IRF-M3G2803R312T Datasheet
144Kb / 10P
   HYBRID-HIGH RELIABILITY RADIATION HARDENED DC-DC CONVERTER
M3G7003R315T IRF-M3G7003R315T Datasheet
176Kb / 12P
   HYBRID - HIGH RELIABILITY RADIATION HARDENED DC-DC CONVERTER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com