Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

WPA50 Datasheet(PDF) 1 Page - C&D Technologies

Part # WPA50
Description  50 WATT SINGLE OUTPUT EIGHTH BRICK DC/DC CONVERTER
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CANDD [C&D Technologies]
Direct Link  http://www.cdpowerelectronics.com
Logo CANDD - C&D Technologies

WPA50 Datasheet(HTML) 1 Page - C&D Technologies

  WPA50 Datasheet HTML 1Page - C&D Technologies WPA50 Datasheet HTML 2Page - C&D Technologies WPA50 Datasheet HTML 3Page - C&D Technologies WPA50 Datasheet HTML 4Page - C&D Technologies  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
50 Watt Single Output Eighth Brick DC/DC Converter
WP
WP
WP
WP
WPA50
A50
A50
A50
A50
Corporate: www.cdtechno.com
Corporate: www.cdtechno.com
Product: www.cdpoweronline.com
Industry Standard Footprint & Size -
2.3” x 0.9” x 0.35”
(58.42mm x 22.86mm x 9.0mm)
High Efficiency - Up To 91%
Wide Input Voltage Range: 36 – 75VDC
Output Voltages: 1.2 V, 1.5V, 1.8V,
2.2V, 2.5V, 3.3V & 5.0V
Remote Output Sense
Remote ON/OFF (Positive or
Negative Logic)
Output Overcurrent Protection -
Hiccup Mode
Input Side “L” Filter
No Minimum Load Required
Isolation Voltage of 1500 VDC
High Reliability
Fixed Frequency Operation
Safety per UL/CUL 60950, EN 60950,
Operational Insulation Meets TNV-SELV
Isolation Requirements
Meets Conducted Emissions Requirements
of FCC Class B and EN55022 Class B with
External Filter
C&D Technologies, Power Electronics
Division is ISO9001:2000 Certified
The WPA50 Series is a 50 Watt single
output, low-profile DC-DC converter in
an industry standard package of 2.3” x
0.9” x 0.35” (58.42mm x 22.86mm x
9.0mm). The WPA50 uses unique
proprietary technologies to deliver ultra-
high efficiencies and excellent thermal
performance. It includes extensive
control and protection features for
maximum flexibility and provides a
versatile solution for a whole range of
applications with its input voltage range
of 36-75 VDC and output voltages
between 1.2VDC and 5.0VDC.
The power dissipation of the WPA50
series is so low that a heat sink is not
required. The product features fast
dynamic response characteristics and
low output ripple critical for low voltage
applications. WPA DC-DC converter
modules are certified to UL/CUL 60950,
and VDE to EN60950. It meets CISPR22/
EN55022/FCC15J Class B specs for EMI
levels with external filtering.
This high quality and highly reliable
product is competitively priced and an
ideal solution for distributed power,
telecoms and datacom applications.
NOMINAL
RATED
INPUT
OUTPUT
OUTPUT CURRENT
INPUT
EFFICIENCY
VOLTAGE
VOLTAGE
MIN
RATED
CURRENT
(%)
MODEL
(VDC)(VDC)
LOAD(A)
OUTPUT (A)
RATED LOAD (A)
MIN
WPA50R48S012
48
1.2
0.0
18
0.58
80
WPA50R48S015
48
1.5
0.0
18
0.70
82
WPA50R48S018
48
1.8
0.0
18
0.80
85
WPA50R48S022
48
2.2
0.0
18
0.99
85
WPA50R48S025
48
2.5
0.0
18
1.11
85
WPA50R48S033
48
3.3
0.0
15
1.20
88
WPA50R48S050
48
5.0
0.0
10
1.17
90
PRODUCTSELECTIONCHART
Output Short-Circuit Duration
Continuous
Internal Power Dissipation
As low as 5 Watts
Lead Temperature (soldering, 10 seconds max)
+300°C
Continuous Input Voltage
75 VDC
Storage Temperature
+125°C
Input to Output Isolation
1500 VDC
ABSOLUTEMAXIMUMRATINGS
No Heatsinks
Low Profile and Low Weight
Thermal Shutdown


Similar Part No. - WPA50

ManufacturerPart #DatasheetDescription
logo
Murata Power Solutions ...
WPA50 MURATA-PS-WPA50 Datasheet
246Kb / 5P
   50 Watt Single Output Eighth Brick DC/DC Converter
WPA50R48S012 MURATA-PS-WPA50R48S012 Datasheet
246Kb / 5P
   50 Watt Single Output Eighth Brick DC/DC Converter
WPA50R48S015 MURATA-PS-WPA50R48S015 Datasheet
246Kb / 5P
   50 Watt Single Output Eighth Brick DC/DC Converter
WPA50R48S018 MURATA-PS-WPA50R48S018 Datasheet
246Kb / 5P
   50 Watt Single Output Eighth Brick DC/DC Converter
WPA50R48S022 MURATA-PS-WPA50R48S022 Datasheet
246Kb / 5P
   50 Watt Single Output Eighth Brick DC/DC Converter
More results

Similar Description - WPA50

ManufacturerPart #DatasheetDescription
logo
Murata Power Solutions ...
WPA50 MURATA-PS-WPA50 Datasheet
246Kb / 5P
   50 Watt Single Output Eighth Brick DC/DC Converter
VKA50LS03C MURATA-PS-VKA50LS03C Datasheet
273Kb / 4P
   50 Watt Single Output Half Brick DC/DC Converter
logo
C&D Technologies
VKA60XS CANDD-VKA60XS Datasheet
459Kb / 4P
   50 WATT SINGLE OUTPUT HALF BRICK DC/DC CONVERTER
VKA50XS CANDD-VKA50XS Datasheet
460Kb / 4P
   50 WATT SINGLE OUTPUT HALF BRICK DC/DC CONVERTER
logo
SynQor Worldwide Headqu...
NQ40X40ETC15 SYNQOR-NQ40X40ETC15 Datasheet
675Kb / 9P
   Eighth-brick DC-DC Converter
PQ30033EGA20 SYNQOR-PQ30033EGA20 Datasheet
548Kb / 14P
   Eighth-brick DC/DC Converter
PQ60033EML15 SYNQOR-PQ60033EML15 Datasheet
518Kb / 13P
   Eighth-brick DC/DC Converter
PQ60033ETL30 SYNQOR-PQ60033ETL30 Datasheet
488Kb / 13P
   Eighth-brick DC/DC Converter
PQ60018EGL20 SYNQOR-PQ60018EGL20 Datasheet
697Kb / 13P
   Eighth-brick DC/DC Converter
PQ60120EGL07 SYNQOR-PQ60120EGL07 Datasheet
526Kb / 13P
   Eighth-brick DC/DC Converter
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com