Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

M3H2815S Datasheet(PDF) 5 Page - International Rectifier

Part # M3H2815S
Description  HYBRID - HIGH RELIABILITY RADIATION TOLERANT DC/DC CONVERTER
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

M3H2815S Datasheet(HTML) 5 Page - International Rectifier

  M3H2815S Datasheet HTML 1Page - International Rectifier M3H2815S Datasheet HTML 2Page - International Rectifier M3H2815S Datasheet HTML 3Page - International Rectifier M3H2815S Datasheet HTML 4Page - International Rectifier M3H2815S Datasheet HTML 5Page - International Rectifier M3H2815S Datasheet HTML 6Page - International Rectifier M3H2815S Datasheet HTML 7Page - International Rectifier M3H2815S Datasheet HTML 8Page - International Rectifier M3H2815S Datasheet HTML 9Page - International Rectifier Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 11 page
background image
www.irf.com
5
M3H-SERIES
Electrical Performance Characteristics ( continued )
Notes.
Electrical Performance Characteristics
1)
Parameter is tested as part of design characterization or after design changes. Thereafter, parameter shall be guaranteed to the
limits specified.
2)
Parameter verified during line and load regulation tests.
3)
Output load current must be distributed such that at least 20% of the total load current is being provided by one of the outputs.
4)
Load current split equally between outputs on dual output models.
5)
Cross regulation is measured with 20% rated load on output under test while changing the load on the other output from 20% to 80%
of rated.
6)
Guaranteed for a D.C. to 20MHz bandwidth. Tested using a 20KHz to 10MHz bandwidth using the circuit shown below.
7)
Capacitive load may be any value from 0 to the maximum limit without compromising dc performance. A capacitive load in excess
of the maximum limit may interfere with the proper operation of the converter’s overload protection, causing erratic behavior during
turn-on.
8)
Overload power dissipation is defined as the device power dissipation with the load set such that V
OUT = 90% of nominal.
9)
Load step transition time
10 µs.
10)
Recovery time is measured from the initiation of the transient to where V
OUT has returned to within ±1% of
its steady state value.
11)
Line step transition time
100 µs.
12)
Turn-on delay time from either a step application of input power or a logic low to a logic high transition on the inhibit pin (pin 4) to
the point where V
OUT = 90% of nominal.
13)
For operation at temperatures between +85°C and +125°C, derate the maximum output power linearly from 100% to 75%.
Limits
Parameter
Group A
Subgroup
Conditions
-55
°C ≤ TC ≤ +85°C
VIN = 28V DC
± 5%, CL =0
Unless otherwise specified
Min
Nom
Max
Unit
Capacitive Load (CL)
M3H2803R3S
M3H2805S
M3H2005R2S
M3H2812S
M3H2815S
M3H2805D
M3H2812D
M3H2815D
1
IOUT = 100% rated load
No effect on DC performance
Notes 1, 4, 7
Each output on duals
2200
1000
1000
180
120
500
90
60
µF
Line Rejection
1
IOUT = 100% rated load
DC to 50KHz, Notes 1, 4
40
50
dB
Isolation
1
Input to Output or Any Pin to Case
except pin 3, test @ 500VDC
100
M
Device Weight
125
g
MTBF
MIL-HDBK-217F2, SF, 35
°C
1.5 x 10
6
Hr


Similar Part No. - M3H2815S

ManufacturerPart #DatasheetDescription
logo
International Rectifier
M3H2815S IRF-M3H2815S Datasheet
343Kb / 12P
   HYBRID-HIGH RELIABILITY RADIATION HARDENED DC-DC CONVERTER
More results

Similar Description - M3H2815S

ManufacturerPart #DatasheetDescription
logo
International Rectifier
AMR2815D IRF-AMR2815D_16 Datasheet
315Kb / 8P
   HYBRID-HIGH RELIABILITY RADIATION TOLERANT DC-DC CONVERTER
M3L2005S IRF-M3L2005S Datasheet
336Kb / 13P
   HYBRID-HIGH RELIABILITY RADIATION TOLERANT DC-DC CONVERTER
ARH2805S IRF-ARH2805S_16 Datasheet
457Kb / 13P
   HYBRID-HIGH RELIABILITY RADIATION TOLERANT DC-DC CONVERTER
AMF28XXS IRF-AMF28XXS Datasheet
127Kb / 7P
   HYBRID - HIGH RELIABILITY RADIATION TOLERANT DC/DC CONVERTER
M3L2803R3S IRF-M3L2803R3S Datasheet
151Kb / 12P
   HYBRID - HIGH RELIABILITY RADIATION TOLERANT DC/DC CONVERTER
AMR2803R3SCH IRF-AMR2803R3SCH Datasheet
127Kb / 7P
   HYBRID - HIGH RELIABILITY RADIATION TOLERANT DC-DC CONVERTER
AMF2800S IRF-AMF2800S_15 Datasheet
129Kb / 7P
   HYBRID - HIGH RELIABILITY RADIATION TOLERANT DC-DC CONVERTER
AMR28XXS IRF-AMR28XXS Datasheet
121Kb / 7P
   HYBRID - HIGH RELIABILITY RADIATION TOLERANT DC/DC CONVERTER
AMA2800S IRF-AMA2800S_15 Datasheet
132Kb / 7P
   HYBRID - HIGH RELIABILITY RADIATION TOLERANT DC-DC CONVERTER
AMR28XXD IRF-AMR28XXD Datasheet
128Kb / 7P
   HYBRID - HIGH RELIABILITY RADIATION TOLERANT DC/DC CONVERTER
M3G500512T IRF-M3G500512T Datasheet
152Kb / 10P
   HYBRID - HIGH RELIABILITY RADIATION TOLERANT DC/DC CONVERTER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com