Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

WPC03R12S15 Datasheet(PDF) 1 Page - C&D Technologies

Part # WPC03R12S15
Description  3 WATT REGULATED WIDE INPUT RANGE DC/DC CONVERTER
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CANDD [C&D Technologies]
Direct Link  http://www.cdpowerelectronics.com
Logo CANDD - C&D Technologies

WPC03R12S15 Datasheet(HTML) 1 Page - C&D Technologies

  WPC03R12S15 Datasheet HTML 1Page - C&D Technologies WPC03R12S15 Datasheet HTML 2Page - C&D Technologies WPC03R12S15 Datasheet HTML 3Page - C&D Technologies WPC03R12S15 Datasheet HTML 4Page - C&D Technologies  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
WPC03R 2/99 REV A
Page 1
3 WATT REGULATED
WIDE INPUT RANGE DC/DC CONVERTER
FEATURES
l
Low Cost, High Performance
l
Small DIP Package
l
Full Power to +85°C
l
Extended Temperature Range: -40°C to +85°C
l
Industry Standard Pinouts
l
Full Short Circuit Protection
l
High Capacitive Loading Capability
l
Protected Against High Input Voltage
DESCRIPTION
The WPC03R is a family of high performance DC/DC converters
that offers regulated outputs over input voltage ranges of 9-18V,
18-36V and 34-72V while offering a wide operating temperature
range of -40°C to +85°C without derating.
Each WPC03R contains input filtering to minimize conducted
noise. The design utilizes surface mounted components,
including magnetics, to provide enhanced reliability.
The converter is designed to meet the requirements of EN60950
with the “L” pinout having 1,500 VDC isolation. All WPC03R
converters are designed to withstand input voltage transients to
200% of nominal input voltage. An additional feature is the
ability of the WPC03R to drive high capacitive loads.
Internet: http://www.cdpowerelectronics.com
Power Electronics Division, United States
3400 E Britannia Drive, Tucson, Arizona 85706
Phone: 800.547.2537
Fax: 520.770.9369
Power Electronics Division, Europe
C&D Technologies (Power Electronics) Ltd.
132 Shannon Industrial Estate, Shannon, Co. Clare, Ireland
Tel: +353.61.474.133
Fax:+353.61.474.141
WPC03R
WPC03R
WPC03R
WPC03R
WPC03R
SIMPLIFIED CIRCUIT SCHEMATIC
APPLICATIONS
l
Telecommunications
l
Battery Powered Systems
l
Portable Instruments
l
Transportation Equipment
l
Distributed Power Systems
Product Data Sheet


Similar Part No. - WPC03R12S15

ManufacturerPart #DatasheetDescription
logo
Murata Power Solutions ...
WPC03R12S15 MURATA-PS-WPC03R12S15 Datasheet
189Kb / 4P
   3 WATT REGULATED WIDE INPUT RANGE DC/DC CONVERTER
More results

Similar Description - WPC03R12S15

ManufacturerPart #DatasheetDescription
logo
Murata Power Solutions ...
WPC03R MURATA-PS-WPC03R Datasheet
189Kb / 4P
   3 WATT REGULATED WIDE INPUT RANGE DC/DC CONVERTER
logo
C&D Technologies
WFC02R CANDD-WFC02R Datasheet
177Kb / 4P
   2 WATT REGULATED WIDE INPUT RANGE DC/DC CONVERTER
logo
Murata Power Solutions ...
WFC02RC MURATA-PS-WFC02RC Datasheet
155Kb / 4P
   2 WATT REGULATED WIDE INPUT RANGE DC/DC CONVERTER
PWR72 MURATA-PS-PWR72 Datasheet
87Kb / 2P
   3 WATT UNREGULATED WIDE INPUT RANGE DC/DC CONVERTER
logo
C&D Technologies
PWR72 CANDD-PWR72 Datasheet
23Kb / 2P
   3 WATT UNREGULATED WIDE INPUT RANGE DC/DC CONVERTERS
logo
GAPTEC Electronic GmbH ...
3S8W-4.3RP GAPTEC-3S8W-4.3RP Datasheet
1Mb / 4P
   3W - Wide Input - Isolated & Regulated DC-DC Converter
logo
MORNSUN Science& Techno...
CWRF1215S-3W MORNSUN-CWRF1215S-3W Datasheet
994Kb / 4P
   3W,wide input isolated & regulated DC-DC converter
VRB2405LD-15WR3 MORNSUN-VRB2405LD-15WR3 Datasheet
3Mb / 8P
   15W, wide input, isolated & regulated DC/DC converter
logo
GAPTEC Electronic GmbH ...
3S6W4 GAPTEC-3S6W4 Datasheet
859Kb / 4P
   3W - Wide Input - Isolated & Regulated DC-DC Converter
logo
Murata Power Solutions ...
WP06R MURATA-PS-WP06R Datasheet
184Kb / 4P
   5-6 Watt High Density, Wide Input Range DC/DC Converter
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com