Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AD5694ARUZ Datasheet(PDF) 10 Page - Analog Devices

Part # AD5694ARUZ
Description  Quad, 16-/12-Bit nanoDAC with I2C Interface
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD5694ARUZ Datasheet(HTML) 10 Page - Analog Devices

Back Button AD5694ARUZ Datasheet HTML 6Page - Analog Devices AD5694ARUZ Datasheet HTML 7Page - Analog Devices AD5694ARUZ Datasheet HTML 8Page - Analog Devices AD5694ARUZ Datasheet HTML 9Page - Analog Devices AD5694ARUZ Datasheet HTML 10Page - Analog Devices AD5694ARUZ Datasheet HTML 11Page - Analog Devices AD5694ARUZ Datasheet HTML 12Page - Analog Devices AD5694ARUZ Datasheet HTML 13Page - Analog Devices AD5694ARUZ Datasheet HTML 14Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 24 page
background image
AD5696/AD5694
Data Sheet
Rev. A | Page 10 of 24
Figure 11. INL Error and DNL Error vs. Supply Voltage
Figure 12. Gain Error and Full-Scale Error vs. Temperature
Figure 13. Zero-Code Error and Offset Error vs. Temperature
Figure 14. Gain Error and Full-Scale Error vs. Supply Voltage
Figure 15. Zero-Code Error and Offset Error vs. Supply Voltage
Figure 16. TUE vs. Temperature
10
–10
–8
–6
–4
–2
0
2
4
6
8
2.7
5.2
4.7
4.2
3.7
3.2
SUPPLY VOLTAGE (V)
INL
DNL
VDD = 5V
TA = 25°C
REFERENCE = 2.5V
0.10
–0.10
–0.08
–0.06
–0.04
–0.02
0
0.02
0.04
0.06
0.08
–40
–20
0
20
40
60
80
100
120
TEMPERATURE (°C)
GAIN ERROR
FULL-SCALE ERROR
VDD = 5V
TA = 25°C
REFERENCE = 2.5V
1.4
1.2
1.0
0.8
0.6
0.4
0.2
0
–40
–20
0
20
40
60
80
100
120
TEMPERATURE (°C)
OFFSET ERROR
ZERO-CODE ERROR
VDD = 5V
TA = 25°C
REFERENCE = 2.5V
0.10
–0.10
–0.08
–0.06
–0.04
–0.02
0
0.02
0.04
0.06
0.08
2.7
5.2
4.7
4.2
3.7
3.2
SUPPLY VOLTAGE (V)
GAIN ERROR
FULL-SCALE ERROR
VDD = 5V
TA = 25°C
REFERENCE = 2.5V
1.5
–1.5
–1.0
–0.5
0
0.5
1.0
2.7
5.2
4.7
4.2
3.7
3.2
SUPPLY VOLTAGE (V)
ZERO-CODE ERROR
OFFSET ERROR
VDD = 5V
TA = 25°C
REFERENCE = 2.5V
0.10
0.09
0.08
0.07
0.06
0.05
0.04
0.03
0.02
0.01
0
–40
–20
0
20
40
60
80
100
120
TEMPERATURE (°C)
VDD = 5V
TA = 25°C
REFERENCE = 2.5V


Similar Part No. - AD5694ARUZ

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD5694ARUZ AD-AD5694ARUZ Datasheet
748Kb / 24P
   Quad 16-/12-Bit nanoDAC I2C Interface
AD5694ARUZ-RL7 AD-AD5694ARUZ-RL7 Datasheet
748Kb / 24P
   Quad 16-/12-Bit nanoDAC I2C Interface
More results

Similar Description - AD5694ARUZ

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD5696 AD-AD5696 Datasheet
748Kb / 24P
   Quad 16-/12-Bit nanoDAC I2C Interface
AD5696R AD-AD5696R_17 Datasheet
1,021Kb / 29P
   Quad 16-/14-/12-Bit nanoDAC Reference, I2C Interface
AD5684ARUZ-RL7 AD-AD5684ARUZ-RL7 Datasheet
683Kb / 28P
   Quad, 16-/12-Bit nanoDAC with SPI Interface
REV. A
AD5686 AD-AD5686 Datasheet
746Kb / 27P
   Quad, 16-/12-Bit nanoDAC
AD5316R AD-AD5316R Datasheet
1Mb / 24P
   Quad, 10-Bit nanoDAC Reference, I2C Interface
AD5686R AD-AD5686R_17 Datasheet
1,005Kb / 31P
   Quad 16-/14-/12-Bit nanoDAC Reference, SPI Interface
AD5686R AD-AD5686R Datasheet
830Kb / 32P
   Quad, 16-/14-/12-Bit nanoDAC
REV. 0
AD5696R AD-AD5696R Datasheet
761Kb / 32P
   Quad 16-/14-/12-Bit nanoDAC
REV. 0
AD5689 AD-AD5689 Datasheet
2Mb / 24P
   Dual, 16-/12-Bit nanoDAC with SPI Interface
REV. 0
AD5693R AD-AD5693R Datasheet
867Kb / 26P
   Tiny 16-/14-/12-Bit I2C nanoDAC
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com