Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AD9656 Datasheet(PDF) 10 Page - Analog Devices

Part # AD9656
Description  Quad, 16-Bit, 125 MSPS, JESD204B 1.8 V Analog-to-Digital Converter
Download  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9656 Datasheet(HTML) 10 Page - Analog Devices

Back Button AD9656 Datasheet HTML 6Page - Analog Devices AD9656 Datasheet HTML 7Page - Analog Devices AD9656 Datasheet HTML 8Page - Analog Devices AD9656 Datasheet HTML 9Page - Analog Devices AD9656 Datasheet HTML 10Page - Analog Devices AD9656 Datasheet HTML 11Page - Analog Devices AD9656 Datasheet HTML 12Page - Analog Devices AD9656 Datasheet HTML 13Page - Analog Devices AD9656 Datasheet HTML 14Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 44 page
background image
AD9656
Data Sheet
Timing Diagrams
Refer to the Memory Map Register Table section for SPI register settings.
Figure 2. Data Output Timing
Figure 3. DSYSREF+/DSYSREF− Setup and Hold Timing (Clock Divider = 1)
VINA+/
VINA–
VINB+/
VINB–
VINC+/
VINC–
VIND+/
VIND–
CLK+
CLK–
SERDOUTx+
CLK+
CLK–
SERDOUTx–
VINB, SAMPLE N – 23,
MSB FIRST, 8B/10B
ENCODED DATA
VINC, SAMPLE N – 23,
MSB FIRST, 8B/10B
ENCODED DATA
VIND, SAMPLE N – 23,
MSB FIRST, 8B/10B
ENCODED DATA
VINA, SAMPLE N – 23,
MSB FIRST, 8B/10B
ENCODED DATA
SAMPLE N
N – 23
N – 21
N – 22
N + 1
N – 1
N – 20
SAMPLE N
N – 23
N – 21
N – 22
N + 1
N – 1
N – 20
SAMPLE N
N – 23
N – 21
N – 22
N + 1
N – 1
N – 20
SAMPLE N
N – 23
N – 21
N – 22
N + 1
N – 1
N – 20
N – 19
N – 19
N – 19
N – 19
tREFS
CLK+
CLK–
DSYSREF–
DSYSREF+
tREFH
Rev. 0 | Page 10 of 44


Similar Part No. - AD9656

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD9656 AD-AD9656 Datasheet
1Mb / 47P
   Quad, 16-Bit, 125 MSPS 1.8 V Analog-to-Digital Converter
AD9656BCPZ-125 AD-AD9656BCPZ-125 Datasheet
1Mb / 47P
   Quad, 16-Bit, 125 MSPS 1.8 V Analog-to-Digital Converter
AD9656BCPZRL7-125 AD-AD9656BCPZRL7-125 Datasheet
1Mb / 47P
   Quad, 16-Bit, 125 MSPS 1.8 V Analog-to-Digital Converter
AD9656EBZ AD-AD9656EBZ Datasheet
1Mb / 47P
   Quad, 16-Bit, 125 MSPS 1.8 V Analog-to-Digital Converter
More results

Similar Description - AD9656

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD9656 AD-AD9656 Datasheet
1Mb / 47P
   Quad, 16-Bit, 125 MSPS 1.8 V Analog-to-Digital Converter
AD9265 AD-AD9265 Datasheet
2Mb / 44P
   16-Bit, 125 MSPS/105 MSPS/80 MSPS 1.8 V Analog-to-Digital Converter
REV. A
AD9265 AD-AD9265_13 Datasheet
1Mb / 45P
   16-Bit, 125 MSPS/105 MSPS/80 MSPS, 1.8 V Analog-to-Digital Converter
AD9655 AD-AD9655 Datasheet
1Mb / 37P
   Dual, 16-Bit, 125 MSPS Serial LVDS,1.8 V Analog-to-Digital Converter
AD9655 AD-AD9655_17 Datasheet
1Mb / 38P
   Dual, 16-Bit, 125 MSPS Serial LVDS, 1.8 V Analog-to-Digital Converter
AD9268 AD-AD9268 Datasheet
2Mb / 44P
   16-Bit, 80 MSPS/105 MSPS/125 MSPS, 1.8 V Dual Analog-to-Digital Converter (ADC)
REV. A
AD9694 AD-AD9694 Datasheet
2Mb / 101P
   14-Bit, 500 MSPS JESD204B, Quad Analog-to-Digital Converter
AD9694S-CSL AD-AD9694S-CSL Datasheet
525Kb / 16P
   14-Bit, 500 MSPS, JESD204B, Quad Analog-to-Digital Converter
Rev. 0
AD9694-EP AD-AD9694-EP Datasheet
614Kb / 15P
   14-Bit, 500 MSPS, JESD204B, Quad Analog-to-Digital Converter
Rev. A
AD9233 AD-AD9233_15 Datasheet
1Mb / 44P
   12-Bit, 80 MSPS/105 MSPS/125 MSPS, 1.8 V Analog-to-Digital Converter
REV. A
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com