Selected language     English  ▼


TC7W241FUTE12LF Datasheet(PDF) 4 Page - Toshiba Semiconductor

Part No. TC7W241FUTE12LF
Description  TOSHIBA CMOS Digital Integrated Circuit Silicon Monolithic
Download  6 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  TOSHIBA [Toshiba Semiconductor]
Homepage  http://www.semicon.toshiba.co.jp/eng
Logo 

   
 4 page
background image
TC7W241FU
2009-09-30
4
AC Electrical Characteristics (input tr = tf = 6 ns)
Ta
= 25°C
Ta
= −40
to 85°C
Characteristics
Symbol
Test Condition
CL
VCC (V)
Min
Typ.
Max
Min
Max
Unit
2.0
25
60
75
4.5
7
12
15
Output transition time
tTLH
tTHL
50
6.0
6
10
13
ns
2.0
36
90
115
4.5
12
18
23
50
6.0
10
15
20
ns
2.0
51
130
165
4.5
17
26
33
Propagation delay time
tpLH
tpHL
150
6.0
14
22
28
ns
2.0
48
125
155
4.5
16
25
31
50
6.0
14
21
26
ns
2.0
63
165
205
4.5
21
33
41
Output enable time
tpZL
tpZH
RL = 1 kΩ
150
6.0
18
28
35
ns
2.0
32
125
155
4.5
15
25
31
Output disable time
tpLZ
tpHZ
RL = 1 kΩ
50
6.0
14
21
26
ns
Input capacitance
CIN
5
10
10
pF
Output capacitance
COUT
10
pF
Power dissipation
capacitance
CPD
(Note)
33
pF
Note: CPD is defined as the value of internal equivalent capacitance which is calculated from the operating current
consumption without load.
Average operating current can be obtained by the equation:
ICC (opr) = CPD • VCC • fIN + ICC/2 (per gate)




Html Pages

1  2  3  4  5  6 


Datasheet Download




Link URL

Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Bookmark   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com 2003 - 2017    


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl