Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ADS8883 Datasheet(PDF) 3 Page - Texas Instruments

Click here to check the latest version.
Part # ADS8883
Description  18-Bit, 100-kSPS, Serial Interface, microPower, Miniature, True-Differential Input, SAR Analog-to-Digital Converter
Download  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

ADS8883 Datasheet(HTML) 3 Page - Texas Instruments

  ADS8883 Datasheet HTML 1Page - Texas Instruments ADS8883 Datasheet HTML 2Page - Texas Instruments ADS8883 Datasheet HTML 3Page - Texas Instruments ADS8883 Datasheet HTML 4Page - Texas Instruments ADS8883 Datasheet HTML 5Page - Texas Instruments ADS8883 Datasheet HTML 6Page - Texas Instruments ADS8883 Datasheet HTML 7Page - Texas Instruments ADS8883 Datasheet HTML 8Page - Texas Instruments ADS8883 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 44 page
background image
ADS8887
www.ti.com
SBAS613A – MAY 2013 – REVISED DECEMBER 2013
ELECTRICAL CHARACTERISTICS
All minimum and maximum specifications are at TA = –40°C to +85°C, AVDD = 3 V, DVDD = 3 V, VREF = 5 V,
VCM = VREF / 2 V, and fSAMPLE = 100 kSPS, unless otherwise noted.
Typical specifications are at TA = +25°C, AVDD = 3 V, and DVDD = 3 V.
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
ANALOG INPUT
Full-scale input span(1)(2)
AINP – AINN
–VREF
VREF
V
AINP
–0.1
VREF + 0.1
V
Operating input range(1)(2)
AINN
–0.1
VREF + 0.1
V
VCM
Input common-mode range
0
VREF / 2
VREF
V
CI
Input capacitance
AINP and AINN terminal to GND
59
pF
Input leakage current
During acquisition for dc input
5
nA
SYSTEM PERFORMANCE
Resolution
18
Bits
NMC
No missing codes
18
Bits
DNL
Differential linearity
–0.99
±0.7
1.5
LSB(3)
INL
Integral linearity(4)
–3
±1.5
3
LSB(3)
EO
Offset error(5)
–4
±1
4
mV
Offset error drift with temperature
±1.5
µV/°C
EG
Gain error
–0.01
±0.005
0.01
%FSR
Gain error drift with temperature
±0.15
ppm/°C
CMRR
Common-mode rejection ratio
With common-mode input signal = 5 VPP at dc
90
100
dB
PSRR
Power-supply rejection ratio
At mid-code
80
dB
Transition noise
0.7
LSB
SAMPLING DYNAMICS
tconv
Conversion time
500
8800
ns
tACQ
Acquisition time
1200
ns
Maximum throughput rate
100
kHz
with or without latency
Aperture delay
4
ns
Aperture jitter, RMS
5
ps
Step response
Settling to 18-bit accuracy
1200
ns
Overvoltage recovery
Settling to 18-bit accuracy
1200
ns
(1)
Ideal input span, does not include gain or offset error.
(2)
Specified for VCM = VREF / 2. Refer to the Analog Input section for the effect of VCM on the full-scale input range.
(3)
LSB = least significant bit.
(4)
This parameter is the endpoint INL, not best-fit.
(5)
Measured relative to actual measured reference.
Copyright © 2013, Texas Instruments Incorporated
Submit Documentation Feedback
3
Product Folder Links: ADS8887


Similar Part No. - ADS8883

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
ADS8883 TI1-ADS8883 Datasheet
1Mb / 49P
[Old version datasheet]   18-Bit, 680-kSPS, Serial Interface, microPower, Miniature, True-Differential Input, SAR Analog-to-Digital Converter
ADS8883IDGS TI1-ADS8883IDGS Datasheet
1Mb / 49P
[Old version datasheet]   18-Bit, 680-kSPS, Serial Interface, microPower, Miniature, True-Differential Input, SAR Analog-to-Digital Converter
ADS8883IDGSR TI1-ADS8883IDGSR Datasheet
1Mb / 49P
[Old version datasheet]   18-Bit, 680-kSPS, Serial Interface, microPower, Miniature, True-Differential Input, SAR Analog-to-Digital Converter
ADS8883IDRCR TI1-ADS8883IDRCR Datasheet
1Mb / 49P
[Old version datasheet]   18-Bit, 680-kSPS, Serial Interface, microPower, Miniature, True-Differential Input, SAR Analog-to-Digital Converter
ADS8883IDRCT TI1-ADS8883IDRCT Datasheet
1Mb / 49P
[Old version datasheet]   18-Bit, 680-kSPS, Serial Interface, microPower, Miniature, True-Differential Input, SAR Analog-to-Digital Converter
More results

Similar Description - ADS8883

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
ADS8887 TI1-ADS8887_14 Datasheet
1Mb / 45P
[Old version datasheet]   18-Bit, 100-kSPS, Serial Interface, microPower, Miniature True-Differential Input, SAR Analog-to-Digital Converter
ADS8883 TI1-ADS8883_14 Datasheet
1Mb / 49P
[Old version datasheet]   18-Bit, 680-kSPS, Serial Interface, microPower, Miniature, True-Differential Input, SAR Analog-to-Digital Converter
ADS8885 TI1-ADS8885_14 Datasheet
1Mb / 49P
[Old version datasheet]   18-Bit, 400-kSPS, Serial Interface, microPower, Miniature, True-Differential Input, SAR Analog-to-Digital Converter
ADS8867 TI1-ADS8867_14 Datasheet
1Mb / 45P
[Old version datasheet]   16-Bit, 100-kSPS, Serial Interface, microPower, Miniature, True-Differential Input, SAR Analog-to-Digital Converter
ADS8865 TI1-ADS8865_14 Datasheet
1Mb / 49P
[Old version datasheet]   16-Bit, 400-kSPS, Serial Interface, microPower, Miniature, True-Differential Input, SAR Analog-to-Digital Converter
ADS8863 TI1-ADS8863_14 Datasheet
1Mb / 49P
[Old version datasheet]   16-Bit, 680-kSPS, Serial Interface, microPower, Miniature, True-Differential Input, SAR Analog-to-Digital Converter
ADS8881C TI1-ADS8881C_15 Datasheet
1Mb / 57P
[Old version datasheet]   Serial Interface, microPower, Miniature, True-Differential Input, SAR Analog-to-Digital Converter
ADS8881 TI-ADS8881 Datasheet
893Kb / 44P
[Old version datasheet]   18-Bit, 1-MSPS, Serial Interface, microPower, Miniature, True-Differential Input, SAR Analog-to-Digital Converter
ADS8881C TI1-ADS8881C Datasheet
1Mb / 57P
[Old version datasheet]   ADS8881x 18-Bit, 1-MSPS, Serial Interface, microPower, Miniature, True-Differential Input, SAR Analog-to-Digital Converter
ADS8861IDGS TI1-ADS8861IDGS Datasheet
1Mb / 48P
[Old version datasheet]   16-Bit 1-MSPS Serial Interface microPower Miniature True-Differential Input SAR Analog-to-Digital Converter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com