Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TEA1521P Datasheet(PDF) 11 Page - NXP Semiconductors

Part # TEA1521P
Description  SMPS ICs for low-power systems Rev. 04 ??14 September 2010
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

TEA1521P Datasheet(HTML) 11 Page - NXP Semiconductors

Back Button TEA1521P Datasheet HTML 7Page - NXP Semiconductors TEA1521P Datasheet HTML 8Page - NXP Semiconductors TEA1521P Datasheet HTML 9Page - NXP Semiconductors TEA1521P Datasheet HTML 10Page - NXP Semiconductors TEA1521P Datasheet HTML 11Page - NXP Semiconductors TEA1521P Datasheet HTML 12Page - NXP Semiconductors TEA1521P Datasheet HTML 13Page - NXP Semiconductors TEA1521P Datasheet HTML 14Page - NXP Semiconductors TEA1521P Datasheet HTML 15Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 20 page
background image
TEA152X
All information provided in this document is subject to legal disclaimers.
© NXP B.V. 2010. All rights reserved.
Product data sheet
Rev. 04 — 14 September 2010
11 of 20
NXP Semiconductors
TEA152x
SMPS ICs for low-power systems
Valley switching
(
ΔV/Δt)
vrec
valley recognition voltage
change with time
−102 -
+102 V/
μs
fvalley
ringing frequency for valley
switching
N
× V
o = 100 V
200
550
800
kHz
td(vrec-swon)
valley recognition to
switch-on delay time
-150
-
ns
Current and short-circuit winding protection
Vsource(max)
maximum voltage on pin
SOURCE
ΔV/Δt=0.1V/μs
0.470.500.53
V
td(prop)
delay from detecting
Vsource(max) to switch-off
ΔV/Δt=0.5V/μs
-
160
185
ns
Vswp
short-winding protection
voltage
ΔV/Δt=0.5V/μs
0.7
0.75
0.8
V
tleb
leading edge blanking time
250
350
450
ns
FET output stage
IL(drain)
leakage current on pin
DRAIN
Vdrain = 650 V
-
-
125
μA
VBR(DRAIN)
breakdown voltage on pin
DRAIN
Tj >0 °C
650
-
-
V
RDSon
drain-source on-state
resistance
TEA1520x
Isource = −0.06 A
Tj =25 °C
-
48
55.2
Ω
Tj =100 °C
-
68
78.2
Ω
TEA1521x
Isource = −0.125 A
Tj =25 °C
-
24
27.6
Ω
Tj =100 °C
-
34
39.1
Ω
TEA1522x
Isource = −0.25 A
Tj =25 °C
-
12
13.8
Ω
Tj =100 °C
-
17
19.6
Ω
TEA1523P
Isource = −0.50 A
Tj =25 °C-
6.5
7.5
Ω
Tj =100 °C
-
9.0
10.0
Ω
tf(DRAIN)
fall time on pin DRAIN
Vi =300 V;
no external capacitor
at drain
-75
-
ns
Temperature protection
Tprot(max)
maximum threshold
temperature
150
160
170
°C
Tprot(hys)
hysteresis of protection
temperature
-2
-
°C
Table 6.
Characteristics …continued
Tamb =25 °C; no overtemperature; all voltages are measured with respect to ground; currents are
positive when flowing into the IC; unless otherwise specified.
Symbol
Parameter
Conditions
Min
Typ
Max
Unit


Similar Part No. - TEA1521P

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
TEA1521P NXP-TEA1521P Datasheet
103Kb / 17P
   SMPS ICs for low-power systems
Rev. 03-23 March 2009
TEA1521P NXP-TEA1521P Datasheet
462Kb / 20P
   SMPS ICs for low-power systems
Rev. 04-14 September 2010
TEA1521P PHILIPS-TEA1521P Datasheet
149Kb / 20P
   STARplugTM
2000 Sep 08
TEA1521P/N2 NXP-TEA1521P/N2 Datasheet
614Kb / 2P
   Cut costs and size for effi cient low-power supplies
2007
More results

Similar Description - TEA1521P

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
TEA152X NXP-TEA152X_10 Datasheet
462Kb / 20P
   SMPS ICs for low-power systems
Rev. 04-14 September 2010
TEA152X NXP-TEA152X Datasheet
103Kb / 17P
   SMPS ICs for low-power systems
Rev. 03-23 March 2009
TEA152X PHILIPS-TEA152X Datasheet
95Kb / 17P
   SMPS ICs for low-power systems
Rev. 03-23 March 2009
SSL1623PH NXP-SSL1623PH Datasheet
85Kb / 15P
   SMPS ICs for mains LED drivers
Rev. 01-15 September 2008
SSL152X NXP-SSL152X_09 Datasheet
103Kb / 17P
   SMPS ICs for mains LED drivers
Rev. 02-10 March 2009
PMBFJ112-215 NXP-PMBFJ112-215 Datasheet
87Kb / 9P
   N-channel junction FETs Rev. 4 ??20 September 2011
Rev. 4-20 September 2011
SSL152X NXP-SSL152X Datasheet
94Kb / 17P
   SMPS ICs for mains LED drivers
Rev. 01-15 September 2008
logo
Texas Instruments
TPS650241-Q1 TI-TPS650241-Q1 Datasheet
865Kb / 32P
[Old version datasheet]   POWER MANAGEMENT ICs FOR Li-ION POWERED SYSTEMS
TPS650240 TI-TPS650240 Datasheet
955Kb / 34P
[Old version datasheet]   Power Management ICs for Li-Ion Powered Systems
TPS650240 TI-TPS650240_08 Datasheet
1Mb / 33P
[Old version datasheet]   Power Management ICs for Li-Ion Powered Systems
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com