Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TCJY337M0020025 Datasheet(PDF) 5 Page - AVX Corporation

Part # TCJY337M0020025
Description  Tantalum Solid Electrolytic Chip Capacitors with Conductive Polymer Electrode
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AVX [AVX Corporation]
Direct Link  http://www.avx.com
Logo AVX - AVX Corporation

TCJY337M0020025 Datasheet(HTML) 5 Page - AVX Corporation

  TCJY337M0020025 Datasheet HTML 1Page - AVX Corporation TCJY337M0020025 Datasheet HTML 2Page - AVX Corporation TCJY337M0020025 Datasheet HTML 3Page - AVX Corporation TCJY337M0020025 Datasheet HTML 4Page - AVX Corporation TCJY337M0020025 Datasheet HTML 5Page - AVX Corporation TCJY337M0020025 Datasheet HTML 6Page - AVX Corporation TCJY337M0020025 Datasheet HTML 7Page - AVX Corporation TCJY337M0020025 Datasheet HTML 8Page - AVX Corporation  
Zoom Inzoom in Zoom Outzoom out
 5 / 8 page
background image
JANUARY 2014
79
JANUARY 2014
79
TCJ Series
Tantalum Solid Electrolytic Chip Capacitors
with Conductive Polymer Electrode
RATINGS & PART NUMBER REFERENCE
Rated
Rated
Category Category
DCL
DF
ESR
100kHz RMS Current (mA)
Product
AVX
Case
Cap
Voltage
Temp.
Voltage
Temp.
(μA)
%
Max. (mΩ)
MSL
25ºC
85ºC
105ºC
125ºC
Category
Part No.
Size
(μF)
(V)
(ºC)
(V)
(ºC)
Max.
Max.
@ 100kHz
TCJT336M010#0070
T
33
10
85
8
105
33.0
6
70
3
1200
800
500
105°C
TCJT336M010#0150
T
33
10
85
8
105
33.0
6
150
3
800
600
400
105°C
TCJB476M010#0070
B
47
10
85
8
105
47.0
6
70
3
1300
900
600
105°C
TCJC476M010#0100
C
47
10
85
7
125
47.0
6
100
3
1300
900
600
300
125°C
TCJD686M010#0045
D
68
10
85
8
105
68
6
45
3
2200
1500
1000
105°C
TCJD686M010#0055
D
68
10
85
8
105
68
6
55
3
2000
1400
900
105°C
TCJY686M010#0045
Y
68
10
85
8
105
68
6
45
3
2000
1400
900
105°C
TCJY686M010#0055
Y
68
10
85
8
105
68
6
55
3
1800
1300
800
105°C
TCJD107M010#0045
D
100
10
85
8
105
100
6
45
3
2200
1500
1000
105°C
TCJD107M010#0055
D
100
10
85
8
105
100
6
55
3
2000
1400
900
105°C
TCJY107M010#0025
Y
100
10
85
8
105
100
6
25
3
2700
1900
1200
105°C
TCJY107M010#0045
Y
100
10
85
8
105
100
6
45
3
2000
1400
900
105°C
TCJY107M010#0055
Y
100
10
85
8
105
100
6
55
3
1800
1300
800
105°C
TCJD157M010#0025
D
150
10
85
8
105
150
6
25
3
3000
2100
1400
105°C
TCJD157M010#0040
D
150
10
85
8
105
150
6
40
3
2400
1700
1100
105°C
TCJD157M010#0045
D
150
10
85
8
105
150
6
45
3
2200
1500
1000
105°C
TCJD157M010#0055
D
150
10
85
8
105
150
6
55
3
2000
1400
900
105°C
TCJY157M010#0025
Y
150
10
85
8
105
150
6
25
3
2700
1900
1200
105°C
TCJY157M010#0040
Y
150
10
85
8
105
150
6
40
3
2200
1500
1000
105°C
TCJY157M010#0045
Y
150
10
85
8
105
150
6
45
3
2000
1400
900
105°C
TCJY157M010#0055
Y
150
10
85
8
105
150
6
55
3
1800
1300
800
105°C
TCJD227M010#0025
D
220
10
85
8
105
220
6
25
3
3000
2100
1400
105°C
TCJD227M010#0040
D
220
10
85
8
105
220
6
40
3
2400
1700
1100
105°C
TCJD227M010#0050
D
220
10
85
8
105
220
6
50
3
2100
1500
900
105°C
TCJY227M010#0025
Y
220
10
85
8
105
220
6
25
3
2700
1900
1200
105°C
TCJY227M010#0040
Y
220
10
85
8
105
220
6
40
3
2200
1500
1000
105°C
TCJY227M010#0050
Y
220
10
85
8
105
220
6
50
3
1900
1300
900
105°C
16 Volt @ 85°C
TCJA685M016#0200
A
6.8
16
85
10
125
10.9
6
200
3
700
500
300
200
125°C
TCJA106M016#0200
A
10
16
85
10
125
16.0
6
200
3
700
500
300
200
125°C
TCJB106M016#0200
B
10
16
85
10
125
16.0
6
200
3
800
600
400
200
125°C
TCJT106M016#0150
T
10
16
85
10
125
16.0
6
150
3
800
600
400
200
125°C
TCJT106M016#0200
T
10
16
85
10
125
16.0
6
200
3
700
500
300
200
125°C
TCJB156M016#0150
B
15
16
85
10
125
24.0
6
150
3
900
600
400
200
125°C
TCJB226M016#0150
B
22
16
85
10
125
35.2
6
150
3
900
600
400
200
125°C
TCJY336M016#0045
Y
33
16
105
16
105
52.8
6
45
3
2000
1400
900
105°C
TCJY336M016#0060
Y
33
16
105
16
105
52.8
6
60
3
1800
1300
800
105°C
TCJY336M016#0070
Y
33
16
105
16
105
52.8
6
70
3
1600
1100
700
105°C
TCJY476M016#0045
Y
47
16
105
16
105
75.2
6
45
3
2000
1400
900
105°C
TCJY476M016#0070
Y
47
16
105
16
105
75.2
6
70
3
1600
1100
700
105°C
TCJD686M016#0050
D
68
16
105
16
105
108.8
6
50
3
2100
1500
900
105°C
TCJY686M016#0050
Y
68
16
105
16
105
108.8
6
50
3
1900
1300
900
105°C
TCJD107M016#0050
D
100
16
105
16
105
160.0
6
50
3
2100
1500
900
105°C
TCJE107M016#0040
E
100
16
105
16
105
160.0
6
40
3
2500
1800
1100
105°C
TCJY107M016#0050
Y
100
16
105
16
105
160.0
6
50
3
1900
1300
900
105°C
TCJE157M016#0040
E
150
16
105
16
105
240.0
6
40
3
2500
1800
1100
105°C
20 Volt @ 85°C
TCJY226M020#0070
Y
22
20
105
20
105
44.0
6
70
3
1600
1100
700
105°C
TCJY336M020#0070
Y
33
20
105
20
105
66.0
6
70
3
1600
1100
700
105°C
TCJD476M020#0055
D
47
20
105
20
105
94.0
6
55
3
2000
1400
900
105ºC
TCJY476M020#0070
Y
47
20
105
20
105
94.0
6
70
3
1600
1100
700
105°C
TCJD686M020#0055
D
68
20
85
16
105
136.0
6
55
3
2000
1400
900
105°C
TCJE686M020#0045
E
68
20
105
20
105
136.0
6
45
3
2400
1700
1100
105°C
TCJD107M020#0055
D
100
20
85
16
105
200.0
6
55
3
2000
1400
900
105°C
TCJE107M020#0045
E
100
20
85
16
105
200.0
6
45
3
2400
1700
1100
105°C
25 Volt @ 85°C
TCJP105M025#0500
P
1.0
25
105
25
105
2.5
6
500
3
400
300
200
105°C
TCJB475M025#0150
B
4.7
25
85
20
105
11.8
6
150
3
900
600
400
105°C
TCJB685M025#0090
B
6.8
25
105
25
105
17.0
6
90
3
1100
800
500
105°C
TCJB685M025#0150
B
6.8
25
85
20
105
17.0
6
150
3
900
600
400
105°C
TCJB106M025#0090
B
10
25
105
25
105
25.0
6
90
3
1100
800
500
105°C
TCJB106M025#0150
B
10
25
105
25
105
25.0
6
150
3
900
600
400
105°C
TCJB156M025#0100
B
15
25
105
25
105
37.5
6
100
3
1100
800
500
105°C
TCJB156M025#0150
B
15
25
105
25
105
37.5
6
150
3
900
600
400
105°C
TCJY156M025#0090
Y
15
25
105
25
105
37.5
6
90
3
1400
1000
600
105°C
Moisture Sensitivity Level (MSL) is defined according to J-STD-020.
All technical data relates to an ambient temperature of +25ºC. Capacitance and DF are measured at 120Hz, 0.5RMS with DC bias of 2.2 volts. DCL is measured at rated voltage
after 5 minutes.
ESR allowed to move up to 1.25 times catalog limit post mounting.
For typical weight and composition see page 162.
NOTE: AVX reserves the right to supply a higher voltage rating or tighter tolerance part in the same case size, to the same reliability standards.


Similar Part No. - TCJY337M0020025

ManufacturerPart #DatasheetDescription
logo
AVX Corporation
TCJY337M0020025 AVX-TCJY337M0020025 Datasheet
143Kb / 8P
   Tantalum Solid Electrolytic Chip Capacitors with Conductive Polymer Electrode
More results

Similar Description - TCJY337M0020025

ManufacturerPart #DatasheetDescription
logo
AVX Corporation
TCJB476M010R0070 AVX-TCJB476M010R0070 Datasheet
109Kb / 4P
   Tantalum Solid Electrolytic Chip Capacitors with Conductive Polymer Electrode
TCJA686M0020250 AVX-TCJA686M0020250 Datasheet
202Kb / 4P
   Tantalum Solid Electrolytic Chip Capacitors with Conductive Polymer Electrode
TCJA686M002-0250 AVX-TCJA686M002-0250 Datasheet
118Kb / 4P
   Tantalum Solid Electrolytic Chip Capacitors with Conductive Polymer Electrode
TCJB107M006R0070 AVX-TCJB107M006R0070 Datasheet
109Kb / 4P
   Tantalum Solid Electrolytic Chip Capacitors with Conductive Polymer Electrode
TCJD106M050R0120 AVX-TCJD106M050R0120 Datasheet
143Kb / 8P
   Tantalum Solid Electrolytic Chip Capacitors with Conductive Polymer Electrode
TCJB107M006R0045 AVX-TCJB107M006R0045 Datasheet
109Kb / 4P
   Tantalum Solid Electrolytic Chip Capacitors with Conductive Polymer Electrode
TCJA476M006R0200 AVX-TCJA476M006R0200 Datasheet
109Kb / 4P
   Tantalum Solid Electrolytic Chip Capacitors with Conductive Polymer Electrode
TCJD475M063R0120 AVX-TCJD475M063R0120 Datasheet
143Kb / 8P
   Tantalum Solid Electrolytic Chip Capacitors with Conductive Polymer Electrode
TCJA106M010R0300 AVX-TCJA106M010R0300 Datasheet
135Kb / 6P
   TCJ Series Tantalum solid Electrolytic Chip Capacitors With Conductive Polymer Electrode
TCJC686M006R0100 AVX-TCJC686M006R0100 Datasheet
215Kb / 6P
   TCJ Series Tantalum Solid Electrolytic Chip Capacitors with Conductive Polymer Electrode
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com