Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TFM-105-02-L-D-WT Datasheet(PDF) 1 Page - Samtec, Inc

Part # TFM-105-02-L-D-WT
Description  SMT & THROUGH-HOLE HEADER
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SAMTEC [Samtec, Inc]
Direct Link  http://www.samtec.com/
Logo SAMTEC - Samtec, Inc

TFM-105-02-L-D-WT Datasheet(HTML) 1 Page - Samtec, Inc

  TFM-105-02-L-D-WT Datasheet HTML 1Page - Samtec, Inc TFM-105-02-L-D-WT Datasheet HTML 2Page - Samtec, Inc  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
(1,27 mm) .050"
TFM, TFML SERIES
(1,27 mm x 1,27 mm)
.050" x .050"
micro pitch
TFML–115–12–L–D–K
TFM–110–02–L–D–LC
TFM–115–02–L–S
Surface mount or
Through-hole tails
TFM–110–01–L–D–RE1–WT
Shrouded body
for blind mating
WWW.SAMTEC.COM
NO. PINS
PER ROW
1
Note: Some sizes, styles and
options are non-standard,
non-returnable.
F-213
SPECIFICATIONS
TYPE
STRIP
Note: Other Gold plating
options available.
Contact Samtec.
SMT & THROUGH-HOLE HEADER
SYSTEM
TFM Mates with:
SFM, SFMC, SFSD
TFML Mates with:
SFML, SFSD (–XL option),
SFSDT (–XL option)
TFM-DH Mates with:
SFM (-DH), SFMC,
SFSDX (–S, -D, -SR, -DR)
TFM
= Standard
TFML
= Locking
04, 06, 08
(TFM only)
05, 07, 10, 15, 20,
25, 30, 35, 40, 45, 50
(Call Samtec for other sizes)
PLATING
OPTION
–L
= 15µ" (0,38 µm)
Gold on post,
Matte Tin on tail
(Call Samtec for
E.L.P. plating option)
Specify
LEAD STYLE
from chart
For complete specifications and
recommended PCB layouts
see www.samtec.com?TFM or
www.samtec.com?TFML
Insulator Material:
Black Liquid
Crystal Polymer
Terminal Material:
Phosphor Bronze
Plating:
Au or Sn over 50µ" (1,27 µm) Ni
Voltage Rating:
350 VAC mated with SFM
Operating Temp Range:
-55°C to +125°C
RoHS Compliant:
Yes
Processing:
Lead-Free Solderable:
Yes
SMT Lead Coplanarity:
(0,10 mm) .004" max (05-25)
(0,15 mm) .006" max (30-50)
LEAD STYLE
MATED
HEIGHT*
TFM
SFM
–02
–02
(6,35) .250
–12
(8,13) .320
–22
(9,91) .390
–32
(11,81) .465
LEAD STYLE
MATED
HEIGHT*
TFM
SFM
–01
–01
(5,97) .235
–03
(5,97) .235
–11
(7,75) .305
–13
(7,75) .305
–21
(9,53) .375
–31
(11,43) .450
*Processing conditions will affect
mated height.
MATED HEIGHT
CURRENT RATING
(PER CONTACT)
AMBIENT TEMP
TFM/SFM
20°C
5A
40°C
4.5A
60°C
3.9A
95°C
2.6A
6 POSITIONS (2x3) POWERED
LEAD STYLE
LEAD
STYLE
(SMT)
A
–02
(5,72) .225
–12*
(7,49) .295
–22*
(9,27) .365
–32*
(11,18) .440
* N/A with 07, -DH or
-S row option
LEAD
STYLE
(T/H)
BC
–01
(5,59)
.220
(1,97)
.078
–03*
(5,59)
.220
(2,77)
.109
–11*
(7,37)
.290
(1,97)
.078
–13*
(7,37)
.290
(2,77)
.109
–21*
(9,14)
.360
(1,97)
.078
–31*
(11,05)
.435
(1,97)
.078
* N/A with 07 or -S row
option
THROUGH-HOLE
SURFACE MOUNT
–WT
(–01 & –02 ONLY)
(0,36) .014
(0,46) .018 DIA
(1,27) .050
(2,79) .110
(1,27) .050 x
No. of Positions + (3,18) .125
(See website for –DS & –WT OAL)
A
(1,42)
.056
(1,40)
.055
(1,27)
.050
DIA
(1,14)
.045
(2,35)
.093
(0,64)
.025
(5,72)
.225
(1,27)
.050
(4,45)
.175
B
C
–REX = (1,27) .050 x
No. of Positions + (6,68) .263
–LC
(SMT or TH)
DOUBLE ROW
SINGLE ROW
–A
(SMT or TH)
COST-SAVING
APPLICATIONS
See TFC Series for lower
cost plating options.
EXTENDED LIFE PRODUCT
10 year Mixed Flowing Gas with 30µ" Gold
TM
1,000 cycles when mated with SFM
APPLICATIONS
TFM-DH to SFM-DH SHOWN
TFM to SFM-SH SHOWN


Similar Part No. - TFM-105-02-L-D-WT

ManufacturerPart #DatasheetDescription
logo
Samtec, Inc
TFM-105-02-L-D SAMTEC-TFM-105-02-L-D Datasheet
1Mb / 2P
   SMT & THROUGH-HOLE HEADER
More results

Similar Description - TFM-105-02-L-D-WT

ManufacturerPart #DatasheetDescription
logo
Samtec, Inc
TFM-105-02-S-D-P-TR SAMTEC-TFM-105-02-S-D-P-TR Datasheet
1Mb / 2P
   SMT & THROUGH-HOLE HEADER
TFM-105-02-S-D-LC-P-TR SAMTEC-TFM-105-02-S-D-LC-P-TR Datasheet
1Mb / 2P
   SMT THROUGH-HOLE HEADER
TFM-105-02-L-D SAMTEC-TFM-105-02-L-D Datasheet
1Mb / 2P
   SMT & THROUGH-HOLE HEADER
TFM-110-02-S-D-WT SAMTEC-TFM-110-02-S-D-WT Datasheet
1Mb / 2P
   SMT & THROUGH-HOLE HEADER
TFM-105-02-S-D SAMTEC-TFM-105-02-S-D Datasheet
1Mb / 2P
   SMT & THROUGH-HOLE HEADER
logo
Dubilier
DBCB28D10BGABB1 DUBILIER-DBCB28D10BGABB1 Datasheet
105Kb / 1P
   FEMALE HEADER FEMALE HEADER SMT/THROUGH HOLE 1.27 PITCH
logo
Samtec, Inc
FTSH-120-01-F-D-EJ SAMTEC-FTSH-120-01-F-D-EJ Datasheet
990Kb / 1P
   THROUGH-HOLE MICRO HEADER
HTMS-105-01-G-S SAMTEC-HTMS-105-01-G-S Datasheet
454Kb / 1P
   THROUGH-HOLE MICRO HEADER
TMS SAMTEC-TMS Datasheet
506Kb / 1P
   THROUGH-HOLE MICRO HEADER
TMS-150-01-G-S SAMTEC-TMS-150-01-G-S Datasheet
780Kb / 1P
   THROUGH-HOLE MICRO HEADER
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com