Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TEA1523P Datasheet(PDF) 3 Page - NXP Semiconductors

Part # TEA1523P
Description  SMPS ICs for low-power systems Rev. 04 ??14 September 2010
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

TEA1523P Datasheet(HTML) 3 Page - NXP Semiconductors

  TEA1523P Datasheet HTML 1Page - NXP Semiconductors TEA1523P Datasheet HTML 2Page - NXP Semiconductors TEA1523P Datasheet HTML 3Page - NXP Semiconductors TEA1523P Datasheet HTML 4Page - NXP Semiconductors TEA1523P Datasheet HTML 5Page - NXP Semiconductors TEA1523P Datasheet HTML 6Page - NXP Semiconductors TEA1523P Datasheet HTML 7Page - NXP Semiconductors TEA1523P Datasheet HTML 8Page - NXP Semiconductors TEA1523P Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 20 page
background image
TEA152X
All information provided in this document is subject to legal disclaimers.
© NXP B.V. 2010. All rights reserved.
Product data sheet
Rev. 04 — 14 September 2010
3 of 20
NXP Semiconductors
TEA152x
SMPS ICs for low-power systems
5.
Ordering information
6.
Block diagram
Table 2.
Ordering information
Type number
Package
Name
Description
Version
TEA1520P
DIP8
plastic dual in-line package; 8 leads (300 mil)
SOT97-1
TEA1521P
DIP8
plastic dual in-line package; 8 leads (300 mil)
SOT97-1
TEA1522P
DIP8
plastic dual in-line package; 8 leads (300 mil)
SOT97-1
TEA1523P
DIP8
plastic dual in-line package; 8 leads (300 mil)
SOT97-1
TEA1520T
SO14
plastic small outline package; 14 leads; body width 3.9 mm
SOT108-1
TEA1521T
SO14
plastic small outline package; 14 leads; body width 3.9 mm
SOT108-1
TEA1522T
SO14
plastic small outline package; 14 leads; body width 3.9 mm
SOT108-1
Pin numbers without parenthesis refer to DIP8 packages and within parenthesis refer to SO14 packages.
Fig 1.
Block diagram
mgt419
PROTECTION
LOGIC
LOGIC
SUPPLY
TEA152x
VALLEY
POWER-UP
RESET
THERMAL
SHUTDOWN
OSCILLATOR
PWM
stop
low freq
100 mV
0.75 V
0.5 V
blank
short circuit winding
overcurrent
10x
2.5 V
F
1.8
U
1 (1)
2 (2, 3, 4,
5, 9, 10)
3 (6)
4 (7)
8 (14)
7 (12, 13)
6 (11)
5 (8)
DRAIN
n.c.
GND
SOURCE
AUX
REG
RC
VCC


Similar Part No. - TEA1523P

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
TEA1523P NXP-TEA1523P Datasheet
103Kb / 17P
   SMPS ICs for low-power systems
Rev. 03-23 March 2009
TEA1523P NXP-TEA1523P Datasheet
462Kb / 20P
   SMPS ICs for low-power systems
Rev. 04-14 September 2010
TEA1523P PHILIPS-TEA1523P Datasheet
149Kb / 20P
   STARplugTM
2000 Sep 08
TEA1523P/N2 NXP-TEA1523P/N2 Datasheet
614Kb / 2P
   Cut costs and size for effi cient low-power supplies
2007
More results

Similar Description - TEA1523P

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
TEA152X NXP-TEA152X_10 Datasheet
462Kb / 20P
   SMPS ICs for low-power systems
Rev. 04-14 September 2010
TEA152X NXP-TEA152X Datasheet
103Kb / 17P
   SMPS ICs for low-power systems
Rev. 03-23 March 2009
TEA152X PHILIPS-TEA152X Datasheet
95Kb / 17P
   SMPS ICs for low-power systems
Rev. 03-23 March 2009
SSL1623PH NXP-SSL1623PH Datasheet
85Kb / 15P
   SMPS ICs for mains LED drivers
Rev. 01-15 September 2008
SSL152X NXP-SSL152X_09 Datasheet
103Kb / 17P
   SMPS ICs for mains LED drivers
Rev. 02-10 March 2009
PMBFJ112-215 NXP-PMBFJ112-215 Datasheet
87Kb / 9P
   N-channel junction FETs Rev. 4 ??20 September 2011
Rev. 4-20 September 2011
SSL152X NXP-SSL152X Datasheet
94Kb / 17P
   SMPS ICs for mains LED drivers
Rev. 01-15 September 2008
logo
Texas Instruments
TPS650241-Q1 TI-TPS650241-Q1 Datasheet
865Kb / 32P
[Old version datasheet]   POWER MANAGEMENT ICs FOR Li-ION POWERED SYSTEMS
TPS650240 TI-TPS650240 Datasheet
955Kb / 34P
[Old version datasheet]   Power Management ICs for Li-Ion Powered Systems
TPS650240 TI-TPS650240_08 Datasheet
1Mb / 33P
[Old version datasheet]   Power Management ICs for Li-Ion Powered Systems
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com