Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

WPN20R12D05 Datasheet(PDF) 4 Page - C&D Technologies

Part # WPN20R12D05
Description  20 WATT REGULATED DC/DC CONVERTER
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CANDD [C&D Technologies]
Direct Link  http://www.cdpowerelectronics.com
Logo CANDD - C&D Technologies

WPN20R12D05 Datasheet(HTML) 4 Page - C&D Technologies

  WPN20R12D05 Datasheet HTML 1Page - C&D Technologies WPN20R12D05 Datasheet HTML 2Page - C&D Technologies WPN20R12D05 Datasheet HTML 3Page - C&D Technologies WPN20R12D05 Datasheet HTML 4Page - C&D Technologies  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
WPN20R
REV A
3/2000
Page 4
PERFORMANCE GRAPHS
Power Electronics Division, United States
3400 E Britannia Drive, Tucson, Arizona 85706
Tel: 800.547.2537 Fax: 520.770.9369
C&D Technologies, (NCL)
Milton Keynes
MK14 5BU UK
Tel: +44 (0)1908 615232 Fax: +44 (0)1908 617545
Any data, prices, descriptions or specifications presented herein are subject to revision by C&D Technologies, Inc. without notice. While such information is believed to
be accurate as indicated herein, C&D Technologies, Inc. makes no warranty and hereby disclaims all warranties, express or implied, with regard to the accuracy or
completeness of such information. Further, because the product(s) featured herein may be used under conditions beyond its control, C&D Technologies, Inc. hereby
disclaims all warranties, either express or implied, concerning the fitness or suitability of such product(s) for any particular use or in any specific application or arising from
any course of dealing or usage of trade. The user is solely responsible for determining the suitability of the product(s) featured herein for user’s intended purpose and
in user’s specific application. C&D Technologies, Inc. does not warrant or recommend that any of its products be used in any life support or aviation or aerospace
applications.
15V
12V
5V
3V
OUTPUT RIPPLE VS. TEMPERATURE
-40
-15
25
65 110
Tcase (C)
TRIM RESISTOR VS. OUTPUT VOLTAGE CHANGE
50
45
40
35
30
25
20
15
10
5
0
10
9
8
76
5
4
32
1
Percentage Change In Output Voltage
5
5
3
-trim +trim
10
5
0
-5
-10
-40
-15
25
65
110
100% Load
20% Load
Tcase (C)
-10
-5
0
5
10
0.6
0.4
0.2
0
-0.2
-0.4
-0.6
-0.8
-1
Vin
EFFICIENCY VS. INPUT VOLTAGE
LL
Nom
HL
50%Load
10%Load
100%Load
Percentage Change In Output Voltage
100
90
80
70
60
50
40
30
20
10
0
10
9
8
7
6
5
4
3
2
1
TRIM RESISTOR VS. OUTPUT VOLTAGE CHANGE
EFFICIENCY VS. OUTPUT LOAD
90
85
80
75
70
65
60
55
50
10
20
40
50
60
80
100
Output Load (% or Rated)
1.4
1.2
1
0.8
0.6
0.4
OUTPUT RIPPLE VS. INPUT VOLTAGE
Vin
LL
Nom
HL
12
15
15
+trim -trim trim
1.2
1
0.8
0.6
EFFICIENCY VS. TEMPERATURE


Similar Part No. - WPN20R12D05

ManufacturerPart #DatasheetDescription
logo
Murata Power Solutions ...
WPN20R12D05 MURATA-PS-WPN20R12D05 Datasheet
215Kb / 5P
   20 Watt Regulated DC/DC Converter
More results

Similar Description - WPN20R12D05

ManufacturerPart #DatasheetDescription
logo
Murata Power Solutions ...
WPN20R MURATA-PS-WPN20R Datasheet
215Kb / 5P
   20 Watt Regulated DC/DC Converter
logo
C&D Technologies
HL02R CANDD-HL02R Datasheet
51Kb / 4P
   2 WATT REGULATED DC/DC CONVERTER
PWR51XX CANDD-PWR51XX Datasheet
108Kb / 2P
   9 WATT REGULATED DC/DC CONVERTER
HL01R CANDD-HL01R Datasheet
49Kb / 4P
   1 WATT REGULATED DC/DC CONVERTER
logo
Murata Power Solutions ...
HL02RYC MURATA-PS-HL02RYC Datasheet
128Kb / 3P
   2 WATT REGULATED DC/DC CONVERTER
HL01R MURATA-PS-HL01R Datasheet
95Kb / 4P
   1 WATT REGULATED DC/DC CONVERTER
HL01RZC MURATA-PS-HL01RZC Datasheet
132Kb / 3P
   1 WATT REGULATED DC/DC CONVERTER
PWR6000 MURATA-PS-PWR6000 Datasheet
123Kb / 4P
   1.8 WATT REGULATED DC/DC CONVERTER
HL01RYC MURATA-PS-HL01RYC Datasheet
125Kb / 3P
   1 WATT REGULATED DC/DC CONVERTER
logo
AIMTEC
AM20E-Z AIMTEC-AM20E-Z_16 Datasheet
423Kb / 5P
   20 Watt | DC-DC Converter
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com