Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

T530D227M006A Datasheet(PDF) 4 Page - Kemet Corporation

Part # T530D227M006A
Description  KEMET Organic Capacitor (KO-CAP) T530 High Capacitance/125째C Rated Polymer Tantalum
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KEMET [Kemet Corporation]
Direct Link  http://www.kemet.com
Logo KEMET - Kemet Corporation

T530D227M006A Datasheet(HTML) 4 Page - Kemet Corporation

  T530D227M006A Datasheet HTML 1Page - Kemet Corporation T530D227M006A Datasheet HTML 2Page - Kemet Corporation T530D227M006A Datasheet HTML 3Page - Kemet Corporation T530D227M006A Datasheet HTML 4Page - Kemet Corporation T530D227M006A Datasheet HTML 5Page - Kemet Corporation T530D227M006A Datasheet HTML 6Page - Kemet Corporation T530D227M006A Datasheet HTML 7Page - Kemet Corporation T530D227M006A Datasheet HTML 8Page - Kemet Corporation T530D227M006A Datasheet HTML 9Page - Kemet Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 17 page
background image
© KEMET Electronics Corporation • P.O. Box 5928 • Greenville, SC 29606 (864) 963-6300 • www.kemet.com
T2019_T530 • 2/3/2014
44
KEMET Organic Capacitor (KO-CAP) – T530 High Capacitance/125°C Rated Polymer Tantalum
Electrical Characteristics
1
10
100
1,000
100
1,000
10,000
100,000
1,000,000 10,000,000
Frequency (Hz)
T530D227M006ATE006
T530Y337M006ATE005
T530X477M006ATE004
Capacitance vs. Frequency
ESR vs. Frequency
0.001
0.01
0.1
1
10
100
1,000
10,000
100,000
1,000,000
10,000,000
Frequency (Hz)
T530D227M006ATE006_Imp
T530Y337M006ATE005_Imp
T530X477M006ATE004_Imp
T530D227M006ATE006_ESR
T530Y337M006ATE005_ESR
T530X477M006ATE004_ESR
Dimensions – Millimeters (Inches)
Metric will govern
15
Termination
cutout at
KEMET’s
option,
either end
Case Size
Component
KEMET
EIA
L*
W*
H*
F* ±0.1
±(.004)
S* ±0.3
±(.012)
B* ±0.15
(Ref) ±.006 X (Ref)
P (Ref) R (Ref) T (Ref) A (Min) G (Ref) E (Ref)
D
7343–31
7.3 ±0.3
(0.287 ±0.012)
4.3 ±0.3
(0.169 ±0.012)
2.8 ±0.3
(0.110 ±0.012) 2.4 (.094) 1.3 (.051)
0.5 (.020)
0.10 ± 0.10
(.004 ± .004) 0.9 (.035)
1.0 (.039) 0.13 (.005) 3.8 (.150) 3.5 (.138) 3.5 (.138)
X
7343–43
7.3 ±0.3
(0.287 ±0.012)
4.3 ±0.3
(0.169 ±0.012)
4.0 ±0.3
(0.157 ±0.012) 2.4 (.094) 1.3 (.051)
0.5 (.020)
0.10 ± 0.10
(.004 ± .004)
1.7 (.067)
1.0 (.039) 0.13 (.005) 3.8 (.150) 3.5 (.138) 3.5 (.138)
Y
7343–40
7.3 ±0.3
(0.287 ±0.012)
4.3 ±0.3
(0.169 ±0.012) 4.0 (0.157)
2.4 (.094) 1.3 (.051)
0.5 (.020)
0.10 ± 0.10
(.004 ± .004)
1.7 (.067)
1.0 (.039) 0.13 (.005) 3.8 (.150) 3.5 (.138) 3.5 (.138)
Notes: (Ref) – Dimensions provided for reference only. No dimensions are provided for B, P or R because low profile cases do not have a bevel or a notch.
* MIL–PRF–55365/8 specified dimensions


Similar Part No. - T530D227M006A

ManufacturerPart #DatasheetDescription
logo
Kemet Corporation
T530D227M006AE006 KEMET-T530D227M006AE006 Datasheet
220Kb / 2P
   POLYMER TANTALUM CHIP CAPACITORS
T530D227M006AH4096 KEMET-T530D227M006AH4096 Datasheet
106Kb / 2P
   High Capacitance/Ultra-Low ESR Tantalum Surface Mount Capacitor
T530D227M006AH4097 KEMET-T530D227M006AH4097 Datasheet
106Kb / 2P
   High Capacitance/Ultra-Low ESR Tantalum Surface Mount Capacitor
T530D227M006ATE005 KEMET-T530D227M006ATE005 Datasheet
80Kb / 1P
   T530, Tantalum, Polymer Tantalum, Multi-Anode, 220 uF, 20%, 6.3 V, SMD, Polymer, Molded, Multiple Anodes, Low ESR, 5mOhms, 7343, Height Max = 3.1mm
T530D227M006ATE006 KEMET-T530D227M006ATE006 Datasheet
77Kb / 1P
   Tantalum, Polymer Tantalum, Multi-Anode, T530, 220 uF, 20%, 6.3 V, 7343, SMD, Polymer, Molded, Multiple Anodes, Low ESR, 6mOhms, Height Max = 3.1mm
More results

Similar Description - T530D227M006A

ManufacturerPart #DatasheetDescription
logo
Kemet Corporation
T495X476M025AHE080 KEMET-T495X476M025AHE080 Datasheet
1Mb / 24P
   KEMET Organic Capacitor (KO-CAP) T520 Series Polymer Tantalum
T520V107M010ATE045 KEMET-T520V107M010ATE045 Datasheet
1Mb / 24P
   KEMET Organic Capacitor (KO-CAP) T520 Series Polymer Tantalum
T520B107M006ATE025 KEMET-T520B107M006ATE025 Datasheet
1Mb / 24P
   KEMET Organic Capacitor (KO-CAP) T520 Series Polymer Tantalum
T520B476M006ATE025 KEMET-T520B476M006ATE025 Datasheet
1Mb / 25P
   KEMET Organic Capacitor (KO-CAP) T520 Series Polymer Tantalum
T520D337M006ATE025 KEMET-T520D337M006ATE025 Datasheet
1Mb / 24P
   KEMET Organic Capacitor (KO-CAP) T520 Series Polymer Tantalum
T520V337M004ATE009 KEMET-T520V337M004ATE009 Datasheet
1Mb / 24P
   KEMET Organic Capacitor (KO-CAP) T520 Series Polymer Tantalum
T520C157M010ATE055 KEMET-T520C157M010ATE055 Datasheet
2Mb / 25P
   KEMET Organic Capacitor (KO-CAP) T520 Series Polymer Tantalum
T520B227M006ATE035 KEMET-T520B227M006ATE035 Datasheet
2Mb / 25P
   KEMET Organic Capacitor (KO-CAP) ??Low ESR T520 Series Polymer Tantalum
T520V337M2R5ATE009 KEMET-T520V337M2R5ATE009 Datasheet
2Mb / 26P
   KEMET Organic Capacitor (KO-CAP) ??Low ESR T520 Series Polymer Tantalum
T520V156M025ATE090 KEMET-T520V156M025ATE090 Datasheet
2Mb / 25P
   KEMET Organic Capacitor (KO-CAP) ??Low ESR T520 Series Polymer Tantalum
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com