Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TCJY477M0020040 Datasheet(PDF) 6 Page - AVX Corporation

Part # TCJY477M0020040
Description  Tantalum Solid Electrolytic Chip Capacitors with Conductive Polymer Electrode
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AVX [AVX Corporation]
Direct Link  http://www.avx.com
Logo AVX - AVX Corporation

TCJY477M0020040 Datasheet(HTML) 6 Page - AVX Corporation

  TCJY477M0020040 Datasheet HTML 1Page - AVX Corporation TCJY477M0020040 Datasheet HTML 2Page - AVX Corporation TCJY477M0020040 Datasheet HTML 3Page - AVX Corporation TCJY477M0020040 Datasheet HTML 4Page - AVX Corporation TCJY477M0020040 Datasheet HTML 5Page - AVX Corporation TCJY477M0020040 Datasheet HTML 6Page - AVX Corporation TCJY477M0020040 Datasheet HTML 7Page - AVX Corporation TCJY477M0020040 Datasheet HTML 8Page - AVX Corporation  
Zoom Inzoom in Zoom Outzoom out
 6 / 8 page
background image
80
JANUARY 2014
TCJ Series
Tantalum Solid Electrolytic Chip Capacitors
with Conductive Polymer Electrode
RATINGS & PART NUMBER REFERENCE
Rated
Rated
Category Category
DCL
DF
ESR
100kHz RMS Current (mA)
Product
AVX
Case
Cap
Voltage
Temp.
Voltage
Temp.
(μA)
%
Max. (mΩ)
MSL
25ºC
85ºC
105ºC
125ºC
Category
Part No.
Size
(μF)
(V)
(ºC)
(V)
(ºC)
Max.
Max.
@ 100kHz
TCJB226M025#0150
B
22
25
85
20
105
55.0
6
150
3
900
600
400
105°C
TCJC226M025#0100
C
22
25
85
20
105
55.0
6
100
3
1300
900
600
105°C
TCJD226M025#0060
D
22
25
85
20
105
55.0
6
60
3
1900
1300
900
105°C
TCJD226M025#0100
D
22
25
85
20
105
55.0
6
100
3
1500
1100
700
105°C
TCJY226M025#0070
Y
22
25
85
20
105
55.0
6
70
3
1600
1100
700
105°C
TCJD336M025#0060
D
33
25
105
25
105
82.5
6
60
3
1900
1300
900
105°C
TCJD336M025#0100
D
33
25
105
25
105
82.5
6
100
3
1500
1100
700
105°C
TCJY336M025#0060
Y
33
25
105
25
105
82.5
6
60
3
1800
1300
800
105°C
TCJY336M025#0070
Y
33
25
105
25
105
82.5
6
70
3
1600
1100
700
105°C
TCJY336M025#0100
Y
33
25
105
25
105
82.5
6
100
3
1400
1000
600
105°C
TCJD476M025#0060
D
47
25
85
20
105
117.5
6
60
3
1900
1300
900
105°C
TCJD476M025#0100
D
47
25
85
20
105
117.5
6
100
3
1500
1100
700
105°C
TCJE476M025#0050
E
47
25
85
20
105
117.5
6
50
3
2300
1600
1000
105°C
TCJE686M025#0050
E
68
25
85
20
105
170.0
6
50
3
2300
1600
1000
105°C
TCJE107M025#0080
E
100
25
105
25
105
250.0
6
80
3
1800
1300
800
105°C
35 Volt @ 85°C
TCJB155M035#0200
B
1.5
35
105
35
105
5.3
6
200
3
800
600
400
105°C
TCJB225M035#0200
B
2.2
35
85
28
105
7.7
6
200
3
800
600
400
105°C
TCJB335M035#0200
B
3.3
35
85
28
105
11.6
6
200
3
800
600
400
105°C
TCJB475M035#0200
B
4.7
35
85
28
105
16.5
6
200
3
800
600
400
105°C
TCJC475M035#0200
C
4.7
35
85
28
105
16.5
6
200
3
900
600
400
105°C
TCJC685M035#0200
C
6.8
35
85
28
105
23.8
6
200
3
900
600
400
105°C
TCJB106M035#0200
B
10
35
85
28
105
35.0
6
200
3
800
600
400
105°C
TCJC106M035#0200
C
10
35
85
28
105
35.0
6
200
3
900
600
400
105°C
TCJY106M035#0070
Y
10
35
105
35
105
35.0
6
70
3
1600
1100
700
105°C
TCJC156M035#0200
C
15
35
85
28
105
52.5
6
200
3
900
600
400
105°C
TCJD156M035#0070
D
15
35
85
28
105
52.5
6
70
3
1700
1200
800
105°C
TCJD156M035#0100
D
15
35
85
28
105
52.5
6
100
3
1500
1100
700
105°C
TCJD226M035#0070
D
22
35
105
35
105
77.0
6
70
3
1700
1200
800
105°C
TCJD226M035#0100
D
22
35
105
35
105
77.0
6
100
3
1500
1100
700
105°C
TCJD336M035#0070
D
33
35
85
28
105
115.5
6
70
3
1700
1200
800
105°C
TCJD336M035#0100
D
33
35
85
28
105
115.5
6
100
3
1500
1100
700
105°C
TCJE336M035#0055
E
33
35
85
28
105
115.5
6
55
3
2100
1500
900
105°C
TCJE336M035#0070
E
33
35
85
28
105
115.5
6
70
3
1900
1300
900
105°C
TCJE476M035#0055
E
47
35
85
28
105
164.5
6
55
3
2100
1500
900
105°C
50 Volt @ 85°C
TCJB684M050#0400
B
0.68
50
85
40
105
3.4
6
400
3
600
400
300
105°C
TCJB105M050#0300
B
1.0
50
85
40
105
5.0
6
300
3
600
400
300
105°C
TCJB155M050#0300
B
1.5
50
85
40
105
7.5
6
300
3
600
400
300
105°C
TCJC155M050#0300
C
1.5
50
85
40
105
7.5
6
300
3
800
600
400
105°C
TCJC225M050#0300
C
2.2
50
85
40
105
11.0
6
300
3
800
600
400
105°C
TCJC335M050#0200
C
3.3
50
85
40
105
16.5
8
200
3
900
600
400
105°C
TCJC475M050#0200
C
4.7
50
85
40
105
23.5
8
200
3
900
600
400
105°C
TCJC685M050#0200
C
6.8
50
85
40
105
34.0
8
200
3
900
600
400
105°C
TCJD685M050#0120
D
6.8
50
85
40
105
34.0
10
120
3
1400
1000
600
105°C
TCJD106M050#0120
D
10
50
85
40
105
50.0
10
120
3
1400
1000
600
105°C
TCJE106M050#0070
E
10
50
85
40
105
50.0
6
70
3
1900
1300
900
105°C
TCJE106M050#0100
E
10
50
85
40
105
50.0
6
100
3
1600
1100
700
105°C
TCJE156M050#0070
E
15
50
85
40
105
75.0
6
70
3
1900
1300
900
105°C
TCJE156M050#0100
E
15
50
85
40
105
75.0
6
100
3
1600
1100
700
105°C
63 Volt @ 85°C
TCJB474M063#0400
B
0.47
63
85
50
105
3.0
8
400
3
600
400
300
105°C
TCJB684M063#0300
B
0.68
63
85
50
105
4.3
8
300
3
600
400
300
105°C
TCJB105M063#0300
B
1.0
63
85
50
105
6.3
8
300
3
600
400
300
105°C
TCJC105M063#0300
C
1.0
63
85
50
105
6.3
6
300
3
800
600
400
105°C
TCJC155M063#0300
C
1.5
63
85
50
105
9.5
6
300
3
800
600
400
105°C
TCJC225M063#0200
C
2.2
63
85
50
105
13.9
6
200
3
900
600
400
105°C
TCJC335M063#0200
C
3.3
63
85
50
105
20.8
6
200
3
900
600
400
105°C
TCJC475M063#0200
C
4.7
63
85
50
105
29.6
6
200
3
900
600
400
105°C
TCJD475M063#0120
D
4.7
63
85
50
105
29.6
6
120
3
1400
1000
600
105°C
TCJD685M063#0120
D
6.8
63
85
50
105
42.8
6
120
3
1400
1000
600
105°C
TCJE685M063#0100
E
6.8
63
85
50
105
42.8
6
100
3
1600
1100
700
105°C
TCJE685M063#0150
E
6.8
63
85
50
105
42.8
6
150
3
1300
900
600
105°C
TCJE106M063#0100
E
10
63
85
50
105
63.0
6
100
3
1600
1100
700
105°C
TCJE106M063#0150
E
10
63
85
50
105
63.0
6
150
3
1300
900
600
105°C
Moisture Sensitivity Level (MSL) is defined according to J-STD-020.
All technical data relates to an ambient temperature of +25ºC. Capacitance and DF are measured at 120Hz, 0.5RMS with DC bias of 2.2 volts. DCL is measured at rated voltage
after 5 minutes.
ESR allowed to move up to 1.25 times catalog limit post mounting.
For typical weight and composition see page 162.
NOTE: AVX reserves the right to supply a higher voltage rating or tighter tolerance part in the same case size, to the same reliability standards.


Similar Part No. - TCJY477M0020040

ManufacturerPart #DatasheetDescription
logo
AVX Corporation
TCJY477M0020040 AVX-TCJY477M0020040 Datasheet
143Kb / 8P
   Tantalum Solid Electrolytic Chip Capacitors with Conductive Polymer Electrode
More results

Similar Description - TCJY477M0020040

ManufacturerPart #DatasheetDescription
logo
AVX Corporation
TCJB476M010R0070 AVX-TCJB476M010R0070 Datasheet
109Kb / 4P
   Tantalum Solid Electrolytic Chip Capacitors with Conductive Polymer Electrode
TCJA686M0020250 AVX-TCJA686M0020250 Datasheet
202Kb / 4P
   Tantalum Solid Electrolytic Chip Capacitors with Conductive Polymer Electrode
TCJT476M006R0080 AVX-TCJT476M006R0080 Datasheet
143Kb / 8P
   Tantalum Solid Electrolytic Chip Capacitors with Conductive Polymer Electrode
TCJA686M002-0250 AVX-TCJA686M002-0250 Datasheet
118Kb / 4P
   Tantalum Solid Electrolytic Chip Capacitors with Conductive Polymer Electrode
TCJB107M006R0070 AVX-TCJB107M006R0070 Datasheet
109Kb / 4P
   Tantalum Solid Electrolytic Chip Capacitors with Conductive Polymer Electrode
TCJB107M006R0045 AVX-TCJB107M006R0045 Datasheet
109Kb / 4P
   Tantalum Solid Electrolytic Chip Capacitors with Conductive Polymer Electrode
TCJA476M006R0200 AVX-TCJA476M006R0200 Datasheet
109Kb / 4P
   Tantalum Solid Electrolytic Chip Capacitors with Conductive Polymer Electrode
TCJD475M063R0120 AVX-TCJD475M063R0120 Datasheet
143Kb / 8P
   Tantalum Solid Electrolytic Chip Capacitors with Conductive Polymer Electrode
TCJA106M010R0300 AVX-TCJA106M010R0300 Datasheet
135Kb / 6P
   TCJ Series Tantalum solid Electrolytic Chip Capacitors With Conductive Polymer Electrode
TCJC686M006R0100 AVX-TCJC686M006R0100 Datasheet
215Kb / 6P
   TCJ Series Tantalum Solid Electrolytic Chip Capacitors with Conductive Polymer Electrode
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com