Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TCJY477M0020025 Datasheet(PDF) 2 Page - AVX Corporation

Part # TCJY477M0020025
Description  Tantalum Solid Electrolytic Chip Capacitors with Conductive Polymer Electrode
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AVX [AVX Corporation]
Direct Link  http://www.avx.com
Logo AVX - AVX Corporation

TCJY477M0020025 Datasheet(HTML) 2 Page - AVX Corporation

  TCJY477M0020025 Datasheet HTML 1Page - AVX Corporation TCJY477M0020025 Datasheet HTML 2Page - AVX Corporation TCJY477M0020025 Datasheet HTML 3Page - AVX Corporation TCJY477M0020025 Datasheet HTML 4Page - AVX Corporation TCJY477M0020025 Datasheet HTML 5Page - AVX Corporation TCJY477M0020025 Datasheet HTML 6Page - AVX Corporation TCJY477M0020025 Datasheet HTML 7Page - AVX Corporation TCJY477M0020025 Datasheet HTML 8Page - AVX Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
76
JANUARY 2014
TCJ Series
Tantalum Solid Electrolytic Chip Capacitors
with Conductive Polymer Electrode
CAPACITANCE AND RATED VOLTAGE RANGE
(LETTER DENOTES CASE SIZE)
Cap
Rated Voltage DC (V
R) to 85°C
μF
Code
2.5V (e)
4V (G)
6.3V (J)
10V (A)
16V (C)
20V (D)
25V (E)
35V (V)
50V (T)
63V (J)
75V (P) 100V (A) 125V (B)
0.47
474
B(400)
0.68
684
B(400)
B(300)
1.0
105
N*
A(250)*
A*
B(300)
P(500)
B(300)
C(300)
1.5
155
B(200)
B(300)
C(300)
C(300)
2.2
225
B(200)
C(300)
C(200)
3.3
335
B(200)
C(200)
C(200)
D(250)
4.7
475
K(500)
B(150)
B(200)
C(200)
C(200)
D(150)
D(250)
R(500)
C(200)
D(120)
6.8
685
A(200)
B(90,150)
C(200)
C(200)
D(120)
D(120)
V(250)
D(120)
E(100,150)
A(300)
A(200)
B(200)
D(120)
10
106
N(250,500)
A(300)
B(200)
B(90,150)
C(200)
E(70,100)
E(100,150)
R(500)
T(150,200)
Y(70)
B(100,150)
C(200)
15
156
A(300)
A(300)
A(200)
B(150)
Y(70,90,200)*
D(70,100)
E(70,100)
W*, Y(70)*
A(300), K(400)
B(300)
B(150), C(100)
D(70,100)
22
226
A(300)
N(500), R(500)
T(70,150)
B(150)
Y(70)
D(60,100)
Y(70)*
S(400), T(150)
Y(70)
A(200)
B(70,200)
D(60,100)
D(70,100)
33
336
A(300)
B(70,200)
C(100)
Y(45,60,70)
Y(70)
Y(60,70,100)
E(55,70)
T(150)
T(70,150)
A(200), B(70)
47
476
A(200)
K(150,200,400)
B(70)
Y(45,70)
D(55)
D(60,100)
E(55)
T(80)
P(500), R(500)
C(100)
Y(70)
E(50)
T(55,70,80,120)
A(250)
B(55,70)
D(45,55)
D(50)
D(55)
68
686
A(250)
B(70)
C(100)
Y(45,55)
Y(50)
E(45)
E(50)
T(80)
T(200), W(70)
A(200)
A(70)*
100
107
A(200)
B(70)
B(45,69,70)
D(45,55)
D(50), E(40)
D(55)
E(80)
B(70)
G(300)
T(70,200)
Y(25,45,55)
Y(50)
E(45)
T(150)
B(35,45,69,70)
150
157
B(70)
B(70), Y(25,45)
D(15,40)
D(25,40,45,55)
E(40)
H(200), W(40,70)
Y(25,40,45,55)
Y(15,25,40)
B(35,45,60,70)
B(70,200)
220
227
A(35)*
D(15,40)
D(25,35,40,50)
D(25,40,50)
B(35,45,70)
Y(15,25,40)
W(100)*
Y(25,40,50)
Y(25,35,40,50)
330
337
B(35,45,70)
D(25,40,50)
D(25,40,50)
Y(25,40)
Y(25,40,50)
Y(25,40,50)
470
477
D(25,40,50)
D(25,40,50)
Y(25,40,50)
Y(25,40,50)
Available Ratings, (ESR ratings in mOhms in brackets)
Engineering samples - please contact manufacturer
*Codes under development – subject to change
Note: Voltage ratings are minimum values. AVX reserves the right to supply
higher ratings in the same case size, to the same reliability standards.


Similar Part No. - TCJY477M0020025

ManufacturerPart #DatasheetDescription
logo
AVX Corporation
TCJY477M0020025 AVX-TCJY477M0020025 Datasheet
143Kb / 8P
   Tantalum Solid Electrolytic Chip Capacitors with Conductive Polymer Electrode
More results

Similar Description - TCJY477M0020025

ManufacturerPart #DatasheetDescription
logo
AVX Corporation
TCJB476M010R0070 AVX-TCJB476M010R0070 Datasheet
109Kb / 4P
   Tantalum Solid Electrolytic Chip Capacitors with Conductive Polymer Electrode
TCJA686M0020250 AVX-TCJA686M0020250 Datasheet
202Kb / 4P
   Tantalum Solid Electrolytic Chip Capacitors with Conductive Polymer Electrode
TCJA686M002-0250 AVX-TCJA686M002-0250 Datasheet
118Kb / 4P
   Tantalum Solid Electrolytic Chip Capacitors with Conductive Polymer Electrode
TCJB107M006R0070 AVX-TCJB107M006R0070 Datasheet
109Kb / 4P
   Tantalum Solid Electrolytic Chip Capacitors with Conductive Polymer Electrode
TCJD106M050R0120 AVX-TCJD106M050R0120 Datasheet
143Kb / 8P
   Tantalum Solid Electrolytic Chip Capacitors with Conductive Polymer Electrode
TCJB107M006R0045 AVX-TCJB107M006R0045 Datasheet
109Kb / 4P
   Tantalum Solid Electrolytic Chip Capacitors with Conductive Polymer Electrode
TCJA476M006R0200 AVX-TCJA476M006R0200 Datasheet
109Kb / 4P
   Tantalum Solid Electrolytic Chip Capacitors with Conductive Polymer Electrode
TCJD475M063R0120 AVX-TCJD475M063R0120 Datasheet
143Kb / 8P
   Tantalum Solid Electrolytic Chip Capacitors with Conductive Polymer Electrode
TCJA106M010R0300 AVX-TCJA106M010R0300 Datasheet
135Kb / 6P
   TCJ Series Tantalum solid Electrolytic Chip Capacitors With Conductive Polymer Electrode
TCJC686M006R0100 AVX-TCJC686M006R0100 Datasheet
215Kb / 6P
   TCJ Series Tantalum Solid Electrolytic Chip Capacitors with Conductive Polymer Electrode
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com