Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TCJY477M0020050 Datasheet(PDF) 7 Page - AVX Corporation

Part # TCJY477M0020050
Description  Tantalum Solid Electrolytic Chip Capacitors with Conductive Polymer Electrode
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AVX [AVX Corporation]
Direct Link  http://www.avx.com
Logo AVX - AVX Corporation

TCJY477M0020050 Datasheet(HTML) 7 Page - AVX Corporation

  TCJY477M0020050 Datasheet HTML 1Page - AVX Corporation TCJY477M0020050 Datasheet HTML 2Page - AVX Corporation TCJY477M0020050 Datasheet HTML 3Page - AVX Corporation TCJY477M0020050 Datasheet HTML 4Page - AVX Corporation TCJY477M0020050 Datasheet HTML 5Page - AVX Corporation TCJY477M0020050 Datasheet HTML 6Page - AVX Corporation TCJY477M0020050 Datasheet HTML 7Page - AVX Corporation TCJY477M0020050 Datasheet HTML 8Page - AVX Corporation  
Zoom Inzoom in Zoom Outzoom out
 7 / 8 page
background image
JANUARY 2014
81
TCJ Series
Tantalum Solid Electrolytic Chip Capacitors
with Conductive Polymer Electrode
RATINGS & PART NUMBER REFERENCE
Moinsture Sensitivity Level (MSL) is defined according to J-STD-020.
All technical data relates to an ambient temperature of +25ºC. Capacitance and DF are measured at 120Hz, 0.5RMS with DC bias of 2.2 volts. DCL is measured at
rated voltage after 5 minutes.
ESR allowed to move up to 1.25 times catalog limit post mounting.
For typical weight and composition see page 162.
NOTE: AVX reserves the right to supply a higher voltage rating or tighter tolerance part in the same case size, to the same reliability standards.
Rated
Rated
Category Category
DCL
DF
ESR
100kHz RMS Current (mA)
Product
AVX
Case
Cap
Voltage
Temp.
Voltage
Temp.
(μA)
%
Max. (mΩ)
MSL
25ºC
85ºC
105ºC
125ºC
Category
Part No.
Size
(μF)
(V)
(ºC)
(V)
(ºC)
Max.
Max.
@ 100kHz
75 Volt @ 85°C
TCJD475M075#0150
D
4.7
75
85
60
105
35.3
6
150
3
1200
800
500
105°C
TCJD685M075#0120
D
6.8
75
85
60
105
51.0
6
120
3
1400
1000
600
105°C
100 Volt @ 85°C
TCJD475M100#0250
D
4.7
100
85
80
105
47.0
8
250
3
900
600
400
105°C
TCJV685M100#0250
V
6.8
100
85
80
105
68.0
8
250
3
1200
800
500
105°C
125 Volt @ 85°C
TCJD335M125#0250
D
3.3
125
85
100
105
41.2
8
250
3
900
600
400
105°C
PRODUCT CATEGORY 125°C
TEST
125°C series (Temperature range -55ºC to +125ºC)
Condition
Characteristics
Visual examination
no visible damage
DCL
1.25 x initial limit
Endurance
ΔC/C
within +20/-30% of initial value
DF
1.5 x initial limit
ESR
2 x initial limit
Visual examination
no visible damage
DCL
2 x initial limit
Storage Life
125ºC, 0V, 2000h
ΔC/C
within ±20% of initial value
DF
1.5 x initial limit
ESR
2 x initial limit
Visual examination
no visible damage
DCL
3 x initial limit
Humidity
ΔC/C
within +30/-20% of initial value
DF
1.5 x initial limit
ESR
2 x initial limit
+20ºC
-55ºC
+20ºC
+85ºC
+125ºC +20ºC
Temperature
DCL
IL*
n/a
IL*
10 x IL* 12.5xIL*
IL*
Stability
ΔC/C
n/a
+0/-20%
±5% +20/-0% +30/-0% ±5%
DF
IL*
1.5 x IL*
IL*
1.5 x IL*
2xIL*
IL*
Visual examination
no visible damage
Surge
DCL
initial limit
Voltage
ΔC/C
within +20/-30% of initial value
DF
1.25 x initial limit
Determine after application of rated voltage for
2000 +48/-0 hours at 85±2ºC and then leaving 1-2
hours at room temperature. Also determine of
125ºC temperature, category voltage for 2000
+48/-0 hours and then leaving 1-2 hours at room
temperature. Power supply impedance to be ≤3Ω.
Determine after storage without applied voltage
at 65±2ºC and 95±2% relative humidity for 500
hours and then recovery 1- 2 hours at room
temperature.
Test temperature: 125ºC+3/0ºC
Test voltage: Category voltage at 125ºC
Surge voltage: 1.3 x category voltage at 125ºC
Series protection resistance 1000±100Ω
Discharge resistance: 1000Ω
Number of cycles: 1000x
Cycle duration: 6 min; 30 sec charge,
5 min 30 sec discharge
Step
Temperature°C
Duration(min)
1
+20±2
15
2
-55+0/-3
15
3
+20±2
15
4
+85+3/-0
15
5
+125+3/-0
15
6
+20±2
15
*Initial Limit


Similar Part No. - TCJY477M0020050

ManufacturerPart #DatasheetDescription
logo
AVX Corporation
TCJY477M0020050 AVX-TCJY477M0020050 Datasheet
143Kb / 8P
   Tantalum Solid Electrolytic Chip Capacitors with Conductive Polymer Electrode
More results

Similar Description - TCJY477M0020050

ManufacturerPart #DatasheetDescription
logo
AVX Corporation
TCJB476M010R0070 AVX-TCJB476M010R0070 Datasheet
109Kb / 4P
   Tantalum Solid Electrolytic Chip Capacitors with Conductive Polymer Electrode
TCJA686M0020250 AVX-TCJA686M0020250 Datasheet
202Kb / 4P
   Tantalum Solid Electrolytic Chip Capacitors with Conductive Polymer Electrode
TCJA686M002-0250 AVX-TCJA686M002-0250 Datasheet
118Kb / 4P
   Tantalum Solid Electrolytic Chip Capacitors with Conductive Polymer Electrode
TCJB107M006R0070 AVX-TCJB107M006R0070 Datasheet
109Kb / 4P
   Tantalum Solid Electrolytic Chip Capacitors with Conductive Polymer Electrode
TCJD106M050R0120 AVX-TCJD106M050R0120 Datasheet
143Kb / 8P
   Tantalum Solid Electrolytic Chip Capacitors with Conductive Polymer Electrode
TCJB107M006R0045 AVX-TCJB107M006R0045 Datasheet
109Kb / 4P
   Tantalum Solid Electrolytic Chip Capacitors with Conductive Polymer Electrode
TCJA476M006R0200 AVX-TCJA476M006R0200 Datasheet
109Kb / 4P
   Tantalum Solid Electrolytic Chip Capacitors with Conductive Polymer Electrode
TCJD475M063R0120 AVX-TCJD475M063R0120 Datasheet
143Kb / 8P
   Tantalum Solid Electrolytic Chip Capacitors with Conductive Polymer Electrode
TCJA106M010R0300 AVX-TCJA106M010R0300 Datasheet
135Kb / 6P
   TCJ Series Tantalum solid Electrolytic Chip Capacitors With Conductive Polymer Electrode
TCJC686M006R0100 AVX-TCJC686M006R0100 Datasheet
215Kb / 6P
   TCJ Series Tantalum Solid Electrolytic Chip Capacitors with Conductive Polymer Electrode
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com