Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ADG702BRJZ-500RL7 Datasheet(PDF) 10 Page - Analog Devices

Part # ADG702BRJZ-500RL7
Description  CMOS Low Voltage 2 廓 SPST Switches
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADG702BRJZ-500RL7 Datasheet(HTML) 10 Page - Analog Devices

Back Button ADG702BRJZ-500RL7 Datasheet HTML 4Page - Analog Devices ADG702BRJZ-500RL7 Datasheet HTML 5Page - Analog Devices ADG702BRJZ-500RL7 Datasheet HTML 6Page - Analog Devices ADG702BRJZ-500RL7 Datasheet HTML 7Page - Analog Devices ADG702BRJZ-500RL7 Datasheet HTML 8Page - Analog Devices ADG702BRJZ-500RL7 Datasheet HTML 9Page - Analog Devices ADG702BRJZ-500RL7 Datasheet HTML 10Page - Analog Devices ADG702BRJZ-500RL7 Datasheet HTML 11Page - Analog Devices ADG702BRJZ-500RL7 Datasheet HTML 12Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 10 / 12 page
background image
ADG701/ADG702
Rev. C | Page 10 of 12
APPLICATIONS INFORMATION
The ADG701/ADG702 belong to the Analog Devices family
of CMOS switches. This series of general-purpose switches
has improved switching times, lower on resistance, higher
bandwidth, low power consumption, and low leakage currents.
ADG701/ADG702 SUPPLY VOLTAGES
Functionality of the ADG701/ADG702 extends from 1.8 V to
5.5 V single supply, making the parts ideal for battery-powered
instruments, where power efficiency and performance are
important design parameters.
It is important to note that the supply voltage affects the input
signal range, on resistance, and switching times of the part. The
effects of the power supplies can be clearly seen in the Typical
Performance Characteristics and the Specifications sections.
For VDD = 1.8 V operation, RON is typically 40 Ω over the
temperature range.
BANDWIDTH
Figure 18 illustrates the parasitic components that affect the ac
performance of CMOS switches (a box surrounds the switch).
Additional external capacitances further degrade performance by
affecting feedthrough, crosstalk, and system bandwidth.
VIN
SD
RON
CDS
CD
CLOAD
RLOAD
VOUT
Figure 18. Switch Represented by Equivalent Parasitic Components
The transfer function that describes the equivalent diagram of
the switch (
see Figure 18) is of the form (A)s, shown in the
following equation:
+
+
=
1
)
(
1
)
(
)
(
T
T
ON
DS
ON
T
R
C
R
s
C
R
s
R
s
A
where CT = CLOAD + CD + CDS.
The signal transfer characteristic is dependent on the switch
channel capacitance, CDS. This capacitance creates a frequency
zero in the numerator of the transfer function A(s). Because the
switch on resistance is small, this zero usually occurs at high
frequencies. The bandwidth is a function of the switch output
capacitance combined with CDS and the load capacitance. The
frequency pole corresponding to these capacitances appears in
the denominator of A(s).
The dominant effect of the output capacitance, CD, causes the pole
breakpoint frequency to occur first. To maximize bandwidth, a
switch must have a low input and output capacitance and low
on resistance. The on response vs. frequency for the ADG701/
ADG702 can be seen in Figure 10.
OFF ISOLATION
Off isolation is a measure of the input signal coupled through
an off switch to the switch output. The capacitance, CDS, couples
the input signal to the output load when the switch is off, as
shown in Figure 19.
VIN
SD
CDS
CD
CLOAD
RLOAD
VOUT
Figure 19. Off Isolation Is Affected by External Load Resistance and
Capacitance
The larger the value of CDS, the larger the values of feedthrough
produced. Figure 9 illustrates the drop in off isolation as a
function of frequency. From dc to roughly 1 MHz, the switch
shows better than −75 dB isolation. Up to frequencies of 10 MHz,
the off isolation remains better than −55 dB. As the frequency
increases, more of the input signal is coupled through to the
output. Off isolation can be maximized by choosing a switch
with the smallest CDS possible. The values of load resistance and
capacitance also affect off isolation, because they contribute to
the coefficients of the poles and zeros in the transfer function of
the switch when open.
+
+
=
1
)
)(
(
1
)
(
)
(
T
LOAD
DS
LOAD
T
C
R
s
C
R
s
R
s
A


Similar Part No. - ADG702BRJZ-500RL7

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADG702BRJZ-500RL71 AD-ADG702BRJZ-500RL71 Datasheet
271Kb / 12P
   CMOS Low Voltage 2 廓 SPST Switches
REV. C
More results

Similar Description - ADG702BRJZ-500RL7

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADG701 AD-ADG701_06 Datasheet
271Kb / 12P
   CMOS Low Voltage 2 廓 SPST Switches
REV. C
ADG711BRZ AD-ADG711BRZ Datasheet
259Kb / 16P
   CMOS Low Voltage, 4 廓 Quad, SPST Switches
REV. B
ADG711BRUZ AD-ADG711BRUZ Datasheet
259Kb / 16P
   CMOS Low Voltage, 4 廓 Quad, SPST Switches
REV. B
logo
Maxim Integrated Produc...
MAX4677 MAXIM-MAX4677_V01 Datasheet
1Mb / 13P
   2廓, Quad, SPST, CMOS Analog Switches
2021
logo
Analog Devices
ADG701L AD-ADG701L Datasheet
598Kb / 12P
   CMOS Low Voltage 2 OHM SPST Switches
REV. 0
logo
Maxim Integrated Produc...
MAX4594 MAXIM-MAX4594_V01 Datasheet
589Kb / 10P
   Low-Voltage, Single-Supply, 10廓 SPST CMOS Analog Switches
2004
MAX4501 MAXIM-MAX4501 Datasheet
313Kb / 8P
   Low-Voltage, SPST, CMOS Analog Switches
Rev 1; 11/99
MAX4502EUKT MAXIM-MAX4502EUKT Datasheet
319Kb / 8P
   Low-Voltage, SPST, CMOS Analog Switches
Rev 1; 11/99
logo
Analog Devices
ADG701 AD-ADG701 Datasheet
108Kb / 8P
   CMOS Low Voltage 2ohm SPST Switches
REV. A
logo
Maxim Integrated Produc...
MAX4610 MAXIM-MAX4610 Datasheet
1Mb / 13P
   Low-Voltage, Quad, SPST CMOS Analog Switches
Rev 2; 11/03
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com