Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TJA1051T-3 Datasheet(PDF) 2 Page - NXP Semiconductors

Part # TJA1051T-3
Description  High-speed CAN transceiver Rev. 6 ??25 March 2011
Download  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

TJA1051T-3 Datasheet(HTML) 2 Page - NXP Semiconductors

  TJA1051T-3 Datasheet HTML 1Page - NXP Semiconductors TJA1051T-3 Datasheet HTML 2Page - NXP Semiconductors TJA1051T-3 Datasheet HTML 3Page - NXP Semiconductors TJA1051T-3 Datasheet HTML 4Page - NXP Semiconductors TJA1051T-3 Datasheet HTML 5Page - NXP Semiconductors TJA1051T-3 Datasheet HTML 6Page - NXP Semiconductors TJA1051T-3 Datasheet HTML 7Page - NXP Semiconductors TJA1051T-3 Datasheet HTML 8Page - NXP Semiconductors TJA1051T-3 Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 21 page
background image
TJA1051
All information provided in this document is subject to legal disclaimers.
© NXP B.V. 2011. All rights reserved.
Product data sheet
Rev. 6 — 25 March 2011
2 of 21
NXP Semiconductors
TJA1051
High-speed CAN transceiver
2.3 Protection
High ElectroStatic Discharge (ESD) handling capability on the bus pins
Bus pins protected against transients in automotive environments
Transmit Data (TXD) dominant time-out function
Undervoltage detection on pins VCC and VIO
Thermally protected
3.
Quick reference data
4.
Ordering information
[1]
TJA1051T/3 and TJA1051TK/3 with VIO pin; TJA1051T/E with EN pin.
Table 1.
Quick reference data
Symbol
Parameter
Conditions
Min
Typ
Max
Unit
VCC
supply voltage
4.5
-
5.5
V
Vuvd(VCC)
undervoltage detection
voltage on pin VCC
3.5-
4.5V
ICC
supply current
Silent mode
0.1
1
2.5
mA
Normal mode; bus
recessive
2.5
5
10
mA
Normal mode; bus
dominant
20
50
70
mA
VESD
electrostatic discharge
voltage
IEC 61000-4-2 at pins
CANH and CANL
−8-
+8
kV
VCANH
voltage on pin CANH
no time limit; DC
limiting value
−58
-
+58
V
VCANL
voltage on pin CANL
no time limit; DC
limiting value
−58
-
+58
V
Tvj
virtual junction
temperature
−40
-
+150
°C
Table 2.
Ordering information
Type number
Package
Name
Description
Version
TJA1051T
SO8
plastic small outline package; 8 leads; body width 3.9 mm
SOT96-1
TJA1051T/3[1]
SO8
plastic small outline package; 8 leads; body width 3.9 mm
SOT96-1
TJA1051T/E[1]
SO8
plastic small outline package; 8 leads; body width 3.9 mm
SOT96-1
TJA1051TK/3[1]
HVSON8
plastic thermal enhanced very thin small outline package; no leads;
8 terminals; body 3
× 3 × 0.85 mm
SOT782-1


Similar Part No. - TJA1051T-3

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
TJA1051T-3 PHILIPS-TJA1051T-3 Datasheet
189Kb / 21P
   High-speed CAN transceiver
Rev. 6-25 March 2011
TJA1051T-3112 PHILIPS-TJA1051T-3112 Datasheet
189Kb / 21P
   High-speed CAN transceiver
Rev. 6-25 March 2011
More results

Similar Description - TJA1051T-3

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
TJA1051T-118 PHILIPS-TJA1051T-118 Datasheet
189Kb / 21P
   High-speed CAN transceiver Rev. 6 ??25 March 2011
Rev. 6-25 March 2011
PMLL4148L115 NXP-PMLL4148L115 Datasheet
122Kb / 11P
   High-speed switching diodes Rev. 8 ??1 February 2011
Rev. 8-1 February 2011
PESD3V3S1UL-315 NXP-PESD3V3S1UL-315 Datasheet
313Kb / 15P
   Unidirectional ESD protection diodes Rev. 3 ??25 October 2011
Rev. 3-25 October 2011
logo
Infineon Technologies A...
TLE7250GVIO INFINEON-TLE7250GVIO_15 Datasheet
1Mb / 23P
   High Speed CAN Transceiver
Rev. 1.1, 2014-05-07
TLE9250 INFINEON-TLE9250 Datasheet
1Mb / 28P
   High Speed CAN Transceiver
Rev. 1.0 2017-08-09
TLE8250GVIO INFINEON-TLE8250GVIO_16 Datasheet
946Kb / 26P
   High Speed CAN-Transceiver
Rev. 1.11 2016-12-29
TLE8250G INFINEON-TLE8250G Datasheet
1Mb / 23P
   High Speed CAN-Transceiver
Rev. 1.0, 2010-06-02
IFX1050G INFINEON-IFX1050G Datasheet
1Mb / 15P
   High Speed CAN-Transceiver
Rev. 1.0, 2009-05-14
TLE7250GVIO INFINEON-TLE7250GVIO Datasheet
1Mb / 23P
   High Speed CAN Transceiver
Rev. 1.0, 2012-03-14
logo
NXP Semiconductors
TJA1057 NXP-TJA1057 Datasheet
223Kb / 25P
   High-speed CAN transceiver
Rev. 6-24 August 2017
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com