Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TDZ18 Datasheet(PDF) 6 Page - Rohm

Part # TDZ18
Description  Constant voltage control
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm

TDZ18 Datasheet(HTML) 6 Page - Rohm

  TDZ18 Datasheet HTML 1Page - Rohm TDZ18 Datasheet HTML 2Page - Rohm TDZ18 Datasheet HTML 3Page - Rohm TDZ18 Datasheet HTML 4Page - Rohm TDZ18 Datasheet HTML 5Page - Rohm TDZ18 Datasheet HTML 6Page - Rohm TDZ18 Datasheet HTML 7Page - Rohm  
Zoom Inzoom in Zoom Outzoom out
 6 / 7 page
background image
www.rohm.com
© 2013 ROHM Co., Ltd. All rights reserved.
Data Sheet
TDZ30
lElectrical characteristic curves
0
0.1
0.2
0.3
0.4
0.5
0.6
0.7
0.8
0.9
1
Ta=25°C
VR=1.0V
n=10pcs
AVE : 0.082nA
100
110
120
130
140
150
160
170
180
190
200
Ta=25°C
f=1MHz
VR=0V
n=10pcs
AVE : 117.1pF
1
10
100
1000
10000
0.1
1
10
IR DISPERSION MAP
Ct DISPERSION MAP
ZENER CURRENT : IZ(mA)
ZZ -IZ CHARACTERISTICS
6/6
2013.11 - Rev.E


Similar Part No. - TDZ18

ManufacturerPart #DatasheetDescription
logo
Rohm
TDZ18 ROHM-TDZ18 Datasheet
160Kb / 5P
   Zener diode
TDZ18 ROHM-TDZ18 Datasheet
143Kb / 5P
   Zener diode
TDZ18 ROHM-TDZ18 Datasheet
143Kb / 5P
   Zener diode
TDZ18 ROHM-TDZ18 Datasheet
143Kb / 5P
   Zener diode
TDZ18 ROHM-TDZ18 Datasheet
371Kb / 7P
   Zener Diode
More results

Similar Description - TDZ18

ManufacturerPart #DatasheetDescription
logo
Rohm
UDZSTE-176.8B ROHM-UDZSTE-176.8B Datasheet
159Kb / 5P
   Constant voltage control
TDZTR27 ROHM-TDZTR27 Datasheet
356Kb / 7P
   Constant voltage control
UDZSTE-178.2B ROHM-UDZSTE-178.2B Datasheet
158Kb / 5P
   Constant voltage control
UDZSTE-1710B ROHM-UDZSTE-1710B Datasheet
158Kb / 5P
   Constant voltage control
UDZSTE-1715B ROHM-UDZSTE-1715B Datasheet
159Kb / 5P
   Constant voltage control
GDZT2R5.6 ROHM-GDZT2R5.6 Datasheet
117Kb / 5P
   Constant voltage control
MTZJT7724B ROHM-MTZJT7724B Datasheet
54Kb / 4P
   Constant voltage control
UDZSTE-1711B ROHM-UDZSTE-1711B Datasheet
159Kb / 5P
   Constant voltage control
EDZTE6112B ROHM-EDZTE6112B Datasheet
480Kb / 5P
   Constant voltage control
TDZTR7 ROHM-TDZTR7 Datasheet
356Kb / 7P
   Constant voltage control
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com