Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TLC372CDRG4 Datasheet(PDF) 5 Page - Texas Instruments

Click here to check the latest version.
Part # TLC372CDRG4
Description  Single or Dual-Supply Operation
Download  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TLC372CDRG4 Datasheet(HTML) 5 Page - Texas Instruments

  TLC372CDRG4 Datasheet HTML 1Page - Texas Instruments TLC372CDRG4 Datasheet HTML 2Page - Texas Instruments TLC372CDRG4 Datasheet HTML 3Page - Texas Instruments TLC372CDRG4 Datasheet HTML 4Page - Texas Instruments TLC372CDRG4 Datasheet HTML 5Page - Texas Instruments TLC372CDRG4 Datasheet HTML 6Page - Texas Instruments TLC372CDRG4 Datasheet HTML 7Page - Texas Instruments TLC372CDRG4 Datasheet HTML 8Page - Texas Instruments TLC372CDRG4 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 26 page
background image
TLC372
LinCMOS DUAL DIFFERENTIAL COMPARATORS
SLCS114E − NOVEMBER 1983 − REVISED JULY 2008
5
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
electrical characteristics at specified free-air temperature, VDD = 5 V, TA = 25°C (unless otherwise
noted)
PARAMETER
TEST CONDITIONS†
TLC372Y
UNIT
PARAMETER
TEST CONDITIONS†
MIN
TYP
MAX
UNIT
VIO
Input offset voltage
VIC = VICRmin,
See Note 4
1
5
mV
IIO
Input offset current
1
pA
IIB
Input bias current
5
pA
VICR
Common-mode input voltage range
0 to
VDD −1
V
IOH
High-level output current
VID = 1 V,
VOH = 5 V
0.1
nA
VOL
Low-level output voltage
VID = − 1 V,
IOL = 4 mA
150
400
mV
IOL
Low-level output current
VID = − 1 V,
VOL = 1.5 V
6
16
mA
IDD
Supply current (two comparators)
VID = 1 V,
No load
150
300
µA
† All characteristics are measured with zero common-mode input voltage unless otherwise noted. IMPORTANT: See Parameter Measurement
Information.
NOTE 4: The offset voltage limits given are the maximum values required to drive the output above 4 V or below 400 mV with a 10-k
Ω resistor
between the output and VDD. They can be verified by applying the limit value to the input and checking for the appropriate output state.
PARAMETER MEASUREMENT INFORMATION
The digital output stage of the TLC372 can be damaged if it is held in the linear region of the transfer curve.
Conventional operational amplifier/comparator testing incorporates the use of a servo loop that is designed to force
the device output to a level within this linear region. Since the servo-loop method of testing cannot be used, the
following alternatives for measuring parameters such as input offset voltage, common-mode rejection, etc., are
offered.
To verify that the input offset voltage falls within the limits specified, the limit value is applied to the input as shown
in Figure 1(a). With the noninverting input positive with respect to the inverting input, the output should be high. With
the input polarity reversed, the output should be low.
A similar test can be made to verify the input offset voltage at the common-mode extremes. The supply voltages can
be slewed as shown in Figure 1(b) for the VICR test, rather than changing the input voltages, to provide greater
accuracy.
5 V
5.1 k
VO
Applied VIO
Limit
VO
5.1 k
1 V
−4 V
+
+
(a) VIO WITH VIC = 0
(b) VIO WITH VIC = 4 V
Applied VIO
Limit
Figure 1. Method for Verifying That Input Offset Voltage is Within Specified Limits


Similar Part No. - TLC372CDRG4

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TLC372CDRG4 TI1-TLC372CDRG4 Datasheet
1Mb / 28P
[Old version datasheet]   LinCMOSE DUAL DIFFERENTIAL COMPARATORS
TLC372CDRG4 TI-TLC372CDRG4 Datasheet
1Mb / 29P
[Old version datasheet]   LinCMOS DUAL DIFFERENTIAL COMPARATORS
More results

Similar Description - TLC372CDRG4

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX41400EVKIT MAXIM-MAX41400EVKIT Datasheet
398Kb / 7P
   Single- or Dual-Supply Operation
319-100583; Rev 0; 8/20
logo
Vishay Siliconix
DG1411E VISHAY-DG1411E Datasheet
347Kb / 14P
   Supports single and dual supply operation
Rev. C, 23-Jan-17
logo
ams AG
AS3729B AMSCO-AS3729B Datasheet
448Kb / 18P
   Support for single or dual phase operation
logo
Maxim Integrated Produc...
MAX4313EVKIT MAXIM-MAX4313EVKIT Datasheet
112Kb / 4P
   Single-Supply Operation
Rev 1; 4/99
logo
Integrated Silicon Solu...
IS29LV032T ISSI-IS29LV032T Datasheet
916Kb / 47P
   Single power supply operation
logo
Maxim Integrated Produc...
MAX11504EVKIT MAXIM-MAX11504EVKIT Datasheet
170Kb / 7P
   Single 5V Supply Operation
Rev 0; 2/08
logo
Macronix International
MX25L1605A MCNIX-MX25L1605A Datasheet
973Kb / 43P
   Single Power Supply Operation
logo
National Semiconductor ...
CLC427 NSC-CLC427 Datasheet
130Kb / 8P
   Dual Voltage Feedback Amplifier for Single Supply Operation
logo
Analog Devices
OP-20 AD-OP-20 Datasheet
290Kb / 6P
   Micropower Operational Amplifier Single or Dual Supply
REV. B
OP-20 AD-OP-20_15 Datasheet
1Mb / 6P
   MICROPOWER OPERATIONAL AMPLIFIER SINGLE OR DUAL SUPPLY
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com