Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ACT8945AQJ303-T Datasheet(PDF) 8 Page - Active-Semi, Inc

Part # ACT8945AQJ303-T
Description  Advanced PMU for Atmel SAMA5D3 Series & SAM9 Series Processors
Download  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ACTIVE-SEMI [Active-Semi, Inc]
Direct Link  http://www.active-semi.com
Logo ACTIVE-SEMI - Active-Semi, Inc

ACT8945AQJ303-T Datasheet(HTML) 8 Page - Active-Semi, Inc

Back Button ACT8945AQJ303-T Datasheet HTML 4Page - Active-Semi, Inc ACT8945AQJ303-T Datasheet HTML 5Page - Active-Semi, Inc ACT8945AQJ303-T Datasheet HTML 6Page - Active-Semi, Inc ACT8945AQJ303-T Datasheet HTML 7Page - Active-Semi, Inc ACT8945AQJ303-T Datasheet HTML 8Page - Active-Semi, Inc ACT8945AQJ303-T Datasheet HTML 9Page - Active-Semi, Inc ACT8945AQJ303-T Datasheet HTML 10Page - Active-Semi, Inc ACT8945AQJ303-T Datasheet HTML 11Page - Active-Semi, Inc ACT8945AQJ303-T Datasheet HTML 12Page - Active-Semi, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 42 page
background image
ACT8945A
Rev 2, 11-Feb-14
- 8 -
www.active-semi.com
ActivePMU
TM and ActivePathTM are trademarks of Active-Semi.
I2CTM is a trademark of NXP.
Copyright © 2014 Active-Semi, Inc.
Innovative PowerTM
Active-Semi Proprietary―For Authorized Recipients and Customers
Figure 1:
I2C Compatible Serial Bus Timing
(VVSYS = 3.6V, TA = 25°C, unless otherwise specified.)
I2C INTERFACE ELECTRICAL CHARACTERISTICS
SDA
SCL
tST
tSU
tHD
tSP
tSCL
Start
condition
Stop
condition
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
SCL, SDA Input Low
VVSYS = 3.1V to 5.5V, TA = -40ºC to 85ºC
0.35
V
SCL, SDA Input High
VVSYS = 3.1V to 5.5V, TA = -40ºC to 85ºC
1.55
V
SDA Leakage Current
1
µA
SDA Output Low
IOL = 5mA
0.35
V
SCL Clock Period, tSCL
1.5
µs
SDA Data Setup Time, tSU
100
ns
SDA Data Hold Time, tHD
300
ns
Start Setup Time, tST
For Start Condition
100
ns
Stop Setup Time, tSP
For Stop Condition
100
ns
SCL Leakage Current
2
µA


Similar Part No. - ACT8945AQJ303-T

ManufacturerPart #DatasheetDescription
logo
Active-Semi, Inc
ACT8945AQJ303-T ACTIVE-SEMI-ACT8945AQJ303-T Datasheet
779Kb / 42P
   Advanced PMU for Atmel SAMA5D3 Series & SAM9 Series Processors
Rev 2, 11-Feb-14
More results

Similar Description - ACT8945AQJ303-T

ManufacturerPart #DatasheetDescription
logo
Active-Semi, Inc
ACT8865 ACTIVE-SEMI-ACT8865 Datasheet
586Kb / 30P
   Advanced PMU for Atmel SAMA5D3 Series & SAM9 Series Processors
Rev 2, 11-Feb-14
ACT8945A ACTIVE-SEMI-ACT8945A Datasheet
779Kb / 42P
   Advanced PMU for Atmel SAMA5D3 Series & SAM9 Series Processors
Rev 2, 11-Feb-14
EA8945AQJ405 ACTIVE-SEMI-EA8945AQJ405 Datasheet
1Mb / 44P
   Advanced PMU for Atmel SAMA5Dx Series & SAM9 Series Processors
Rev 6, 01-Feb-16
EA8945AQJ305 ACTIVE-SEMI-EA8945AQJ305 Datasheet
1Mb / 44P
   Advanced PMU for Atmel SAMA5Dx Series & SAM9 Series Processors
Rev 6, 01-Feb-16
ACT8865 ACTIVE-SEMI-ACT8865_16 Datasheet
824Kb / 31P
   Advanced PMU for Atmel SAMA5Dx Series & SAM9 Series Processors
Rev 7, 22-Mar-16
ACT8945A ACTIVE-SEMI-ACT8945A_16 Datasheet
1Mb / 44P
   Advanced PMU for Atmel SAMA5Dx Series & SAM9 Series Processors
Rev 6, 01-Feb-16
EA8865QI305 ACTIVE-SEMI-EA8865QI305 Datasheet
828Kb / 31P
   Advanced PMU for Atmel SAMA5Dx Series & SAM9 Series Processors
Rev 7, 22-Mar-16
ACT8946AQJ203-T ACTIVE-SEMI-ACT8946AQJ203-T Datasheet
1Mb / 37P
   Advanced PMU for Hisilicon Processors
Rev 1.0, 08-Jul-16
ACT8946A ACTIVE-SEMI-ACT8946A Datasheet
1Mb / 37P
   Advanced PMU for Hisilicon Processors
Rev 1.0, 08-Jul-16
ACT8847 ACTIVE-SEMI-ACT8847 Datasheet
83Kb / 2P
   Advanced PMU for Multi-core Application Processors
05-Dec-12
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com