Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

108457096007050 Datasheet(PDF) 11 Page - AVX Corporation

Part # 108457096007050
Description  Male Style 1/2 B Series 8457 ??2 rows (2 x 16)
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AVX [AVX Corporation]
Direct Link  http://www.avx.com
Logo AVX - AVX Corporation

108457096007050 Datasheet(HTML) 11 Page - AVX Corporation

Back Button 108457096007050 Datasheet HTML 4Page - AVX Corporation 108457096007050 Datasheet HTML 5Page - AVX Corporation 108457096007050 Datasheet HTML 6Page - AVX Corporation 108457096007050 Datasheet HTML 7Page - AVX Corporation 108457096007050 Datasheet HTML 8Page - AVX Corporation 108457096007050 Datasheet HTML 9Page - AVX Corporation 108457096007050 Datasheet HTML 10Page - AVX Corporation 108457096007050 Datasheet HTML 11Page - AVX Corporation 108457096007050 Datasheet HTML 12Page - AVX Corporation  
Zoom Inzoom in Zoom Outzoom out
 11 / 12 page
background image
23
DIMENSIONS
LOADING DESCRIPTION
Male Style C Expanded
Series 8457 – 4 rows (4 x 32)
denotes ground pin
●●●●
d
●●●●
c
●●●●
b
●●●●
a
128 contacts, rows a + b + c + d
fully loaded
●●●●
d
●●●●
c
●●●●
b
●●●●
a
126 + 2 contacts, fully loaded
with ground in A1 & A32
NB: Alternative Prefix Variations Available: 12, 16 & 17, please refer to Page 10.
Additional Plating & Loading Variations: Please contact your local AVX sales office or distributor.
Contact Design
Part Number
and
Number of
Performance classes according to DIN 41612
Termination Length
Contacts
Loading Description
II
I
3.4 mm (Y)
128
a + b + c + d fully loaded
10 8457 128 001 025
10 8457 128 001 049
Straight
126 + 2
4 rows fully loaded + ground
10 8457 128 101 025
10 8457 128 101 049
3.0 mm (Y)
128
a + b + c + d fully loaded
10 8457 128 002 025
10 8457 128 002 049
Right Angled
126 + 2
4 rows fully loaded + ground
10 8457 128 102 025
10 8457 128 102 049
Y
12.7
[0.500]
88.0
[3.465]
-0.20 [0.008]
88.9
[3.500]
±0.10 [0.004]
94.0
[3.700]
max
31 EQ SP @ 2.54 [0.100] = 78.74 [3.100]
2.54
[0.100]
GUIDE - STRIP
13.7
[0.540]
0.60
0.60
[0.024]
x
[0.024]
max
128 x ø1
[128 x ø0.039]
31 x 2.54 = 78.74 [31 x 0.100 = 3.10]
88.9
±0.1 [3.50 ± 0.004]
2 x ø2.9 -0.1
[2 x ø0.114 -0.004]
5.08
±0.1 [0.200 ±0.004]
2.54 [0.100]
2.54
[0.100]
2.54
± 0.10
[0.100
± 0.004]
d
c
b
a
5.30
± 0.10
[0.209
± 0.004]
3 x 2.54 =7.62
[3 x 0.100 = 0.300]
HOLE PATTERN


Similar Part No. - 108457096007050

ManufacturerPart #DatasheetDescription
logo
AVX Corporation
108457096007050 AVX-108457096007050 Datasheet
362Kb / 12P
   Male Style 1/2 B
More results

Similar Description - 108457096007050

ManufacturerPart #DatasheetDescription
logo
AVX Corporation
108457096002049 AVX-108457096002049 Datasheet
362Kb / 12P
   Series 8457 ??2 rows (2 x 16)
8457 AVX-8457 Datasheet
362Kb / 12P
   Male Style 1/2 B
8458 AVX-8458 Datasheet
498Kb / 11P
   Male Style 1/2 B Press-Fit
8557 AVX-8557 Datasheet
142Kb / 4P
   Male Style 1/2 C High Temperature
108557096002025 AVX-108557096002025 Datasheet
142Kb / 4P
   Male Style 1/2 C High Temperature
logo
Rosenberger Hochfrequen...
SLJ12RF-60M60M-X-00 ROSENBERGER-SLJ12RF-60M60M-X-00 Datasheet
541Kb / 2P
   1/2??JUMPER 7-16 MALE / 7-16 MALE
logo
FCI connector
86092327624765E1LF FCI-CONNECTOR-86092327624765E1LF Datasheet
92Kb / 1P
   STRAIGHT MALE STYLE R/2
logo
Rosenberger Hochfrequen...
SLJ12SP-53M60M-X-00 ROSENBERGER-SLJ12SP-53M60M-X-00 Datasheet
80Kb / 2P
   1/2" JUMPER N MALE / 7-16 MALE
SLJ12RP-53M60M-X-00 ROSENBERGER-SLJ12RP-53M60M-X-00 Datasheet
541Kb / 2P
   1/2??JUMPER N MALE / 7-16 MALE
SLJ12SF-53M60M-X-00 ROSENBERGER-SLJ12SF-53M60M-X-00 Datasheet
80Kb / 2P
   1/2 JUMPER N MALE / 7-16 MALE
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com