Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

M3L2803R3S Datasheet(PDF) 2 Page - International Rectifier

Part # M3L2803R3S
Description  HYBRID - HIGH RELIABILITY RADIATION TOLERANT DC/DC CONVERTER
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

M3L2803R3S Datasheet(HTML) 2 Page - International Rectifier

  M3L2803R3S Datasheet HTML 1Page - International Rectifier M3L2803R3S Datasheet HTML 2Page - International Rectifier M3L2803R3S Datasheet HTML 3Page - International Rectifier M3L2803R3S Datasheet HTML 4Page - International Rectifier M3L2803R3S Datasheet HTML 5Page - International Rectifier M3L2803R3S Datasheet HTML 6Page - International Rectifier M3L2803R3S Datasheet HTML 7Page - International Rectifier M3L2803R3S Datasheet HTML 8Page - International Rectifier M3L2803R3S Datasheet HTML 9Page - International Rectifier Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 12 page
background image
2
www.irf.com
M3L-SERIES
The M3L-Series converters utilize a single-ended
forward topology with resonant reset. The nominal
switching frequency is 500kHz. Electrical isolation
and tight output regulation are achieved through the
use of a magnetically coupled feedback. Voltage
feed-forward with duty factor limiting provides high
line rejection and protection against output over
voltage in the event of an internal control loop failure.
This mechanism limits the maximum output voltage
to approximately 20% over the nominal regardless of
the line voltage.
Circuit Description
An internal EMI filter allows the converter to meet the
conducted emissions requirements of MIL-STD-461C
on the input power leads. A single-stage output filter
reduces the typical output ripple to less than 50mV
peak-to-peak.
Output current is limited under any load fault condition
to approximately 125% of rated. An overload
condition causes the converter output to behave like
a constant current source with the output voltage
dropping below nominal. The converter will resume
normal operation when the load current is reduced
below the current limit point. This protects the
converter from both overload and short circuit
conditions. The current limit point exhibits a slightly
negative temperature coefficient to reduce the
possibility of thermal runaway.
An external inhibit port is provided to control converter
operation. The converter’s operation is inhibited
when this pin is pulled low. It is intended to be driven
by an open collector logic device. The pin may be
left open for normal operation and has a nominal
open circuit voltage of 10.5V with respect to the input
return (pin 2).
The output voltage of all models can be adjusted
using a single external resistor.
Design Methodology
The M3L-Series was developed using a proven
conservative design methodology which includes
selecting radiation tolerance and established
reliability components and fully derating to the
requirements of MIL-STD-975 and MIL-STD-1547.
Heavy derating of the power MOSFET gate and drain
voltages minimize the possibility of SEGR and SEB.
A magnetic feedback circuit is utilized instead of opto-
couplers to minimize temperature, radiation and
aging sensitivity. PSPICE was used extensively to
predict and optimize circuit performance for both
beginning and end-of-life. Thorough design
analyses include Radiation Susceptibility ( TREE ),
Stress, Thermal, and Reliability ( MTBF ).


Similar Part No. - M3L2803R3S

ManufacturerPart #DatasheetDescription
logo
International Rectifier
M3L2803R3S IRF-M3L2803R3S Datasheet
88Kb / 11P
   ADVANCED ANALOG HIGH RELIABILITY RADIATION TOLERANT DC/DC CONVERTERS
M3L2803R3S IRF-M3L2803R3S Datasheet
336Kb / 13P
   HYBRID-HIGH RELIABILITY RADIATION TOLERANT DC-DC CONVERTER
More results

Similar Description - M3L2803R3S

ManufacturerPart #DatasheetDescription
logo
International Rectifier
AMR2815D IRF-AMR2815D_16 Datasheet
315Kb / 8P
   HYBRID-HIGH RELIABILITY RADIATION TOLERANT DC-DC CONVERTER
M3L2005S IRF-M3L2005S Datasheet
336Kb / 13P
   HYBRID-HIGH RELIABILITY RADIATION TOLERANT DC-DC CONVERTER
ARH2805S IRF-ARH2805S_16 Datasheet
457Kb / 13P
   HYBRID-HIGH RELIABILITY RADIATION TOLERANT DC-DC CONVERTER
AMF28XXS IRF-AMF28XXS Datasheet
127Kb / 7P
   HYBRID - HIGH RELIABILITY RADIATION TOLERANT DC/DC CONVERTER
AMR2803R3SCH IRF-AMR2803R3SCH Datasheet
127Kb / 7P
   HYBRID - HIGH RELIABILITY RADIATION TOLERANT DC-DC CONVERTER
AMF2800S IRF-AMF2800S_15 Datasheet
129Kb / 7P
   HYBRID - HIGH RELIABILITY RADIATION TOLERANT DC-DC CONVERTER
AMR28XXS IRF-AMR28XXS Datasheet
121Kb / 7P
   HYBRID - HIGH RELIABILITY RADIATION TOLERANT DC/DC CONVERTER
AMA2800S IRF-AMA2800S_15 Datasheet
132Kb / 7P
   HYBRID - HIGH RELIABILITY RADIATION TOLERANT DC-DC CONVERTER
AMR28XXD IRF-AMR28XXD Datasheet
128Kb / 7P
   HYBRID - HIGH RELIABILITY RADIATION TOLERANT DC/DC CONVERTER
M3G500512T IRF-M3G500512T Datasheet
152Kb / 10P
   HYBRID - HIGH RELIABILITY RADIATION TOLERANT DC/DC CONVERTER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com