Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MAH1000503R30812Q Datasheet(PDF) 6 Page - International Rectifier

Part # MAH1000503R30812Q
Description  HIGH RELIABILITY RADIATION HARDENED QUAD OUTPUT DC-DC CONVERTER
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

MAH1000503R30812Q Datasheet(HTML) 6 Page - International Rectifier

Back Button MAH1000503R30812Q Datasheet HTML 2Page - International Rectifier MAH1000503R30812Q Datasheet HTML 3Page - International Rectifier MAH1000503R30812Q Datasheet HTML 4Page - International Rectifier MAH1000503R30812Q Datasheet HTML 5Page - International Rectifier MAH1000503R30812Q Datasheet HTML 6Page - International Rectifier MAH1000503R30812Q Datasheet HTML 7Page - International Rectifier MAH1000503R30812Q Datasheet HTML 8Page - International Rectifier MAH1000503R30812Q Datasheet HTML 9Page - International Rectifier MAH1000503R30812Q Datasheet HTML 10Page - International Rectifier Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 20 page
background image
6
www.irf.com
MAH1000503R30812Q
(100V Input, Quad Output)
Electrical Performance Characteristics (continued)
Notes: Specification and Electrical Performance Characteristics Tables
1.
Parameter is tested as part of design characterization or after design changes. Thereafter, parameter shall
be guaranteed to the limits specified.
2.
Guaranteed for a D.C. to 50MHz bandwidth. Tested using a 10.7MHz bandwidth.
3.
Load current step transition time
≥ 10 µs.
4.
Recovery time is measured from the initiation of the transient to where VOUT has returned to within ±1% of
its steady state value.
5.
Turn-on delay time from application of telecommand pulse to the point where Output 3 = 90% of nominal
output voltage.
6.
Capacitive load may be any value from 0 to the maximum limit without compromising the output sequencing
performance. A capacitive load in excess of the maximum limit may influence the output sequencing
performance and start-up time, converter operation and dc performance will remain intact.
7.
The switching frequency and 1st and 2nd harmonic of the input ripple is tested on every unit.
8.
MIL-HDBK-217F2 stress-dependent method is used with 2 exceptions: For soldering a fixed failure rate at
0.035FIT is used and for power MOSFETs the dissipated power (instead of rated power) is used for the Pr
parameter. 1 FIT is 1 failure in 109 hours.
9.
The converter meets full derating per EEE-INST-002 and ECSS-Q-30-11A with the following exception: For
Schottky diode JANS1N5819 a maximum derated junction temperature of +110°C. For EEE-INST-002 it is
required that ceramic capacitors with a voltage stress below 10V shall be rated for minimum 100V - in the
product such capacitors is rated for 50V minimum.
10. Although operation temperatures between -55°C to +100°C and -40°C to+75°C is guaranteed, no
parameter limits are specified.
11. The +12V output is only protected against hard short circuit up to an interface temperature of +40°C
Electrical Performance Characteristics - Definition of Conditions
Conditions
-40°C
≤ TC ≤ +75°C
VIN = 100V DC ± 5%, CL = 0
Parameter
Condition
unless otherwise specified
Min.
Nom.
Max.
Unit
EMC conducted
IOUT = 100% rated load
susceptibility (Line Rejection)
1
Primary power sine wave injection of
90
100
dB
3VP-P, 100Hz to 1.0MHz, Note 1
Electromagnetic Interference
IOUT = 100% rated load
(EMI), Conducted Emission
1
Notes 1, 7
(CE)
Isolation
1
Input to Output, any potential to
10
M
telecommand input and any potential
to telemetry output, test @ 100VDC
Device Weight
90
g
Failure Rate
MIL-HDBK-217F2, SF, 35°C, Note 8
100
FITs
Limits per Fig. 2
Limits
Condition Definition
Comment
1
BOL @ +25°C interface temperature
Initial setting
2
BOL @ -40°C to +75°C interface temperature Initial setting and worst case temperature variation
3
EOL @ -40°C to +75°C interface temperature Worst case performance including initial setting,
temperature variation, aging and radiation degradation


Similar Part No. - MAH1000503R30812Q

ManufacturerPart #DatasheetDescription
logo
International Rectifier
MAH1000503R30812Q IRF-MAH1000503R30812Q Datasheet
1Mb / 20P
   100V Input, Quad Output
MAH1000503R30812Q IRF-MAH1000503R30812Q_15 Datasheet
1Mb / 20P
   100V Input, Quad Output
More results

Similar Description - MAH1000503R30812Q

ManufacturerPart #DatasheetDescription
logo
International Rectifier
MAH10005050812Q IRF-MAH10005050812Q Datasheet
317Kb / 20P
   HIGH RELIABILITY RADIATION HARDENED QUAD OUTPUT DC-DC CONVERTER
M3G2803R305R4T IRF-M3G2803R305R4T Datasheet
146Kb / 9P
   HIGH RELIABILITY RADIATION HARDENED DC-DC CONVERTER
logo
Infineon Technologies A...
M3H280515T INFINEON-M3H280515T Datasheet
289Kb / 9P
   HIGH RELIABILITY RADIATION HARDENED DC-DC CONVERTER
2016-04-19
logo
International Rectifier
GHP2805S IRF-GHP2805S Datasheet
392Kb / 12P
   HYBRID-HIGH RELIABILITY RADIATION HARDENED DC-DC CONVERTER
M3G7003R3S IRF-M3G7003R3S_16 Datasheet
400Kb / 13P
   HYBRID-HIGH RELIABILITY RADIATION HARDENED DC-DC CONVERTER
M3GB2805S IRF-M3GB2805S Datasheet
263Kb / 13P
   HYBRID - HIGH RELIABILITY RADIATION HARDENED DC-DC CONVERTER
GHP7005S IRF-GHP7005S Datasheet
392Kb / 12P
   HYBRID-HIGH RELIABILITY RADIATION HARDENED DC-DC CONVERTER
M3G5003R3S IRF-M3G5003R3S_16 Datasheet
402Kb / 13P
   HYBRID-HIGH RELIABILITY RADIATION HARDENED DC-DC CONVERTER
LS2801R5S IRF-LS2801R5S_12 Datasheet
249Kb / 16P
   HYBRID - HIGH RELIABILITY RADIATION HARDENED DC-DC CONVERTER
LSO2805S IRF-LSO2805S Datasheet
516Kb / 18P
   HYBRID-HIGH RELIABILITY RADIATION HARDENED DC-DC CONVERTER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com