Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ML1000605DEBB Datasheet(PDF) 5 Page - International Rectifier

Part # ML1000605DEBB
Description  HIGH RELIABILITY RADIATION HARDENED LOW POWER DC-DC CONVERTER
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

ML1000605DEBB Datasheet(HTML) 5 Page - International Rectifier

  ML1000605DEBB Datasheet HTML 1Page - International Rectifier ML1000605DEBB Datasheet HTML 2Page - International Rectifier ML1000605DEBB Datasheet HTML 3Page - International Rectifier ML1000605DEBB Datasheet HTML 4Page - International Rectifier ML1000605DEBB Datasheet HTML 5Page - International Rectifier ML1000605DEBB Datasheet HTML 6Page - International Rectifier ML1000605DEBB Datasheet HTML 7Page - International Rectifier ML1000605DEBB Datasheet HTML 8Page - International Rectifier ML1000605DEBB Datasheet HTML 9Page - International Rectifier Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 17 page
background image
www.irf.com
5
ML1000605D
(100V Input, Dual Output)
Electrical Performance Characteristics (continued)
Notes: Specification and Electrical Performance Characteristics Tables
1.
Parameter is tested as part of design characterization or after design changes. Thereafter, parameter shall
be guaranteed to the limits specified.
2.
Guaranteed for a D.C. to 50MHz bandwidth. Tested using a 10.7MHz bandwidth.
3.
Load current step transition time
≥ 10 µs.
4.
Recovery time is measured from the initiation of the transient to where VOUT has returned to within ±1% of
its steady state value.
5.
Turn-on delay time from application of telecommand pulse to the point where Output 2 = 98% of nominal
output voltage.
6.
Capacitive load may be any value from 0 to the maximum limit without compromising the output sequencing
performance. A capacitive load in excess of the maximum limit may influence the output sequencing
performance and start-up time, converter operation and dc performance will remain intact.
7.
The switching frequency and 1st and 2nd harmonic of the input ripple is tested on every unit.
8.
MIL-HDBK-217F2 stress-dependent method is used with 2 exceptions: For soldering a fixed failure rate at
0.035FIT is used and for power MOSFETs the dissipated power (instead of rated power) is used for the Pr
parameter. 1 FIT is 1 failure in 109 hours.
9.
The converter meets full derating per EEE-INST-002 and ECSS-Q-30-11A with the following exception: For
Schottky diode JANS1N5819 a maximum derated junction temperature of +110°C. For EEE-INST-002 it is
required that ceramic capacitors with a voltage stress below 10V shall be rated for minimum 100V - in the
product such capacitors is rated for 50V minimum.
10. Although operation temperatures between -55°C to +100°C and -40°C to+75°C is guaranteed, no
parameter limits are specified.
Electrical Performance Characteristics - Definition of Conditions
Condition Definition
Comment
1
BOL @ +25°C interface temperature
Initial setting
2
BOL @ -40°C to +75°C interface temperature Initial setting and worst case temperature variation
3
EOL @ -40°C to +75°C interface temperature Worst case performance including initial setting,
temperature variation, aging and radiation degradation
Limits
Parameter
Condition
Conditions
-40
°C ≤ Tc ≤ +75°C
VIN = 100V DC ± 0.5%, CL = 0µF
unless otherwise specified
Min
Nom
Max
Unit
EMC conducted
susceptibility
(Line rejection)
1
IOUT = 100% rated load
Primary power sine wave injection of
2Vp-p, 100Hz to 1MHz, Note 1
96
110
dB
Electromagnetic Interference
(EMI), conducted emission
(CE)
1
IOUT = 100% rated load, Notes 1, 7
Limits per Figures 4 and 5
Isolation
1
Input to Output, any potential to
telecommand input and any potential to
telemetry output, test @ 100VDC
10
M
Device Weight
50
g
Failure Rate
MIL-HDBK-217F2, SF, 35
°C, Note 8
60
FITs


Similar Part No. - ML1000605DEBB

ManufacturerPart #DatasheetDescription
logo
International Rectifier
ML1000605D IRF-ML1000605D Datasheet
875Kb / 17P
   100V Input, Dual Output
ML1000605D IRF-ML1000605D_15 Datasheet
875Kb / 17P
   100V Input, Dual Output
More results

Similar Description - ML1000605DEBB

ManufacturerPart #DatasheetDescription
logo
International Rectifier
M3G2803R305R4T IRF-M3G2803R305R4T Datasheet
146Kb / 9P
   HIGH RELIABILITY RADIATION HARDENED DC-DC CONVERTER
logo
Infineon Technologies A...
M3H280515T INFINEON-M3H280515T Datasheet
289Kb / 9P
   HIGH RELIABILITY RADIATION HARDENED DC-DC CONVERTER
2016-04-19
logo
International Rectifier
S2800 IRF-S2800 Datasheet
138Kb / 9P
   HYBRID-HIGH RELIABILITY RADIATION HARDENED LOW POWER DC-DC CONVERTER
GHP2805S IRF-GHP2805S Datasheet
392Kb / 12P
   HYBRID-HIGH RELIABILITY RADIATION HARDENED DC-DC CONVERTER
M3G7003R3S IRF-M3G7003R3S_16 Datasheet
400Kb / 13P
   HYBRID-HIGH RELIABILITY RADIATION HARDENED DC-DC CONVERTER
M3GB2805S IRF-M3GB2805S Datasheet
263Kb / 13P
   HYBRID - HIGH RELIABILITY RADIATION HARDENED DC-DC CONVERTER
GHP7005S IRF-GHP7005S Datasheet
392Kb / 12P
   HYBRID-HIGH RELIABILITY RADIATION HARDENED DC-DC CONVERTER
M3G5003R3S IRF-M3G5003R3S_16 Datasheet
402Kb / 13P
   HYBRID-HIGH RELIABILITY RADIATION HARDENED DC-DC CONVERTER
LS2801R5S IRF-LS2801R5S_12 Datasheet
249Kb / 16P
   HYBRID - HIGH RELIABILITY RADIATION HARDENED DC-DC CONVERTER
LSO2805S IRF-LSO2805S Datasheet
516Kb / 18P
   HYBRID-HIGH RELIABILITY RADIATION HARDENED DC-DC CONVERTER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com