Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PS2761B-1 Datasheet(PDF) 4 Page - California Eastern Labs

Part # PS2761B-1
Description  4-PIN SOP PHOTOCOUPLER OPERATING AMBIENT TEMPERATURE 110째C
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CEL [California Eastern Labs]
Direct Link  http://www.cel.com
Logo CEL - California Eastern Labs

PS2761B-1 Datasheet(HTML) 4 Page - California Eastern Labs

  PS2761B-1 Datasheet HTML 1Page - California Eastern Labs PS2761B-1 Datasheet HTML 2Page - California Eastern Labs PS2761B-1 Datasheet HTML 3Page - California Eastern Labs PS2761B-1 Datasheet HTML 4Page - California Eastern Labs PS2761B-1 Datasheet HTML 5Page - California Eastern Labs PS2761B-1 Datasheet HTML 6Page - California Eastern Labs PS2761B-1 Datasheet HTML 7Page - California Eastern Labs PS2761B-1 Datasheet HTML 8Page - California Eastern Labs PS2761B-1 Datasheet HTML 9Page - California Eastern Labs Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 13 page
background image
Data Sheet PN10651EJ03V0DS
4
PS2761B-1
ELECTRICAL CHARACTERISTICS (TA = 25
°C)
Parameter
Symbol
Conditions
MIN.
TYP.
MAX.
Unit
Diode
Forward Voltage
VF
IF = 5 mA
1.1
1.4
V
Reverse Current
IR
VR = 5 V
5
µA
Terminal Capacitance
Ct
V = 0 V, f = 1 MHz
15
pF
Transistor
Collector to Emitter Dark
Current
ICEO
IF = 0 mA, VCE = 24 V
100
nA
Coupled
CTR
IF = 5 mA, VCE = 5 V
50
100
400
%
Current Transfer Ratio
(IC/IF)
*1
IF = 1 mA, VCE = 5 V
10
50
Collector Saturation
Voltage
VCE (sat)
IF = 10 mA, IC = 2 mA
0.3
V
Isolation Resistance
RI-O
VI-O = 1 kVDC
10
11
Isolation Capacitance
CI-O
V = 0 V, f = 1 MHz
0.4
pF
Rise Time
*2
tr
VCC = 5 V, IC = 2 mA, RL = 100
4
µs
Fall Time
*2
tf
5
*1 CTR rank
CTR rank
CTR (%)
Conditions
K
200 to 400
IF = 5 mA, VCE = 5 V
40 to
IF = 1 mA, VCE = 5 V
L
100 to 300
IF = 5 mA, VCE = 5 V
20 to
IF = 1 mA, VCE = 5 V
M
50 to 150
IF = 5 mA, VCE = 5 V
10 to
IF = 1 mA, VCE = 5 V
N
50 to 400
IF = 5 mA, VCE = 5 V
10 to
IF = 1 mA, VCE = 5 V
*2 Test circuit for switching time
VCC
VOUT
IF
RL = 100
50
Input
Output
In monitor
PW = 100 s
Duty cycle = 1/10
µ
90%
10%
tr
td
tf
ts
ton
toff


Similar Part No. - PS2761B-1

ManufacturerPart #DatasheetDescription
logo
NEC
PS2761B-1 NEC-PS2761B-1 Datasheet
130Kb / 13P
   4-PIN SOP PHOTOCOUPLER OPERATING AMBIENT TEMPERATURE 110째C
logo
Renesas Technology Corp
PS2761B-1 RENESAS-PS2761B-1 Datasheet
5Mb / 15P
   4-PIN SOP PHOTOCOUPLER OPERATING AMBIENT TEMPERATURE 110C
Jun 19, 2019
logo
NEC
PS2761B-1-A NEC-PS2761B-1-A Datasheet
130Kb / 13P
   4-PIN SOP PHOTOCOUPLER OPERATING AMBIENT TEMPERATURE 110째C
PS2761B-1-F3 NEC-PS2761B-1-F3 Datasheet
130Kb / 13P
   4-PIN SOP PHOTOCOUPLER OPERATING AMBIENT TEMPERATURE 110째C
PS2761B-1-F3-A NEC-PS2761B-1-F3-A Datasheet
130Kb / 13P
   4-PIN SOP PHOTOCOUPLER OPERATING AMBIENT TEMPERATURE 110째C
More results

Similar Description - PS2761B-1

ManufacturerPart #DatasheetDescription
logo
NEC
PS2761B-1 NEC-PS2761B-1 Datasheet
130Kb / 13P
   4-PIN SOP PHOTOCOUPLER OPERATING AMBIENT TEMPERATURE 110째C
logo
Renesas Technology Corp
PS2861B-1 RENESAS-PS2861B-1 Datasheet
255Kb / 15P
   4-PIN SSOP PHOTOCOUPLER OPERATING AMBIENT TEMPERATURE 110째C
PS2861B-1 RENESAS-PS2861B-1_15 Datasheet
292Kb / 15P
   4-PIN SSOP PHOTOCOUPLER OPERATING AMBIENT TEMPERATURE 110째C
PS2761B-1 RENESAS-PS2761B-1 Datasheet
5Mb / 15P
   4-PIN SOP PHOTOCOUPLER OPERATING AMBIENT TEMPERATURE 110C
Jun 19, 2019
PS2561D-1 RENESAS-PS2561D-1 Datasheet
175Kb / 19P
   DIP PHOTOCOUPLER OPERATING AMBIENT TEMPERATURE 110째C
PS2561B-1 RENESAS-PS2561B-1_15 Datasheet
281Kb / 18P
   DIP PHOTOCOUPLER OPERATING AMBIENT TEMPERATURE 110째C
PS2561F-1 RENESAS-PS2561F-1_15 Datasheet
243Kb / 15P
   DIP PHOTOCOUPLER, OPERATING AMBIENT TEMPERATURE 110째C
PS2561F-1 RENESAS-PS2561F-1 Datasheet
251Kb / 15P
   DIP PHOTOCOUPLER, OPERATING AMBIENT TEMPERATURE 110째C
logo
California Eastern Labs
PS2561F-1 CEL-PS2561F-1 Datasheet
1Mb / 14P
   DIP PHOTOCOUPLER, OPERATING AMBIENT TEMPERATURE 110째C
logo
NEC
PS2561B-1 NEC-PS2561B-1 Datasheet
179Kb / 17P
   DIP PHOTOCOUPLER OPERATING AMBIENT TEMPERATURE 110째C
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com